Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AOKS40B65H1 Fiches technique(PDF) 4 Page - Alpha & Omega Semiconductors

No de pièce AOKS40B65H1
Description  High efficient turn-on di/dt controllability
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AOSMD [Alpha & Omega Semiconductors]
Site Internet  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOKS40B65H1 Fiches technique(HTML) 4 Page - Alpha & Omega Semiconductors

  AOKS40B65H1 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOKS40B65H1 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOKS40B65H1 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOKS40B65H1 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOKS40B65H1 Datasheet HTML 5Page - Alpha & Omega Semiconductors AOKS40B65H1 Datasheet HTML 6Page - Alpha & Omega Semiconductors AOKS40B65H1 Datasheet HTML 7Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
0
50
100
150
200
250
300
350
25
50
75
100
125
150
175
T
CASE(°C)
Figure 9: Power Disspation as a Function of Case
1
10
100
1000
10000
0
8
16
24
32
40
V
CE(V)
Figure 7: Capacitance Characteristic
C
ies
C
res
C
oes
0
3
6
9
12
15
0
15
30
45
60
75
Q
g(nC)
Figure 6: Gate-Charge Characteristics
V
CE=520V
I
C=40A
0
20
40
60
80
100
25
50
75
100
125
150
175
T
CASE(°C)
Figure 10: Current De-rating
1
10
100
1000
10000
25
50
75
100
125
150
175
T
J (°C)
Figure 11: Switching Time vs.T
j
(V
GE=15V,VCE=400V,IC=40A,Rg=7.5Ω)
Td(off)
Tf
Td(on)
Tr
Rev.1.0: April 2015
www.aosmd.com
Page 4 of 7


Numéro de pièce similaire - AOKS40B65H1

FabricantNo de pièceFiches techniqueDescription
logo
Alpha & Omega Semicondu...
AOKS40B65H1 AOSMD-AOKS40B65H1 Datasheet
19Kb / 1P
   TO247 PACKAGE MARKING DESCRIPTION
More results

Description similaire - AOKS40B65H1

FabricantNo de pièceFiches techniqueDescription
logo
Alpha & Omega Semicondu...
AOKS30B60D1 AOSMD-AOKS30B60D1 Datasheet
412Kb / 7P
   High efficient turn-on di/dt controllability
AOKS40B60D1 AOSMD-AOKS40B60D1 Datasheet
416Kb / 7P
   High efficient turn-on di/dt controllability
logo
Infineon Technologies A...
AUIRFZ44NS INFINEON-AUIRFZ44NS Datasheet
643Kb / 11P
   Dynamic dV/dT and dI/dT capability
2015-10-27
logo
Analog Devices
ADE7759 AD-ADE7759 Datasheet
530Kb / 32P
   Active Energy Metering IC with di/dt Sensor Interface
REV. 0
ADE7759 AD-ADE7759_15 Datasheet
466Kb / 36P
   Active Energy Metering IC with di/dt Sensor Interface
REV. A
ADE7753 AD-ADE7753_15 Datasheet
725Kb / 60P
   Single-Phase Multifunction Metering IC with di/dt Sensor Interface
REV. C
ADE7753 AD-ADE7753_10 Datasheet
725Kb / 60P
   Single-Phase Multifunction Metering IC with di/dt Sensor Interface
REV. C
ADE7753 AD-ADE7753 Datasheet
449Kb / 37P
   Active and Apparent Energy Metering IC with di/dt sensor interface
REV. PrF 10/02
logo
Nanjing International G...
BAS70WS DGNJDZ-BAS70WS Datasheet
984Kb / 1P
   Low Turn-on Voltage
logo
SHENZHEN YONGERJIA INDU...
BAT54WS WINNERJOIN-BAT54WS Datasheet
230Kb / 3P
   Low turn-on voltage.
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com