Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TCA9534ADWR Fiches technique(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No de pièce TCA9534ADWR
Description  Low Voltage 8-Bit I2C and SMBUS Low-Power I/O Expander with Interrupt Output and Configuration Registers
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TCA9534ADWR Fiches technique(HTML) 3 Page - Texas Instruments

  TCA9534ADWR Datasheet HTML 1Page - Texas Instruments TCA9534ADWR Datasheet HTML 2Page - Texas Instruments TCA9534ADWR Datasheet HTML 3Page - Texas Instruments TCA9534ADWR Datasheet HTML 4Page - Texas Instruments TCA9534ADWR Datasheet HTML 5Page - Texas Instruments TCA9534ADWR Datasheet HTML 6Page - Texas Instruments TCA9534ADWR Datasheet HTML 7Page - Texas Instruments TCA9534ADWR Datasheet HTML 8Page - Texas Instruments TCA9534ADWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
A0
A1
A2
P0
P1
P2
P3
GND
VCC
SDA
SCL
INT
P7
P6
P5
P4
3
TCA9534A
www.ti.com
SCPS198B – SEPTEMBER 2014 – REVISED DECEMBER 2016
Product Folder Links: TCA9534A
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
5 Pin Configuration and Functions
PW and DW Package
16-Pin TSSOP and SOIC
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NO.
NAME
1
A0
I
Address input. Connect directly to VCC or ground
2
A1
I
Address input. Connect directly to VCC or ground
3
A2
I
Address input. Connect directly to VCC or ground
4
P0
I/O
P-port input-output. Push-pull design structure. At power on,
P0 is configured as an input
5
P1
I/O
P-port input-output. Push-pull design structure. At power on,
P1 is configured as an input
6
P2
I/O
P-port input-output. Push-pull design structure. At power on,
P2 is configured as an input
7
P3
I/O
P-port input-output. Push-pull design structure. At power on,
P3 is configured as an input
8
GND
Ground
9
P4
I/O
P-port input-output. Push-pull design structure. At power on,
P4 is configured as an input
10
P5
I/O
P-port input-output. Push-pull design structure. At power on,
P5 is configured as an input
11
P6
I/O
P-port input-output. Push-pull design structure. At power on,
P6 is configured as an input
12
P7
I/O
P-port input-output. Push-pull design structure. At power on,
P7 is configured as an input
13
INT
O
Interrupt output. Connect to VCC through a pull-up resistor
14
SCL
I
Serial clock bus. Connect to VCC through a pull-up resistor
15
SDA
I/O
Serial data bus. Connect to VCC through a pull-up resistor
16
VCC
Supply voltage


Numéro de pièce similaire - TCA9534ADWR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TCA9534A TI1-TCA9534A Datasheet
935Kb / 34P
[Old version datasheet]   Low Voltage 8-Bit I2C and SMBUS Low-Power I/O Expander With Interrupt Output and Configuration Registers
TCA9534APWR TI1-TCA9534APWR Datasheet
935Kb / 34P
[Old version datasheet]   Low Voltage 8-Bit I2C and SMBUS Low-Power I/O Expander With Interrupt Output and Configuration Registers
More results

Description similaire - TCA9534ADWR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TCA9554 TI1-TCA9554 Datasheet
663Kb / 31P
[Old version datasheet]   LOW VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
TCA9534 TI1-TCA9534 Datasheet
935Kb / 34P
[Old version datasheet]   Low Voltage 8-Bit I2C and SMBUS Low-Power I/O Expander With Interrupt Output and Configuration Registers
TCA9534A TI1-TCA9534A Datasheet
935Kb / 34P
[Old version datasheet]   Low Voltage 8-Bit I2C and SMBUS Low-Power I/O Expander With Interrupt Output and Configuration Registers
TCA9534 TI1-TCA9534_16 Datasheet
1Mb / 38P
[Old version datasheet]   Low Voltage 8-Bit I2C and SMBUS Low-Power I/O Expander with Interrupt Output and Configuration Registers
TCA9554A TI1-TCA9554A_16 Datasheet
1Mb / 39P
[Old version datasheet]   Low Voltage 8-Bit I2C and SMBus Low-Power I/O Expander With Interrupt Output and Configuration Registers
TCA9554 TI1-TCA9554_16 Datasheet
1Mb / 39P
[Old version datasheet]   Low Voltage 8-Bit I2C and SMBus Low-Power I/O Expander With Interrupt Output and Configuration Registers
TCA6408A TI1-TCA6408A Datasheet
932Kb / 35P
[Old version datasheet]   LOW-VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA9554A TI1-TCA9554A_15 Datasheet
1Mb / 38P
[Old version datasheet]   TCA9554A Low Voltage 8-Bit I2C and SMBus Low-Power I/O Expander With Interrupt Output and Configuration Registers
TCA6408 TI-TCA6408 Datasheet
841Kb / 30P
[Old version datasheet]   LOW-VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6408 TI-TCA6408_09 Datasheet
927Kb / 31P
[Old version datasheet]   LOW-VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com