Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCPL-3700S Fiches technique(PDF) 1 Page - Fairchild Semiconductor

No de pièce HCPL-3700S
Description  AC/DC TO LOGIC INTERFACE OPTOCOUPLER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HCPL-3700S Fiches technique(HTML) 1 Page - Fairchild Semiconductor

  HCPL-3700S Datasheet HTML 1Page - Fairchild Semiconductor HCPL-3700S Datasheet HTML 2Page - Fairchild Semiconductor HCPL-3700S Datasheet HTML 3Page - Fairchild Semiconductor HCPL-3700S Datasheet HTML 4Page - Fairchild Semiconductor HCPL-3700S Datasheet HTML 5Page - Fairchild Semiconductor HCPL-3700S Datasheet HTML 6Page - Fairchild Semiconductor HCPL-3700S Datasheet HTML 7Page - Fairchild Semiconductor HCPL-3700S Datasheet HTML 8Page - Fairchild Semiconductor HCPL-3700S Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
11/8/04
Page 1 of 11
© 2003 Fairchild Semiconductor Corporation
AC/DC TO LOGIC INTERFACE
OPTOCOUPLER
HCPL-3700
DESCRIPTION
The HCPL-3700 voltage/current threshold detection optocoupler consists of an
AlGaAs LED connected to a threshold sensing input buffer IC which are optically
coupled to a high gain darlington output. The input buffer chip is capable of con-
trolling threshold levels over a wide range of input voltages with a single resistor.
The output is TTL and CMOS compatible.
FEATURES
AC or DC input
Programmable sense voltage
Logic level compatibility
Threshold guaranteed over temperature
(0°C to 70°C)
Optoplanar™ construction for high
common mode immunity
UL recognized (file # E90700)
APPLICATIONS
Low voltage detection
5 V to 240 V AC/DC voltage sensing
Relay contact monitor
Current sensing
Microprocessor Interface
Industrial controls
ABSOLUTE MAXIMUM RATINGS (No derating required up to 70°C)
Parameter
Symbol
Value
Units
Storage Temperature
TSTG
-55 to +125
°C
Operating Temperature
TOPR
-40 to +85
°C
Lead Solder Temperature
TSOL
260 for 10 sec
°C
EMITTER
Average
IIN
50 (MAX)
mA
Input Current
Surge
3 ms, 120 Hz Pulse Rate
140 (MAX)
Transient
10 µs, 120 Hz Pulse Rate
500 (MAX)
Input Voltage (Pins 2-3)
VIN
-0.5 (MIN)
V
Input Power Dissipation
(Note 1)
PIN
230 (MAX)
mW
Total Package Power Dissipation
(Note 2)
PT
305 (MAX)
mW
DETECTOR
Output Current
(Average)
(Note 3)
IO
30 (MAX)
mA
Supply Voltage
(Pins 8-5)
VCC
-0.5 to 20
V
Output Voltage
(Pins 6-5)
VO
-0.5 to 20
V
Output Power Dissipation
(Note 4)
PO
210 (MAX)
mW
8
8
1
8
1
1
TRUTH TABLE
(Positive Logic)
A 0.1 µF bypass capacitor
must be connected between
pins 8 and 5.
Input
Output
HL
LH
1
2
3
45
8
6
7
AC
DC+
DC-
AC
GND
V
NC
VO
CC
AC/DC
POWER
LOGIC
R X
HCPL-3700
GND 1
GND 2


Numéro de pièce similaire - HCPL-3700S

FabricantNo de pièceFiches techniqueDescription
logo
Agilent(Hewlett-Packard...
HCPL-3700 HP-HCPL-3700 Datasheet
230Kb / 13P
   AC/DC to Logic Interface Optocouplers
logo
Fairchild Semiconductor
HCPL-3700 FAIRCHILD-HCPL-3700 Datasheet
525Kb / 10P
   AC/DC TO LOGIC INTERFACE OPTOCOUPLER
logo
Agilent(Hewlett-Packard...
HCPL-3700 HP-HCPL-3700 Datasheet
119Kb / 13P
   AC/DC to Logic Interface Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3700 AVAGO-HCPL-3700 Datasheet
477Kb / 14P
   Isolated Voltage/Current Detectors
HCPL-3700 AVAGO-HCPL-3700 Datasheet
477Kb / 14P
   Isolated Voltage/Current Detectors
More results

Description similaire - HCPL-3700S

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
HCPL3700S FAIRCHILD-HCPL3700S Datasheet
142Kb / 9P
   AC/DC TO LOGIC INTERFACE OPTOCOUPLER
HCPL3700 FAIRCHILD-HCPL3700 Datasheet
525Kb / 10P
   AC/DC TO LOGIC INTERFACE OPTOCOUPLER
HCPL3700V FAIRCHILD-HCPL3700V Datasheet
271Kb / 11P
   AC/DC to Logic Interface Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-0370 HP-HCPL-0370 Datasheet
119Kb / 13P
   AC/DC to Logic Interface Optocouplers
HCPL-3700 HP-HCPL-3700 Datasheet
230Kb / 13P
   AC/DC to Logic Interface Optocouplers
logo
Broadcom Corporation.
HCPL-576X BOARDCOM-HCPL-576X Datasheet
1Mb / 11P
   AC/DC to Logic Interface Hermetically Sealed Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-576X HP-HCPL-576X Datasheet
164Kb / 11P
   AC/DC to Logic Interface Hermetically Sealed Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-5761 AVAGO-HCPL-5761 Datasheet
717Kb / 10P
   AC/DC to Logic Interface Hermetically Sealed Optocouplers
HCPL-5760 AVAGO-HCPL-5760 Datasheet
717Kb / 10P
   AC/DC to Logic Interface Hermetically Sealed Optocouplers
HCPL-2503-000E AVAGO-HCPL-2503-000E Datasheet
316Kb / 12P
   Single Channel, High Speed Logic Interface Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com