Moteur de recherche de fiches techniques de composants électroniques |
|
SS-22D0205-G2-LT Fiches technique(PDF) 3 Page - C&K Components |
|
SS-22D0205-G2-LT Fiches technique(HTML) 3 Page - C&K Components |
3 / 38 page SS-22D0205-G 2 -LT DPDT NON-SHORTING I–99 Dimensions are shown: mm Specifications and dimensions subject to change www.ck-components.com I SCHEMATIC 2 PIERCING PLAN 5 6-3X0.8 LAND 2P - 2T 1 Ø13.4 Ø2.2 Ø24.8 2.2 Ø2.8 3.6 1.5 1.5 2 TRAVEL 3.6 9 0.5 7.5 2.5 2.5 6.1 12 0.4 Ø1.5 44 TYP.6 TOTAL 900PCS PER REEL 16.5 Ø330 Ø75 Ø290 Ø95 2 P Specifications CONTACT RATING: 0.3A @ 6 VDC INITIAL CONTACT RESISTANCE: 70 m ohms max. INSULATION RESISTANCE: 100 M ohms min. DIELECTRIC STRENGTH: 500 V AC (50-60 Hz) between open terminals and between the frame and terminal. OPERATING LIFE: 10,000 cycles with load OPERATING FORCE: 200 ± 100 gf (1.96 ± 0.98N) TRAVEL: 2 ± 0.3 mm OPERATING TEMPERATURE: -20˚C to 70˚C Materials KNOB: PA COVER: SUS HOUSING: PA CONTACT: Silver clad TERMINAL: Silver plated SS Series Miniature Slide Switches |
Numéro de pièce similaire - SS-22D0205-G2-LT |
|
Description similaire - SS-22D0205-G2-LT |