Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SK-22H06-SG Fiches technique(PDF) 14 Page - C&K Components

No de pièce SK-22H06-SG
Description  Miniature Slide Switches
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CK-COMPONENTS [C&K Components]
Site Internet  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

SK-22H06-SG Fiches technique(HTML) 14 Page - C&K Components

Back Button SK-22H06-SG Datasheet HTML 10Page - C&K Components SK-22H06-SG Datasheet HTML 11Page - C&K Components SK-22H06-SG Datasheet HTML 12Page - C&K Components SK-22H06-SG Datasheet HTML 13Page - C&K Components SK-22H06-SG Datasheet HTML 14Page - C&K Components SK-22H06-SG Datasheet HTML 15Page - C&K Components SK-22H06-SG Datasheet HTML 16Page - C&K Components SK-22H06-SG Datasheet HTML 17Page - C&K Components SK-22H06-SG Datasheet HTML 18Page - C&K Components Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
3
2
1
8-Ø0.8
4-Ø1.1
2
2
PIERCING PLAN
SCHEMATIC
12
2
2P - 3T
1
TYP.2
90°
2.5
13.8
TRAVEL
2
2
0.5
2
0.8
12
0.5
0.4
2.5
6
P
4
COMAX
22
A B C
K 2.5 : 1
I–80
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ck-components.com
SK-23D23-G NS 2P3T NON-SHORTING
SK-23D24-G 2P3T
I
SCHEMATIC
PIERCING PLAN
2
2
12
4
8-Ø0.8
4-Ø1.1
1
3
2
2P - 3T
TYP.2
2.5
1
90°
12
2
4
0.5
G =
22
0.8
TRAVEL
2
4
P
COMAX
13.8
2.5
6
0.5
P DETAIL 2 : 1
0.4
SK Series
Miniature Slide Switches
Specifications
CONTACT RATING: 0.3A @ 30 VDC
INITIAL CONTACT RESISTANCE: 30 m ohms max.
INSULATION RESISTANCE: 100 M ohms min.
DIELECTRIC STRENGTH: 500 V AC (50-60 Hz) between open
terminals and between the frame and terminal.
OPERATING LIFE: 10,000 cycles with load
OPERATING FORCE: 200 ± 100 gf (1.96 ± 0.98N)
300 ± 150 gf (2.94 ± 1.47N)
TRAVEL: 2 ± 0.3 mm
OPERATING TEMPERATURE: -20˚C to 70˚C
Materials
KNOB: POM
FRAME: SPCC
CONTACT: Silver clad
TERMINAL: Silver plated
Specifications
CONTACT RATING: 0.3A @ 30 VDC
INITIAL CONTACT RESISTANCE: 30 m ohms max.
INSULATION RESISTANCE: 100 M ohms min.
DIELECTRIC STRENGTH: 500 V AC (50-60 Hz) between open
terminals and between the frame and terminal.
OPERATING LIFE: 10,000 cycles with load
OPERATING FORCE: 200 ± 100 gf (1.96 ± 0.98N)
300 ± 150 gf (2.94 ± 1.47N)
TRAVEL: 2 ± 0.3 mm
OPERATING TEMPERATURE: -20˚C to 70˚C
Materials
KNOB: POM
FRAME: SPCC
CONTACT: Silver clad
TERMINAL: Silver plated


Numéro de pièce similaire - SK-22H06-SG

FabricantNo de pièceFiches techniqueDescription
logo
C&K Components
SK-22H04-G12NS CK-COMPONENTS-SK-22H04-G12NS Datasheet
1Mb / 18P
   Miniature Slide Switches - Side Knob
15 Mar 22
SK-22H04-G7NS CK-COMPONENTS-SK-22H04-G7NS Datasheet
1Mb / 18P
   Miniature Slide Switches - Side Knob
15 Mar 22
SK-22H04-G9NS CK-COMPONENTS-SK-22H04-G9NS Datasheet
1Mb / 18P
   Miniature Slide Switches - Side Knob
15 Mar 22
More results

Description similaire - SK-22H06-SG

FabricantNo de pièceFiches techniqueDescription
logo
C&K Components
L202011MS02QE2 CK-COMPONENTS-L202011MS02QE2 Datasheet
322Kb / 6P
   Miniature Slide Switches
logo
E-SWITCH
600 E-SWITCH-600 Datasheet
218Kb / 2P
   SLIDE SWITCHES - MINIATURE
logo
Copal Electronics
SS220K-23 COPAL-SS220K-23 Datasheet
551Kb / 1P
   Miniature Slide Switches
logo
List of Unclassifed Man...
SLB12814 ETC2-SLB12814 Datasheet
579Kb / 8P
   Miniature Slide Switches
logo
C&K Components
L CK-COMPONENTS-L Datasheet
783Kb / 6P
   Miniature Slide Switches
19 Mar 2019
OS102011MS2QN1 CK-COMPONENTS-OS102011MS2QN1 Datasheet
669Kb / 7P
   Miniature Slide Switches
logo
Copal Electronics
ES_SERIES COPAL-ES_SERIES Datasheet
825Kb / 2P
   Miniature Slide Switches
logo
List of Unclassifed Man...
SLG12004 ETC2-SLG12004 Datasheet
69Kb / 1P
   Miniature Slide Switches
logo
ITT Industries
L202011MS02Q2 ITT-L202011MS02Q2 Datasheet
615Kb / 6P
   Miniature Slide Switches
logo
C&K Components
1000 CK-COMPONENTS-1000 Datasheet
521Kb / 6P
   Miniature Slide Switches
logo
ITT Industries
OS102011MS2QN1 ITT-OS102011MS2QN1 Datasheet
955Kb / 7P
   Miniature Slide Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com