Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL58831CRZ-T13 Fiches technique(PDF) 6 Page - Intersil Corporation

No de pièce ISL58831CRZ-T13
Description  Dual Laser Driver with APC Amplifier and Spread Spectrum Oscillator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL58831CRZ-T13 Fiches technique(HTML) 6 Page - Intersil Corporation

Back Button ISL58831CRZ-T13 Datasheet HTML 2Page - Intersil Corporation ISL58831CRZ-T13 Datasheet HTML 3Page - Intersil Corporation ISL58831CRZ-T13 Datasheet HTML 4Page - Intersil Corporation ISL58831CRZ-T13 Datasheet HTML 5Page - Intersil Corporation ISL58831CRZ-T13 Datasheet HTML 6Page - Intersil Corporation ISL58831CRZ-T13 Datasheet HTML 7Page - Intersil Corporation ISL58831CRZ-T13 Datasheet HTML 8Page - Intersil Corporation ISL58831CRZ-T13 Datasheet HTML 9Page - Intersil Corporation ISL58831CRZ-T13 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
ISL58831
6
FN7440.1
January 28, 2016
Submit Document Feedback
IOUTR2
Output Current
VDD = 4.5V, VOUT = 2.1V, output is sourcing,
channel R2 - IOUT2 (Note 5), IINR2 = 2mA
120
mA
IOUT2
Output Current
VDD = 4.5V, VOUT = 3.4V, output is sourcing,
channel 2 - IOUT1 (Note 5), IIN2 = 2mA
235
mA
IOUT3
Output Current
VDD = 4.5V, VOUT = 3.4V, output is sourcing,
channel 3 - IOUT1 (Note 5), IIN3 = 2mA
170
mA
IOUT4
Output Current
VDD = 4.5V, VOUT = 3.4V, output is sourcing,
channel 4 - IOUT1 (Note 5), IIN4 = 2mA
100
mA
IOSR
Best Fit Current Offset
Channel R (Note 5)-6
+6
mA
IOS2, 3, 4
Best Fit Current Offset
Channels 2, 3, 4 (Note 5)
-6
+6
mA
ILIN
Output Current Linearity
Any channel (Note 5)-3
+4
%
IDAC
Input Current Range
Input is sinking
0
2
mA
RINR
IINR Input Impedance
RIN is to GND
562
750
937
Ω
RIN2, 3, 4
IIN2, 3, 4 Input Impedance
RIN is to GND
375
500
625
Ω
VTH
WEN2/3/4 Threshold for Write Pulses
Temperature stabilized
1.68
V
IOFF1
Output Off Current 1
ENABLE = LO
0.5
mA
IOFF2
Output Off Current 2
WEN = HI, total for all channels
1.5
mA
IOFF3
Output Off Current 3
WEN = LO, IIN = 0µA, total for all channels
5
mA
VC1
IOUT Supply Sensitivity
IOUT = 40mA, VDD = 5V ±10%, read only
-3
3
%/V
VC2
IOUT Supply Sensitivity
IOUT = 80mA, 40mA read + 40mA write
-3
3
%/V
INOUT
IOUT Current Output Noise
IOUT = 40mA, OSCEN = LO
3.5
nA/
Hz
TC1
IOUT Temperature Sensitivity
IOUT = 40mA, read only
+100
ppm/°C
TC2
IOUT Temperature Sensitivity
IOUT = 80mA, 40mA read + 40mA write
-100
ppm/°C
NOTE:
5. The amplifier linearity is calculated using a best fit method at three operating points. The output currents chosen are 20mA, 40mA, and 60mA. The
transfer function for IOUT is defined as follows: IOUT = (IIN * GAIN) +IOS.
Laser Amplifier VDD = 5V, TA = +25°C, ENABLE = HI unless otherwise specified. (Continued)
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
Laser Current Amplifier Outputs AC Performance VDD = 5V, IOUT = 40mA DC with 40mA pulse, TA = +25°C unless
otherwise specified.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
tr2
Write Rise Time
IOUT = 40mA (read) + 40mA (10%-90%)
0.8
2.0
ns
tf2
Write Fall Time
IOUT = 40mA (read) + 40mA (10%-90%)
0.8
2.0
ns
OS
Output Current Overshoot
Measured on 6.8Ω resistor load
5
%
tON
IOUT ON Propagation Delay
Input timing to IOUT at 50% of final value
(Note 6)
2.0
ns
tOFF
IOUT OFF Propagation Delay
Input timing to IOUT at 50% of final value
(Note 6)
2.0
ns
TDIS
Disable Time
Input timing to IOUT at 50% of final value
(Note 6)
20
ns
TEN
Enable Time
Input timing to IOUT at 50% of final value
(Note 6)
150
ns
BW
Amplifier Bandwidth
IOUT = 50mA, all channels, -3dB value
8
MHz
FOSC
Oscillator Frequency
RFREQ = 5600Ω
290
328
360
MHz
TCOSC
Oscillator Temperature Coefficient
RFREQ = 4500Ω
200
ppm/°C
NOTE:
6. Input timing is defined as WENx or ENABLE input pulse crosses 1.68V. Input pulse is standard 3.3V CMOS-level TTL input.


Numéro de pièce similaire - ISL58831CRZ-T13

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL58831CRZ-T13 RENESAS-ISL58831CRZ-T13 Datasheet
687Kb / 12P
   Dual Laser Driver with APC Amplifier and Spread Spectrum Oscillator
Jan 28, 2016
More results

Description similaire - ISL58831CRZ-T13

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL58831 RENESAS-ISL58831 Datasheet
687Kb / 12P
   Dual Laser Driver with APC Amplifier and Spread Spectrum Oscillator
Jan 28, 2016
logo
Elantec Semiconductor
EL6258C ELANTEC-EL6258C Datasheet
135Kb / 2P
   3-Channel Laser Driver Oscillator APC Amplifier
logo
ECS, Inc.
ECS-3250SS ECS-ECS-3250SS Datasheet
203Kb / 2P
   SPREAD SPECTRUM OSCILLATOR
logo
Elantec Semiconductor
EL6241C ELANTEC-EL6241C Datasheet
138Kb / 2P
   Dual Laser Driver with APC Amp
EL6240C ELANTEC-EL6240C Datasheet
138Kb / 2P
   Dual Laser Driver with APC Amp
EL6280C ELANTEC-EL6280C Datasheet
136Kb / 2P
   Dual Laser Driver with APC Amp
EL6270C ELANTEC-EL6270C Datasheet
37Kb / 2P
   Laser Driver with Ocillator and APC
EL6273C ELANTEC-EL6273C Datasheet
135Kb / 2P
   3-Channel Laser Diode Driver w/Oscillator & APC Amplifier
EL6242C ELANTEC-EL6242C Datasheet
140Kb / 2P
   3-Channel Laser Diode Driver w/Oscillator & APC Amplifier
EL6245C ELANTEC-EL6245C Datasheet
135Kb / 2P
   3-Channel Laser Diode Driver w/Oscillator & APC Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com