Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL33337EIRZ Fiches technique(PDF) 2 Page - Intersil Corporation

No de pièce ISL33337EIRZ
Description  Operates from a single 3.3V supply
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL33337EIRZ Fiches technique(HTML) 2 Page - Intersil Corporation

  ISL33337EIRZ Datasheet HTML 1Page - Intersil Corporation ISL33337EIRZ Datasheet HTML 2Page - Intersil Corporation ISL33337EIRZ Datasheet HTML 3Page - Intersil Corporation ISL33337EIRZ Datasheet HTML 4Page - Intersil Corporation ISL33337EIRZ Datasheet HTML 5Page - Intersil Corporation ISL33337EIRZ Datasheet HTML 6Page - Intersil Corporation ISL33337EIRZ Datasheet HTML 7Page - Intersil Corporation ISL33337EIRZ Datasheet HTML 8Page - Intersil Corporation ISL33337EIRZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
ISL33334E, ISL33337E
2
FN8776.1
October 21, 2016
Submit Document Feedback
Ordering Information
PART NUMBER
(Notes 2, 3)PART MARKING
TEMP. RANGE
(°C)
TAPE AND REEL
(UNITS)
PACKAGE
(RoHS COMPLIANT)
PKG.
DWG. #
ISL33334EIAZ
33334E IAZ
-40 to +85
-
28 Ld SSOP
M28.209
ISL33334EIAZ-T (Notes 1)
33334E IAZ
-40 to +85
1k
28 Ld SSOP
M28.209
ISL33337EIRZ
33337E IRZ
-40 to +85
-
40 Ld QFN
L40.6x6
ISL33337EIRZ-T (Notes 1)
33337E IRZ
-40 to +85
1k
40 Ld QFN
L40.6x6
ISL33337EIRZ-T7A (Notes 1) 33337E IRZ
-40 to +85
250
40 Ld QFN
L40.6x6
NOTES:
1. Refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials and 100% matte tin
plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil
Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), see product information page for ISL33334E, ISL33337E. For more information on MSL, see tech brief TB363.
TABLE 2. KEY DIFFERENCES BETWEEN FAMILY OF PARTS
PART NUMBER
VCC
(V)
PKG
RS485 (bps)
DATA RATE
RS232 (bps)
DATA RATE
ISL33354E
5
28Ld SSOP
20M, 115k
650k
ISL33357E
5
40Ld QFN
20M, 115k
650k
ISL33334E
3.3
28Ld SSOP
20M, 115k
400k
ISL33337E
3.3
40Ld QFN
20M, 115k
400k
NOTE: For a full list of dual protocol transceivers, please visit our website.
Pin Configurations
ISL33334E
(28 LD SSOP)
TOP VIEW
ISL33337E
(40 LD QFN)
TOP VIEW
C1+
C1-
V+
R1IN
R2IN
T1OUT
T2OUT
*GND
*VCC
Y
Z
A
B
SLOW485
C2+
VCC
R2OUT
R1OUT
T2IN
SHDN
DE485
RO
V-
RE485
GND
C2-
T1IN
DI
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
* NOT A SUPPLY PIN, BUT MUST BE CONNECTED TO THE
NOTED SUPPLY.
D
R
D
D
R
R
PORT 1
PORT 2
1
40
2
3
4
5
6
7
8
9
10
30
29
28
27
26
25
24
23
22
21
39
38
37
36
35
34
33
32
31
11
12
13
14
15
16
17
18
19
20
R1IN
T1OUT
T2OUT
*GND
*VCC
Y
Z
A
R1OUT
T2IN
T1IN
*VCC
SHDN
DI
DE485
RO
D
R
D
D
R
R
PORT 2
PORT 1
V+
R2IN
R2OUT
DNC
EP


Numéro de pièce similaire - ISL33337EIRZ

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL33337EIRZ RENESAS-ISL33337EIRZ Datasheet
1Mb / 23P
   3.3V, 짹15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
ISL33337EIRZ-T RENESAS-ISL33337EIRZ-T Datasheet
1Mb / 23P
   3.3V, 짹15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
ISL33337EIRZ-T7A RENESAS-ISL33337EIRZ-T7A Datasheet
1Mb / 23P
   3.3V, 짹15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
More results

Description similaire - ISL33337EIRZ

FabricantNo de pièceFiches techniqueDescription
logo
Maxim Integrated Produc...
MAX14882EVKIT MAXIM-MAX14882EVKIT Datasheet
673Kb / 7P
   Operates from a Single 3.3V Supply
Rev 0; 5/18
MAX14880EVKIT MAXIM-MAX14880EVKIT Datasheet
577Kb / 8P
   Operates from a Single 3.3V Supply
Rev 0; 5/17
MAX149X1EVKIT MAXIM-MAX149X1EVKIT Datasheet
2Mb / 9P
   Operates From a Single 3.3V Supply
Rev 1; 7/16
MAX148X1EVKIT MAXIM-MAX148X1EVKIT Datasheet
2Mb / 13P
   Operates From a Single 3.3V Supply
Rev 0; 7/16
MAX14851EVKIT MAXIM-MAX14851EVKIT Datasheet
758Kb / 8P
   Operates from a Single Supply
Rev 0; 11/17
MAX14883EEVKIT MAXIM-MAX14883EEVKIT Datasheet
624Kb / 7P
   Operates from a Single 5V Supply
Rev 2; 12/18
logo
STMicroelectronics
STLVDS9637 STMICROELECTRONICS-STLVDS9637 Datasheet
210Kb / 10P
   OPERATES WITH A SINGLE 3.3V SUPPLY
September 2003
logo
Texas Instruments
TL712CP TI1-TL712CP_14 Datasheet
946Kb / 17P
[Old version datasheet]   Operates From a Single 5-V Supply
logo
Micross Components
AS111 MICROSS-AS111 Datasheet
243Kb / 21P
   Operates from single 5V supply
logo
Maxim Integrated Produc...
MAX22506EEVKIT MAXIM-MAX22506EEVKIT Datasheet
478Kb / 7P
   Operates From a Single 3V to 5.5V Supply
Rev 0; 2/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com