Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL33354E Fiches technique(PDF) 3 Page - Intersil Corporation

No de pièce ISL33354E
Description  Operates from a single 3.3V supply
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL33354E Fiches technique(HTML) 3 Page - Intersil Corporation

  ISL33354E Datasheet HTML 1Page - Intersil Corporation ISL33354E Datasheet HTML 2Page - Intersil Corporation ISL33354E Datasheet HTML 3Page - Intersil Corporation ISL33354E Datasheet HTML 4Page - Intersil Corporation ISL33354E Datasheet HTML 5Page - Intersil Corporation ISL33354E Datasheet HTML 6Page - Intersil Corporation ISL33354E Datasheet HTML 7Page - Intersil Corporation ISL33354E Datasheet HTML 8Page - Intersil Corporation ISL33354E Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
ISL33334E, ISL33337E
3
FN8776.1
October 21, 2016
Submit Document Feedback
Pin Descriptions
PIN NAME
PIN # for
SSOP
PIN # for
QFN
PORT/
MODE
FUNCTION
NC
-
32, 33, 39,
40
BOTH
No Internal Connection.
DNC
-
21
BOTH
Do not make any external connections to this pin.
SHDN
21
25
BOTH
A low on SHDN disables the charge pumps, disables all the outputs and places the device in low power
shutdown. Internally pulled-high. SHDN = 1 for normal operation.
VCC
26
31, 34
BOTH
System power supply input (3.15V to 3.45V). Both pins 31 and 34 must connect to the VCC supply.
GND
15
15, 16
BOTH
Ground connection. QFN pins 15 and 16 must both connect to GND. This is also the potential of the QFN’s
exposed metal pad (EP).
*VCC
9
12, 20, 7,
14, 26
BOTH
For proper operation, connect this lead to the VCC supply. This is not a power supply lead, so no decoupling
is required.
*GND
8
6, 17
BOTH
For proper operation, connect this lead to GND. This is not a power supply lead.
RxIN
4, 5
2, 3
1 / RS-232 RS-232 receiver input with ±15kV ESD protection. A low on RxIN forces RxOUT high; a high on RXIN forces
RxOUT low.
RxOUT
24, 25
29, 30
1 / RS-232 RS-232 receiver output.
TxIN
22, 23
27, 28
1 / RS-232 RS-232 transmitter input. A low on TxIN drives the corresponding TxOUT high, while a high on TxIN drives
the corresponding TxOUT low.
TxOUT
6, 7
4, 5
1 / RS-232 RS-232 transmitter output with ±15kV ESD protection.
C1+
1
37
1 / RS-232 External charge pump capacitor is connected to this lead.
C1-
2
38
1 / RS-232 External charge pump capacitor is connected to this lead.
C2+
28
36
1 / RS-232 External charge pump capacitor is connected to this lead.
C2-
27
35
1 / RS-232 External charge pump capacitor is connected to this lead.
V+
3
1
1 / RS-232 Internally generated positive RS-232 transmitter supply (+5.5V).
V-
17
19
1 / RS-232 Internally generated negative RS-232 transmitter supply (-5.5V).
A
12
10
2 / RS-485 RS-485 noninverting receiver input with ±15kV ESD protection.
B
13
11
2 / RS-485 RS-485 inverting receiver input with ±15kV ESD protection.
Y
10
8
2/ RS-485 RS-485 noninverting driver output with ±15kV ESD protection.
Z
11
9
2/ RS-485 RS-485 inverting driver output with ±15kV ESD protection.
DI
20
24
2 / RS-485 RS-485 driver input. A low on DI forces output Y low and output Z high.
RO
18
22
2 / RS-485 RS-485 receiver output: If A > B by at least -40mV, RO is high; If A < B by -200mV or more, RO is low;
RO = High if A and B are unconnected (floating) or shorted together (i.e., full fail-safe).
SLOW485
14
13
2 / RS-485 RS-485 data rate control. A low on SLOW485 selects the 115kbps RS-485 data rate (slew rate limited
output transitions); a high selects the 20Mbps data rate (full speed transitions). Internally pulled-high.
RE485
16
18
2/ RS-485 RS-485 active low receiver output enable. RO is enabled when RE485 is low; RO is high impedance when
RE485 is high. Internally pulled low.
DE485
19
23
2/ RS-485 RS-485 driver output enable (DE). The driver outputs, Y and Z, are enabled by driving DE485 high. They
are high impedance when DE485 is low. Internally pulled high.
EP
-
EP
BOTH
QFN exposed thermal pad (EPAD). Connect to GND.
TABLE 3. ISL33334E AND ISL33337E FUNCTION TABLE
INPUTS
RECEIVER OUTPUTS
DRIVER OUTPUTS
CHARGE
PUMPS
(Note 4)
DRIVER
DATA
RATE
(bps)
MODE
PORT
SHDN
RE485
DE485
SLOW485
RO
R1OUT
AND
R2OUT
Y AND Z
T1OUT AND
T2OUT
1
1
N.A.
N.A.
N.A.
N.A.
ON
N.A.
ON
ON
400k
RS-232


Numéro de pièce similaire - ISL33354E

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL33354E INTERSIL-ISL33354E Datasheet
775Kb / 23P
   Full fail-safe (open/short) RS-485/422 port 2 Rx
logo
Renesas Technology Corp
ISL33354E RENESAS-ISL33354E Datasheet
1Mb / 23P
   3.3V, 짹15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
ISL33354E RENESAS-ISL33354E Datasheet
1Mb / 23P
   5V, 짹15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
logo
Intersil Corporation
ISL33354EIAZ INTERSIL-ISL33354EIAZ Datasheet
775Kb / 23P
   Full fail-safe (open/short) RS-485/422 port 2 Rx
logo
Renesas Technology Corp
ISL33354EIAZ RENESAS-ISL33354EIAZ Datasheet
1Mb / 23P
   5V, 짹15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
More results

Description similaire - ISL33354E

FabricantNo de pièceFiches techniqueDescription
logo
Maxim Integrated Produc...
MAX14882EVKIT MAXIM-MAX14882EVKIT Datasheet
673Kb / 7P
   Operates from a Single 3.3V Supply
Rev 0; 5/18
MAX14880EVKIT MAXIM-MAX14880EVKIT Datasheet
577Kb / 8P
   Operates from a Single 3.3V Supply
Rev 0; 5/17
MAX149X1EVKIT MAXIM-MAX149X1EVKIT Datasheet
2Mb / 9P
   Operates From a Single 3.3V Supply
Rev 1; 7/16
MAX148X1EVKIT MAXIM-MAX148X1EVKIT Datasheet
2Mb / 13P
   Operates From a Single 3.3V Supply
Rev 0; 7/16
MAX14851EVKIT MAXIM-MAX14851EVKIT Datasheet
758Kb / 8P
   Operates from a Single Supply
Rev 0; 11/17
MAX14883EEVKIT MAXIM-MAX14883EEVKIT Datasheet
624Kb / 7P
   Operates from a Single 5V Supply
Rev 2; 12/18
logo
STMicroelectronics
STLVDS9637 STMICROELECTRONICS-STLVDS9637 Datasheet
210Kb / 10P
   OPERATES WITH A SINGLE 3.3V SUPPLY
September 2003
logo
Texas Instruments
TL712CP TI1-TL712CP_14 Datasheet
946Kb / 17P
[Old version datasheet]   Operates From a Single 5-V Supply
logo
Micross Components
AS111 MICROSS-AS111 Datasheet
243Kb / 21P
   Operates from single 5V supply
logo
Maxim Integrated Produc...
MAX22506EEVKIT MAXIM-MAX22506EEVKIT Datasheet
478Kb / 7P
   Operates From a Single 3V to 5.5V Supply
Rev 0; 2/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com