Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KMB225S Fiches technique(PDF) 1 Page - DIYI Electronic Technology Co., Ltd.

No de pièce KMB225S
Description  Ideally Suited for Automatic Assembly
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DYELEC [DIYI Electronic Technology Co., Ltd.]
Site Internet  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

KMB225S Fiches technique(HTML) 1 Page - DIYI Electronic Technology Co., Ltd.

  KMB225S Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. KMB225S Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
A
50
A
-55 to +150
Case: MB-S, molded plastic
SINGLE PHASE
AMP SURFACE MOUNT
BRIDGE RECTIFIER
50A
2. Thermal REsistance From Junction to Ambient
1. Mounted on aluminum substrate PC board with 1.3mm
                 
Mechanical Data
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
2 solder pad.
Note:
0
·
·
·
·
·
Schottky Brrier Chip
Low Power Loss,High Efficiency
Ideally Suited for Automatic Assembly
Surge Overload Rating to
Peak
Plastic Case Material has UL Flammability
Classification
94V-
Rating
· Polarity: as marked on case
· Mounting position: Any
· Marking: type number
· Lead Free: For RoHS / Lead Free Version,
·
· Terminals: plated leads solderable per
MIL-STD-202, Method 208
2.0
-55 to +150
°C
28
pF
= 90°C
KMB
KMB
KMB
KMB
KMB
KMB
KMB
( Note2)
0.1
= 100°C
V
40
20
V
Typical Thermal Resistance per leg
Average Rectified Output Current ( Note1) @T
=2.0A
2.0
Typical Junction Capacitance per leg
Peak Repetitive Reverse Voltage
DC Blocking Voltage
A
A
Non-Repetitive Peak Forward Surge Current 8.3ms
Single half sine-wave superimposed on rated load
(JEDEC Method)
I2t Rating for Fusing (t < 8.3ms)
2s
Forward Voltage per element
@IF
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA
mA
75
°C/W
RMS Reverse Voltage
60
80
100
14
28
42
56
70
40
20
60
80
100
0.55
0.7
0.85
10
150
105
150
200
140
200
0.92
0.05
5
0.90
TYPE NUMBER
UNITS
22S
24S
26S 28S 210S 215S 220S
Operating and Storage Temperature Range
Operating junction temperature range
SCHOTTKY
°C
10.375
Features
dimensions in inches and (millimeters)
MBS
0.067(1.7)
0.142(3.6)
0.161(4.1)
0.177(4.5)
0.195(4.95)
0.023(0.6)
0.043(1.1)
0.106(2.7)
0.090(2.3)
0.028(0.7)
0.020(0.5)
KMB
45
31
45
245S
KMB
50
35
50
25S
KMB
250
175
250
225S
KMB22S THRU KMB225S
t
VRRM
VDC
IO
2
IRM
j
RJA
T
R(RMS)
SYMBOL
STG
T
J
IFSM
VFM
V
I
C
KMB
30
21
30
23S
1 of 2
version:01
www.dyelec.com


Numéro de pièce similaire - KMB225S

FabricantNo de pièceFiches techniqueDescription
logo
Zibo Seno Electronic En...
KMB225S ZSELEC-KMB225S Datasheet
393Kb / 2P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER BRIDGE RECTIFIER
More results

Description similaire - KMB225S

FabricantNo de pièceFiches techniqueDescription
logo
DIYI Electronic Technol...
KABS12 DYELEC-KABS12 Datasheet
1Mb / 2P
   Ideally Suited for Automatic Assembly
SS12 DYELEC-SS12 Datasheet
1Mb / 2P
   Ideally Suited for Automatic Assembly
SS24L DYELEC-SS24L Datasheet
2Mb / 2P
   Ideally Suited for Automatic Assembly
S14L DYELEC-S14L Datasheet
1Mb / 2P
   Ideally Suited for Automatic Assembly
S32U DYELEC-S32U Datasheet
1Mb / 2P
   Ideally Suited for Automatic Assembly
logo
Sangdest Microelectroni...
ER3A SMC-ER3A Datasheet
144Kb / 4P
   Ideally Suited for Automatic Assembly
logo
DIYI Electronic Technol...
KABF32 DYELEC-KABF32 Datasheet
1Mb / 2P
   Ideally Suited for Automatic Assembly
KABF12 DYELEC-KABF12 Datasheet
1Mb / 2P
   Ideally Suited for Automatic Assembly
SS54L DYELEC-SS54L Datasheet
1Mb / 2P
   Ideally Suited for Automatic Assembly
KDB32S DYELEC-KDB32S Datasheet
1Mb / 2P
   Ideally Suited for Automatic Assembly
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com