Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

932SQ426AGLF Fiches technique(PDF) 10 Page - Integrated Device Technology

No de pièce 932SQ426AGLF
Description  DERIVATIVE SUPPORTING SRNS PCIE CLOCKING
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IDT [Integrated Device Technology]
Site Internet  http://www.idt.com
Logo IDT - Integrated Device Technology

932SQ426AGLF Fiches technique(HTML) 10 Page - Integrated Device Technology

Back Button 932SQ426AGLF Datasheet HTML 6Page - Integrated Device Technology 932SQ426AGLF Datasheet HTML 7Page - Integrated Device Technology 932SQ426AGLF Datasheet HTML 8Page - Integrated Device Technology 932SQ426AGLF Datasheet HTML 9Page - Integrated Device Technology 932SQ426AGLF Datasheet HTML 10Page - Integrated Device Technology 932SQ426AGLF Datasheet HTML 11Page - Integrated Device Technology 932SQ426AGLF Datasheet HTML 12Page - Integrated Device Technology 932SQ426AGLF Datasheet HTML 13Page - Integrated Device Technology 932SQ426AGLF Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
932SQ426
CK420BQ DERIVATIVE SUPPORTING SRNS PCIE CLOCKING
IDT®
CK420BQ DERIVATIVE SUPPORTING SRNS PCIE CLOCKING
10
932SQ426
REV C 022916
DC Electrical Characteristics - Differential Current Mode Outputs
TA = TCOM; Supply Voltage VDD = 3.3 V +/-5%
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS NOTES
Slew rate
dV/dt
Scope averaging on
1
2.3
4
V/ns
1, 2, 3
Slew rate matching
∆dV/dt
Slew rate matching, Scope averaging on
10
20
%
1, 2, 4
Rise/Fall Time
Matching
∆Trf
Rise/fall matching, Scope averaging off
17
125
ps
1, 8, 9
Voltage High
VHigh
660
716
850
Voltage Low
VLow
-150
20
150
Max Voltage
Vmax
757
1150
1, 7
Min Voltage
Vmin
-300
-9
1, 7
Vswing
Vswing
Scope averaging off
300
1393
mV
1, 2
Crossing Voltage
(abs)
Vcross_abs
Scope averaging off
250
338
550
mV
1, 5
Crossing Voltage (var) ∆-Vcross
Scope averaging off
32
140
mV
1, 6
2 Measured from differential waveform
7 Includes overshoot and undershoot.
8 Measured from single-ended waveform
9 Measured with scope averaging off, using statistics function. Variation is difference between min and max.
1Guaranteed by design and characterization, not 100% tested in production. IREF = VDD/(3xR
R).
For RR =412Ω (1%), IREF =
2.67mA. IOH = 6 x IREF and VOH = 0.7V @ ZO= 85Ω differential impedance.
3 Slew rate is measured through the Vswing voltage range centered around differential 0V. This results in a +/-150mV window
around differential 0V.
4 Matching applies to rising edge rate for Clock and falling edge rate for Clock#. It is measured using a +/-75mV window centered
on the average cross point where Clock rising meets Clock# falling. The median cross point is used to calculate the voltage
thresholds the oscilloscope is to use for the edge rate calculations.
5 Vcross is defined as voltage where Clock = Clock# measured on a component test board and only applies to the differential
rising edge (i.e. Clock rising and Clock# falling).
6 The total variation of all Vcross measurements in any particular system. Note that this is a subset of V_cross_min/max (V_cross
absolute) allowed. The intent is to limit Vcross induced modulation by setting V_cross_delta to be smaller than V_cross absolute.
Measurement on single ended signal using
absolute value. (Scope averaging off)
mV
Statistical measurement on single-ended
signal using oscilloscope math function.
(Scope averaging on)
mV


Numéro de pièce similaire - 932SQ426AGLF

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
932SQ426AGLF RENESAS-932SQ426AGLF Datasheet
559Kb / 26P
   CK420BQ DERIVATIVE SUPPORTING SRNS PCIE CLOCKING
REV C 022916
932SQ426AGLFT RENESAS-932SQ426AGLFT Datasheet
559Kb / 26P
   CK420BQ DERIVATIVE SUPPORTING SRNS PCIE CLOCKING
REV C 022916
More results

Description similaire - 932SQ426AGLF

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
932SQ426 RENESAS-932SQ426 Datasheet
559Kb / 26P
   CK420BQ DERIVATIVE SUPPORTING SRNS PCIE CLOCKING
REV C 022916
logo
Integrated Device Techn...
932QL456 IDT-932QL456 Datasheet
381Kb / 23P
   Low-Power CK420BQ Derivative for PCIe
9ZML1233E IDT-9ZML1233E Datasheet
408Kb / 24P
   2:12 DB1200ZL Derivative for PCIe Gen1-4
9ZXL0631E IDT-9ZXL0631E Datasheet
303Kb / 20P
   6-Output DB800ZL Derivative for PCIe Gen1?? and UPI
9ZXL0832E IDT-9ZXL0832E Datasheet
274Kb / 18P
   8-Output DB800ZL Derivative PCIe Gen1?? and UPI
9ZML1232E IDT-9ZML1232E Datasheet
401Kb / 19P
   2:12 DB1200ZL Derivative for PCIe Gen1?? and UPI
9ZXL1530D IDT-9ZXL1530D Datasheet
292Kb / 23P
   15-Output DB1900Z Derivative for PCIe Gen1?? and UPI
logo
Renesas Technology Corp
932SQL450 RENESAS-932SQL450 Datasheet
7Mb / 24P
   Low-Power CK420BQ Derivative for PCIe Common Clock Architectures
03/06/15
9ZML1233E RENESAS-9ZML1233E Datasheet
723Kb / 24P
   2:12 DB1200ZL Derivative for PCIe Gen1-4 and UPI
May 12, 2021
logo
Integrated Device Techn...
9ZXL1232E IDT-9ZXL1232E Datasheet
254Kb / 21P
   12-Output DB1200ZL Derivative for PCIe Gen1?? and UPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com