Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

932SQ426 Fiches technique(PDF) 1 Page - Integrated Device Technology

No de pièce 932SQ426
Description  DERIVATIVE SUPPORTING SRNS PCIE CLOCKING
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IDT [Integrated Device Technology]
Site Internet  http://www.idt.com
Logo IDT - Integrated Device Technology

932SQ426 Fiches technique(HTML) 1 Page - Integrated Device Technology

  932SQ426_16 Datasheet HTML 1Page - Integrated Device Technology 932SQ426_16 Datasheet HTML 2Page - Integrated Device Technology 932SQ426_16 Datasheet HTML 3Page - Integrated Device Technology 932SQ426_16 Datasheet HTML 4Page - Integrated Device Technology 932SQ426_16 Datasheet HTML 5Page - Integrated Device Technology 932SQ426_16 Datasheet HTML 6Page - Integrated Device Technology 932SQ426_16 Datasheet HTML 7Page - Integrated Device Technology 932SQ426_16 Datasheet HTML 8Page - Integrated Device Technology 932SQ426_16 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
DATASHEET
CK420BQ DERIVATIVE SUPPORTING SRNS PCIE CLOCKING
932SQ426
IDT®
CK420BQ DERIVATIVE SUPPORTING SRNS PCIE CLOCKING
1
932SQ426
REV C 022916
General Description
The 932SQ426 is a CK420BQ derivative supporting
Separate Reference no Spread (SRnS) PCIe clocking
architectures. It uses a 25MHz crystal for maximum
performance and has 100MHz outputs tuned for
non-spreading applications to provide the most open eye
diagram on PCIe links.
Recommended Application
CK420BQ for SRnS applications
Output Features
11 - HCSL 100MHz outputs for SRnS
4 - NS_SAS/SRC outputs
4 - CPU outputs
3 - SRC outputs
1 - HCSL DOT96 output
1 - 3.3V 48M output
5 - 3.3V PCI outputs
1 - 3.3V 14.318M output
Features/Benefits
Non-spread 100MHz outputs/ Supports SRnS PCIe
architectures
64-pin TSSOP and VFQFPN packages; maximum space
savings
Key Specifications
Cycle to cycle jitter: CPU/SRC/NS_SRC/NS_SAS < 50ps
Phase jitter: PCIe Gen2 <3ps rms
Phase jitter: PCIe Gen3 <1ps rms
Phase jitter: QPI 9.6GB/s <0.2ps rms
Phase jitter: NS-SAS <0.4ps rms using raw phase data
Phase jitter: NS-SAS <1.3ps rms using Clk Jit Tool 1.6.4
Block Diagram
Logic
X1_25
X2
SRC(2:0)
SMBDAT
SMBCLK
CKPWRGD#/PD
IREF
CPU(3:0)
Low Drift non-SS
PLL
<500ps LTJ
NS_SAS(1:0)
NS_SRC(1:0)
DOT96
48M
PCI(4:0)
14.31818MHz
Non-SS PLL
REF14M
Test_Mode
Test_Sel
Non-SS PLL
/3


Numéro de pièce similaire - 932SQ426_16

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
932SQ426AGLF RENESAS-932SQ426AGLF Datasheet
559Kb / 26P
   CK420BQ DERIVATIVE SUPPORTING SRNS PCIE CLOCKING
REV C 022916
932SQ426AGLFT RENESAS-932SQ426AGLFT Datasheet
559Kb / 26P
   CK420BQ DERIVATIVE SUPPORTING SRNS PCIE CLOCKING
REV C 022916
932SQ426AKLF RENESAS-932SQ426AKLF Datasheet
559Kb / 26P
   CK420BQ DERIVATIVE SUPPORTING SRNS PCIE CLOCKING
REV C 022916
932SQ426AKLFT RENESAS-932SQ426AKLFT Datasheet
559Kb / 26P
   CK420BQ DERIVATIVE SUPPORTING SRNS PCIE CLOCKING
REV C 022916
More results

Description similaire - 932SQ426_16

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
932SQ426 RENESAS-932SQ426 Datasheet
559Kb / 26P
   CK420BQ DERIVATIVE SUPPORTING SRNS PCIE CLOCKING
REV C 022916
logo
Integrated Device Techn...
932QL456 IDT-932QL456 Datasheet
381Kb / 23P
   Low-Power CK420BQ Derivative for PCIe
9ZML1233E IDT-9ZML1233E Datasheet
408Kb / 24P
   2:12 DB1200ZL Derivative for PCIe Gen1-4
9ZXL0631E IDT-9ZXL0631E Datasheet
303Kb / 20P
   6-Output DB800ZL Derivative for PCIe Gen1?? and UPI
9ZXL0832E IDT-9ZXL0832E Datasheet
274Kb / 18P
   8-Output DB800ZL Derivative PCIe Gen1?? and UPI
9ZML1232E IDT-9ZML1232E Datasheet
401Kb / 19P
   2:12 DB1200ZL Derivative for PCIe Gen1?? and UPI
9ZXL1530D IDT-9ZXL1530D Datasheet
292Kb / 23P
   15-Output DB1900Z Derivative for PCIe Gen1?? and UPI
logo
Renesas Technology Corp
932SQL450 RENESAS-932SQL450 Datasheet
7Mb / 24P
   Low-Power CK420BQ Derivative for PCIe Common Clock Architectures
03/06/15
9ZML1233E RENESAS-9ZML1233E Datasheet
723Kb / 24P
   2:12 DB1200ZL Derivative for PCIe Gen1-4 and UPI
May 12, 2021
logo
Integrated Device Techn...
9ZXL1232E IDT-9ZXL1232E Datasheet
254Kb / 21P
   12-Output DB1200ZL Derivative for PCIe Gen1?? and UPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com