Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS60503 Fiches technique(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS60503
Description  HIGH EFFICIENCY, 250-mA STEP-DOWN CHARGE PUMP
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS60503 Fiches technique(HTML) 9 Page - Texas Instruments

Back Button TPS60503 Datasheet HTML 5Page - Texas Instruments TPS60503 Datasheet HTML 6Page - Texas Instruments TPS60503 Datasheet HTML 7Page - Texas Instruments TPS60503 Datasheet HTML 8Page - Texas Instruments TPS60503 Datasheet HTML 9Page - Texas Instruments TPS60503 Datasheet HTML 10Page - Texas Instruments TPS60503 Datasheet HTML 11Page - Texas Instruments TPS60503 Datasheet HTML 12Page - Texas Instruments TPS60503 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
TPS60500, TPS60501
TPS60502, TPS60503
SLVS391B – OCTOBER 2001 – REVISED FEBRUARY 2002
9
www.ti.com
PRINCIPLES OF OPERATION
The TPS6050x charge pumps provide a regulated output voltage in the range of 0.8 V to 3.3 V from an input
voltage of 1.8 V to 6.5 V. The devices use switched capacitor fractional conversion to achieve high efficiency
over the entire input and output voltage range. Regulation is achieved by sensing the output voltage and
enabling the internal switches as needed to maintain the selected output voltage. This skip-mode regulation is
used over a load range from 0 mA to 150 mA. At a higher output current, the device works in a linear regulation
mode.
The TPS6050x circuits consist of an oscillator, a voltage reference, an internal resistive feedback circuit (fixed
voltage version only), an error amplifier, two charge pump stages with MOSFET switches, a shutdown/start-up
circuit, and a control circuit.
short-circuit current limit and thermal protection
When the output voltage is lower than 0.6 V, the output current is limited to 300 mA typically. The device also
has a thermal protection which reduces the output current when the temperature of the chip exceeds 150
°C.
The output current declines to 0 mA when the chip temperature rises to 160
°C.
enable
Driving EN high disables the converter. This disables all internal circuits, reducing input current to only 0.05
µA.
Leakage current drawn from the output pin OUT is a maximum of 1
µA. The device exits shutdown once EN
is set low (see start up procedure described below). The typical no-load start-up time is 80
µs. When the device
is disabled, the load is isolated from the input, an important feature in battery-operated products because it
extends the battery shelf life.
start-up procedure
The device is enabled when EN is set from logic high to logic low. The charge pump stages immediately start
switching to transfer energy to the output. In start-up until the output voltage has reached 0.6 V, the input current
is limited to 300 mA typically.
power good detector
The power good (PG) output is an open-drain output on all TPS6050x devices. The PG output pulls low when
the output is out of regulation. When the output rises to within 97% of regulation, the power good output goes
high. In shutdown, power good is pulled low. In normal operation, an external pullup resistor is typically used
to connect the PG pin to VO or VI. If the PG output is not used, it should remain unconnected.
td,f
VO
V(NOM)
VIT
PG
1
0
1
0
EN
t
t
t
td,r
td,r
Figure 21. Power Good Timing Diagram


Numéro de pièce similaire - TPS60503

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS60503 TI-TPS60503 Datasheet
1Mb / 30P
[Old version datasheet]   TPS6050x High-Efficiency, 250-mA Step-Down Charge Pump
TPS60503DGS TI1-TPS60503DGS Datasheet
1Mb / 24P
[Old version datasheet]   HIGH EFFICIENCY, 250-mA STEP-DOWN CHARGE PUMP
TPS60503DGSG4 TI1-TPS60503DGSG4 Datasheet
1Mb / 24P
[Old version datasheet]   HIGH EFFICIENCY, 250-mA STEP-DOWN CHARGE PUMP
More results

Description similaire - TPS60503

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS60500DGSR TI1-TPS60500DGSR Datasheet
1Mb / 24P
[Old version datasheet]   HIGH EFFICIENCY, 250-mA STEP-DOWN CHARGE PUMP
TPS60500 TI-TPS60500_15 Datasheet
1Mb / 30P
[Old version datasheet]   TPS6050x High-Efficiency, 250-mA Step-Down Charge Pump
logo
Asahi Kasei Microsystem...
AME7720 AKM-AME7720 Datasheet
267Kb / 16P
   Step-Up/Step-Down 60mA Regulated Charge Pump
logo
Analog Microelectronics
AME7739 AME-AME7739 Datasheet
169Kb / 11P
   Step-Up / Step-Down 60mA Regulated Charge Pump
logo
ON Semiconductor
NCP5603 ONSEMI-NCP5603 Datasheet
128Kb / 13P
   High Efficiency Charge Pump Converter
November, 2005 ??Rev. 1
logo
Taiwan Memory Technolog...
T6319A TMT-T6319A Datasheet
92Kb / 9P
   High Efficiency 2X charge Pump
logo
Texas Instruments
TPS60120 TI-TPS60120_15 Datasheet
971Kb / 30P
[Old version datasheet]   REGULATED 200-mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
logo
Advanced Analogic Techn...
AAT3119 ANALOGICTECH-AAT3119 Datasheet
481Kb / 16P
   High Efficiency 2X Charge Pump
AAT3119 ANALOGICTECH-AAT3119_07 Datasheet
529Kb / 18P
   High Efficiency 2X Charge Pump
logo
Texas Instruments
TPS60120 TI-TPS60120_07 Datasheet
1Mb / 39P
[Old version datasheet]   REGULATED 200-mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com