Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC14536B Fiches technique(PDF) 3 Page - ON Semiconductor

No de pièce MC14536B
Description  Programmable Timer
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14536B Fiches technique(HTML) 3 Page - ON Semiconductor

  MC14536B_14 Datasheet HTML 1Page - ON Semiconductor MC14536B_14 Datasheet HTML 2Page - ON Semiconductor MC14536B_14 Datasheet HTML 3Page - ON Semiconductor MC14536B_14 Datasheet HTML 4Page - ON Semiconductor MC14536B_14 Datasheet HTML 5Page - ON Semiconductor MC14536B_14 Datasheet HTML 6Page - ON Semiconductor MC14536B_14 Datasheet HTML 7Page - ON Semiconductor MC14536B_14 Datasheet HTML 8Page - ON Semiconductor MC14536B_14 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
MC14536B
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (Voltages Referenced to VSS)
Characteristic
Symbol
VDD
Vdc
− 55
_C
25
_C
125
_C
Unit
Min
Max
Min
Typ
(Note 2)
Max
Min
Max
Output Voltage
“0” Level
Vin = VDD or 0
VOL
5.0
10
15
0.05
0.05
0.05
0
0
0
0.05
0.05
0.05
0.05
0.05
0.05
Vdc
“1” Level
Vin = 0 or VDD
VOH
5.0
10
15
4.95
9.95
14.95
4.95
9.95
14.95
5.0
10
15
4.95
9.95
14.95
Vdc
Input Voltage
“0” Level
(VO = 4.5 or 0.5 Vdc)
(VO = 9.0 or 1.0 Vdc)
(VO = 13.5 or 1.5 Vdc)
VIL
5.0
10
15
1.5
3.0
4.0
2.25
4.50
6.75
1.5
3.0
4.0
1.5
3.0
4.0
Vdc
“1” Level
(VO = 0.5 or 4.5 Vdc)
(VO = 1.0 or 9.0 Vdc)
(VO = 1.5 or 13.5 Vdc)
VIH
5.0
10
15
3.5
7.0
11
3.5
7.0
11
2.75
5.50
8.25
3.5
7.0
11
Vdc
Output Drive Current
(VOH = 2.5 Vdc)
Source
(VOH = 4.6 Vdc)
Pins 4 & 5
(VOH = 9.5 Vdc)
(VOH = 13.5 Vdc)
IOH
5.0
5.0
10
15
–1.2
–0.25
–0.62
–1.8
–1.0
–0.25
–0.5
–1.5
–1.7
–0.36
–0.9
–3.5
–0.7
–0.14
–0.35
–1.1
mAdc
(VOH = 2.5 Vdc)
Source
(VOH = 4.6 Vdc)
Pin 13
(VOH = 9.5 Vdc)
(VOH = 13.5 Vdc)
5.0
5.0
10
15
–3.0
–0.64
–1.6
–4.2
–2.4
–0.51
–1.3
–3.4
–4.2
–0.88
–2.25
–8.8
–1.7
–0.36
–0.9
–2.4
mAdc
(VOL = 0.4 Vdc)
Sink
(VOL = 0.5 Vdc)
(VOL = 1.5 Vdc)
IOL
5.0
10
15
0.64
1.6
4.2
0.51
1.3
3.4
0.88
2.25
8.8
0.36
0.9
2.4
mAdc
Input Current
Iin
15
±0.1
±0.00001
±0.1
±1.0
mAdc
Input Capacitance
(Vin = 0)
Cin
5.0
7.5
pF
Quiescent Current (Per Package)
IDD
5.0
10
15
5.0
10
20
0.010
0.020
0.030
5.0
10
20
150
300
600
mAdc
Total Supply Current (Note 3, 4)
(Dynamic plus Quiescent,
Per Package)
(CL = 50 pF on all outputs, all
buffers switching)
IT
5.0
10
15
IT = (1.50 mA/kHz) f + IDD
IT = (2.30 mA/kHz) f + IDD
IT = (3.55 mA/kHz) f + IDD
mAdc
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
2. Data labelled “Typ” is not to be used for design purposes but is intended as an indication of the IC’s potential performance.
3. The formulas given are for the typical characteristics only at 25
_C.
4. To calculate total supply current at loads other than 50 pF:
IT(CL) = IT(50 pF) + (CL – 50) Vfk
where: IT is in mA (per package), CL in pF, V = (VDD – VSS) in volts, f in kHz is input frequency, and k = 0.003.


Numéro de pièce similaire - MC14536B_14

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
MC14536BCL MOTOROLA-MC14536BCL Datasheet
333Kb / 13P
   PROGRAMMABLE TIMER
logo
ON Semiconductor
MC14536BCP ONSEMI-MC14536BCP Datasheet
294Kb / 16P
   Programmable Timer
March, 2000 ??Rev. 5
logo
Motorola, Inc
MC14536BCP MOTOROLA-MC14536BCP Datasheet
333Kb / 13P
   PROGRAMMABLE TIMER
logo
ON Semiconductor
MC14536BCP ONSEMI-MC14536BCP Datasheet
150Kb / 14P
   Programmable Timer
April, 2006 ??Rev. 9
MC14536BCPG ONSEMI-MC14536BCPG Datasheet
150Kb / 14P
   Programmable Timer
April, 2006 ??Rev. 9
More results

Description similaire - MC14536B_14

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC14541B ONSEMI-MC14541B Datasheet
195Kb / 8P
   Programmable Timer
March, 2000 ??Rev. 6
logo
NXP Semiconductors
HEF4541B PHILIPS-HEF4541B Datasheet
144Kb / 8P
   Programmable timer
January 1995
logo
Fairchild Semiconductor
CD4541BC FAIRCHILD-CD4541BC_02 Datasheet
86Kb / 8P
   Programmable Timer
logo
SELEC Controls Pvt. Ltd
XT532 SELEC-XT532 Datasheet
135Kb / 2P
   PROGRAMMABLE TIMER
logo
Motorola, Inc
MC14536B MOTOROLA-MC14536B Datasheet
333Kb / 13P
   PROGRAMMABLE TIMER
logo
Unisonic Technologies
CD4541 UTC-CD4541_12 Datasheet
262Kb / 7P
   PROGRAMMABLE TIMER
logo
Fairchild Semiconductor
CD4541BC FAIRCHILD-CD4541BC Datasheet
77Kb / 8P
   Programmable Timer
logo
ON Semiconductor
MC14536B ONSEMI-MC14536B_06 Datasheet
150Kb / 14P
   Programmable Timer
April, 2006 ??Rev. 9
logo
System Logic Semiconduc...
SL4541B SLS-SL4541B Datasheet
47Kb / 5P
   Programmable Timer
logo
ON Semiconductor
MC14536B ONSEMI-MC14536B Datasheet
294Kb / 16P
   Programmable Timer
March, 2000 ??Rev. 5
logo
STMicroelectronics
HCC4536B STMICROELECTRONICS-HCC4536B Datasheet
351Kb / 17P
   PROGRAMMABLE TIMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com