Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC74ACT163DR2G Fiches technique(PDF) 11 Page - ON Semiconductor

No de pièce MC74ACT163DR2G
Description  Synchronous Presettable Binary Counter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74ACT163DR2G Fiches technique(HTML) 11 Page - ON Semiconductor

Back Button MC74ACT163DR2G Datasheet HTML 4Page - ON Semiconductor MC74ACT163DR2G Datasheet HTML 5Page - ON Semiconductor MC74ACT163DR2G Datasheet HTML 6Page - ON Semiconductor MC74ACT163DR2G Datasheet HTML 7Page - ON Semiconductor MC74ACT163DR2G Datasheet HTML 8Page - ON Semiconductor MC74ACT163DR2G Datasheet HTML 9Page - ON Semiconductor MC74ACT163DR2G Datasheet HTML 10Page - ON Semiconductor MC74ACT163DR2G Datasheet HTML 11Page - ON Semiconductor MC74ACT163DR2G Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
MC74AC161, MC74ACT161, MC74AC163, MC74ACT163
www.onsemi.com
11
AC OPERATING REQUIREMENTS
Symbol
Parameter
VCC*
(V)
74ACT163
74ACT163
Unit
Fig.
No.
TA = +25°C
CL = 50 pF
TA = −40°C
to +85
°C
CL = 50 pF
Typ
Guaranteed Minimum
ts
Setup Time, HIGH or LOW
Pn to CP
5.0
4.0
10.0
12.0
ns
3−9
th
Hold Time, HIGH or LOW
Pn to CP
5.0
−5.0
0.5
0.5
ns
3−9
ts
Setup Time, HIGH or LOW
SR to CP
5.0
4.0
10.0
11.5
ns
3−9
th
Hold Time, HIGH or LOW
SR to CP
5.0
−5.5
−0.5
−0.5
ns
3−9
ts
Setup Time, HIGH or LOW
PE to CP
5.0
4.0
8.5
10.5
ns
3−9
th
Hold Time, HIGH or LOW
PE to CP
5.0
−5.5
−0.5
0
ns
3−9
ts
Setup Time, HIGH or LOW
CEP or CET to CP
5.0
2.5
5.5
6.5
ns
3−9
th
Hold Time, HIGH or LOW
CEP or CET to CP
5.0
−3.0
0
0.5
ns
3−9
tw
Clock Pulse Width
HIGH or LOW
5.0
2.0
3.5
3.5
ns
3−6
tw
Clock Pulse Width (Count)
HIGH or LOW
5.0
2.0
3.5
3.5
ns
3−6
*Voltage Range 5.0 V is 5.0 V
±0.5 V.
CAPACITANCE
Symbol
Parameter
Value
Typ
Unit
Test Conditions
CIN
Input Capacitance
4.5
pF
VCC = 5.0 V
CPD
Power Dissipation Capacitance
45
pF
VCC = 5.0 V
ORDERING INFORMATION
Device
Package
Shipping
MC74AC161DG
SOIC−16
(Pb−Free)
48 Units / Rail
MC74AC161DR2G
2500 / Tape & Reel
MC74ACT161DG
48 Units / Rail
MC74ACT161DR2G
2500 / Tape & Reel
MC74AC163DG
SOIC−16
(Pb−Free)
48 Units / Rail
MC74AC163DR2G
2500 / Tape & Reel
MC74ACT163DG
48 Units / Rail
MC74ACT163DR2G
2500 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Numéro de pièce similaire - MC74ACT163DR2G

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC74ACT163DR2 ONSEMI-MC74ACT163DR2 Datasheet
192Kb / 15P
   Synchronous Presettable Binary Counter
March, 2006 ??Rev. 7
More results

Description similaire - MC74ACT163DR2G

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
74AC163 FAIRCHILD-74AC163 Datasheet
112Kb / 11P
   Synchronous Presettable Binary Counter
logo
Renesas Technology Corp
HD74ACT161 RENESAS-HD74ACT161 Datasheet
221Kb / 9P
   Synchronous Presettable Binary Counter
logo
Fairchild Semiconductor
74F161A FAIRCHILD-74F161A Datasheet
96Kb / 8P
   Synchronous Presettable Binary Counter
logo
ON Semiconductor
MC74AC161 ONSEMI-MC74AC161 Datasheet
192Kb / 15P
   Synchronous Presettable Binary Counter
March, 2006 ??Rev. 7
logo
Fairchild Semiconductor
74163 FAIRCHILD-74163 Datasheet
112Kb / 11P
   Synchronous Presettable Binary Counter
logo
AVG Semiconductors(HITE...
DV74ACT163 AVG-DV74ACT163 Datasheet
438Kb / 5P
   Synchronous Presettable Binary counter
logo
National Semiconductor ...
54AC161 NSC-54AC161 Datasheet
192Kb / 12P
   Synchronous Presettable Binary Counter
logo
Fairchild Semiconductor
74AC161 FAIRCHILD-74AC161_03 Datasheet
155Kb / 11P
   Synchronous Presettable Binary Counter
logo
Hitachi Semiconductor
HD74ACT161 HITACHI-HD74ACT161 Datasheet
70Kb / 14P
   Synchronous Presettable Binary Counter
logo
National Semiconductor ...
54AC163 NSC-54AC163 Datasheet
190Kb / 12P
   Synchronous Presettable Binary Counter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com