Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC74AC540DWR2G Fiches technique(PDF) 8 Page - ON Semiconductor

No de pièce MC74AC540DWR2G
Description  Octal Buffer/Line Driver with 3-State Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74AC540DWR2G Fiches technique(HTML) 8 Page - ON Semiconductor

Back Button MC74AC540DWR2G Datasheet HTML 2Page - ON Semiconductor MC74AC540DWR2G Datasheet HTML 3Page - ON Semiconductor MC74AC540DWR2G Datasheet HTML 4Page - ON Semiconductor MC74AC540DWR2G Datasheet HTML 5Page - ON Semiconductor MC74AC540DWR2G Datasheet HTML 6Page - ON Semiconductor MC74AC540DWR2G Datasheet HTML 7Page - ON Semiconductor MC74AC540DWR2G Datasheet HTML 8Page - ON Semiconductor MC74AC540DWR2G Datasheet HTML 9Page - ON Semiconductor MC74AC540DWR2G Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
MC74AC540, MC74ACT540, MC74AC541, MC74ACT541
www.onsemi.com
8
ORDERING INFORMATION
Device
Package
Shipping
MC74AC540DWG
SOIC−20
(Pb−Free)
38 Units / Rail
MC74AC540DWR2G
SOIC−20
(Pb−Free)
1000 / Tape & Reel
MC74ACT540DWG
SOIC−20
(Pb−Free)
38 Units / Rail
MC74ACT540DWR2G
SOIC−20
(Pb−Free)
1000 / Tape & Reel
MC74ACT540DTR2G
TSSOP−20
(Pb−Free)
2500 / Tape & Reel
MC74AC541DWG
SOIC−20
(Pb−Free)
38 Units / Rail
MC74AC541DWR2G
SOIC−20
(Pb−Free)
1000 / Tape & Reel
MC74ACT541DWG
SOIC−20
(Pb−Free)
38 Units / Rail
MC74ACT541DWR2G
SOIC−20
(Pb−Free)
1000 / Tape & Reel
MC74AC541DTR2G
TSSOP−20
(Pb−Free)
2500 / Tape & Reel
MC74ACT541DTG
TSSOP−20
(Pb−Free)
75 Units / Rail
MC74ACT541DTR2G
TSSOP−20
(Pb−Free)
2500 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
*These packages are inherently Pb−Free.
MARKING DIAGRAMS
SOIC−20W
TSSOP−20
1
20
AC
54x
ALYW
G
G
x
= 0 or 1
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W
= Work Week
G or
G
= Pb−Free Package
(Note: Microdot may be in either location)
1
20
ACT
54x
ALYW
G
G
20
1
ACT54x
AWLYYWWG
20
1
AC54x
AWLYYWWG


Numéro de pièce similaire - MC74AC540DWR2G

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC74AC540DWR2G ONSEMI-MC74AC540DWR2G Datasheet
131Kb / 12P
   Octal Buffer/Line Driver with 3?뭆tate Outputs
December, 2006 ??Rev. 8
More results

Description similaire - MC74AC540DWR2G

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
74VHC244 FAIRCHILD-74VHC244 Datasheet
84Kb / 8P
   Octal Buffer/Line Driver with 3-STATE Outputs
74AC244 FAIRCHILD-74AC244 Datasheet
111Kb / 10P
   Octal Buffer/Line Driver with 3-STATE Outputs
logo
Motorola, Inc
SN54LS240 MOTOROLA-SN54LS240 Datasheet
191Kb / 6P
   OCTAL BUFFER/LINE DRIVER WITH 3-STATE OUTPUTS
logo
ON Semiconductor
MC74AC244 ONSEMI-MC74AC244_15 Datasheet
93Kb / 7P
   Octal Buffer/Line Driver with 3-State Outputs
February, 2015 ??Rev. 8
MC74ACT241 ONSEMI-MC74ACT241_15 Datasheet
89Kb / 7P
   Octal Buffer/Line Driver with 3-State Outputs
February, 2015 ??Rev. 6
logo
Fairchild Semiconductor
74AC540 FAIRCHILD-74AC540_05 Datasheet
97Kb / 7P
   Octal Buffer/Line Driver with 3-STATE Outputs
logo
ON Semiconductor
MC74AC244 ONSEMI-MC74AC244 Datasheet
91Kb / 8P
   Octal Buffer/Line Driver with 3-State Outputs
May, 2001 ??Rev. 5
74AC244 ONSEMI-74AC244 Datasheet
396Kb / 14P
   Octal Buffer/Line Driver with 3-STATE Outputs
January 2008 Rev. 1.4.0
74VHC240 ONSEMI-74VHC240 Datasheet
263Kb / 11P
   Octal Buffer/Line Driver with 3-STATE Outputs
April 2007 Rev. 1.3
logo
Fairchild Semiconductor
74ABT240 FAIRCHILD-74ABT240 Datasheet
105Kb / 8P
   Octal Buffer/Line Driver with 3-STATE Outputs
74ABT244 FAIRCHILD-74ABT244 Datasheet
125Kb / 11P
   Octal Buffer/Line Driver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com