Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC74AC540DWG Fiches technique(PDF) 1 Page - ON Semiconductor

No de pièce MC74AC540DWG
Description  Octal Buffer/Line Driver with 3-State Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74AC540DWG Fiches technique(HTML) 1 Page - ON Semiconductor

  MC74AC540DWG Datasheet HTML 1Page - ON Semiconductor MC74AC540DWG Datasheet HTML 2Page - ON Semiconductor MC74AC540DWG Datasheet HTML 3Page - ON Semiconductor MC74AC540DWG Datasheet HTML 4Page - ON Semiconductor MC74AC540DWG Datasheet HTML 5Page - ON Semiconductor MC74AC540DWG Datasheet HTML 6Page - ON Semiconductor MC74AC540DWG Datasheet HTML 7Page - ON Semiconductor MC74AC540DWG Datasheet HTML 8Page - ON Semiconductor MC74AC540DWG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© Semiconductor Components Industries, LLC, 2015
March, 2015 − Rev. 9
1
Publication Order Number:
MC74AC540/D
MC74AC540, MC74ACT540,
MC74AC541, MC74ACT541
Octal Buffer/Line Driver
with 3-State Outputs
The MC74AC540/74ACT540 and MC74AC541/74ACT541 are
octal buffer/line drivers designed to be employed as memory and
address drivers, clock drivers and bus oriented transmitter/receivers.
The MC74AC541/74ACT541 is a noninverting option of the
MC74AC540/74ACT540.
These
devices
are
similar
in
function
to
the
MC74AC240/74ACT240 and MC74AC244/74ACT244 while
providing flow−through architecture (inputs on opposite side from
outputs). This pinout arrangement makes these devices especially
useful as output ports for microprocessors, allowing ease of layout and
greater PC board density.
Features
3−State Outputs
Inputs and Outputs Opposite Side of Package, Allowing Easier
Interface to Microprocessors
Outputs Source/Sink 24 mA
MC74AC540/74ACT540 Provides Inverted Outputs
MC74AC541/74ACT541 Provides Noninverted Outputs
′ACT540 and ′ACT541 Have TTL Compatible Inputs
These are Pb−Free Devices
TRUTH TABLE
Inputs
Outputs
OE1
OE2
D
′540
′541
L
H
X
L
L
X
H
L
H
X
X
L
L
Z
Z
H
H
Z
Z
L
H = HIGH Voltage Level
L = LOW Voltage Level
X = Immaterial
Z = High Impedance
See general marking information in the device marking
section on page 8 of this data sheet.
DEVICE MARKING INFORMATION
www.onsemi.com
SOIC−20W
DW SUFFIX
CASE 751D
TSSOP−20
DT SUFFIX
CASE 948E
1
1
See detailed ordering and shipping information in the package
dimensions section on page 8 of this data sheet.
ORDERING INFORMATION


Numéro de pièce similaire - MC74AC540DWG

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC74AC540DWG ONSEMI-MC74AC540DWG Datasheet
131Kb / 12P
   Octal Buffer/Line Driver with 3?뭆tate Outputs
December, 2006 ??Rev. 8
More results

Description similaire - MC74AC540DWG

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
74VHC244 FAIRCHILD-74VHC244 Datasheet
84Kb / 8P
   Octal Buffer/Line Driver with 3-STATE Outputs
74AC244 FAIRCHILD-74AC244 Datasheet
111Kb / 10P
   Octal Buffer/Line Driver with 3-STATE Outputs
logo
Motorola, Inc
SN54LS240 MOTOROLA-SN54LS240 Datasheet
191Kb / 6P
   OCTAL BUFFER/LINE DRIVER WITH 3-STATE OUTPUTS
logo
ON Semiconductor
MC74AC244 ONSEMI-MC74AC244_15 Datasheet
93Kb / 7P
   Octal Buffer/Line Driver with 3-State Outputs
February, 2015 ??Rev. 8
MC74ACT241 ONSEMI-MC74ACT241_15 Datasheet
89Kb / 7P
   Octal Buffer/Line Driver with 3-State Outputs
February, 2015 ??Rev. 6
logo
Fairchild Semiconductor
74AC540 FAIRCHILD-74AC540_05 Datasheet
97Kb / 7P
   Octal Buffer/Line Driver with 3-STATE Outputs
logo
ON Semiconductor
MC74AC244 ONSEMI-MC74AC244 Datasheet
91Kb / 8P
   Octal Buffer/Line Driver with 3-State Outputs
May, 2001 ??Rev. 5
74AC244 ONSEMI-74AC244 Datasheet
396Kb / 14P
   Octal Buffer/Line Driver with 3-STATE Outputs
January 2008 Rev. 1.4.0
74VHC240 ONSEMI-74VHC240 Datasheet
263Kb / 11P
   Octal Buffer/Line Driver with 3-STATE Outputs
April 2007 Rev. 1.3
logo
Fairchild Semiconductor
74ABT240 FAIRCHILD-74ABT240 Datasheet
105Kb / 8P
   Octal Buffer/Line Driver with 3-STATE Outputs
74ABT244 FAIRCHILD-74ABT244 Datasheet
125Kb / 11P
   Octal Buffer/Line Driver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com