Moteur de recherche de fiches techniques de composants électroniques |
|
GM5126 Fiches technique(PDF) 1 Page - List of Unclassifed Manufacturers |
|
GM5126 Fiches technique(HTML) 1 Page - List of Unclassifed Manufacturers |
1 / 2 page Genesis Microchip Corp. 2150 Gold Street • Alviso • CA • U.S.A. • 95002 Tel: (408)262-6599 Fax: (408)262-6365 Genesis Microchip Taiwan 4F, No 24, Ln 123, Sec 6• Min-Chuan E. Rd • Taipei • Taiwan • ROC Tel:886-2-2791-0118 Fax:886-2-2791-0196 Genesis Microchip Inc. 165 Commerce Valley Dr. West • Thornhill• ON • Canada • L3T 7V8 Tel: (905)889-5400 Fax: (905)889-5422 www.genesis-microchip.com GENESIS MICROCHIP Preliminary Product Brief gm5126 C5126-PBR-01A The gm5126 device is an all-in-one image processor targeted on the OnPanel LCD monitor market with resolutions up to SXGA. The gm5126 leverages Genesis patented advanced image- processing technology as well as a proven integrated ADC/PLL and an Ultra-Reliable DVI compliant digital receiver to provide excellent image quality in simple and cost-effective solution. The integrated OnPanel timing controller (TCON) is fully programmable to interface to a wide range of commercially available LCD panels. A dual channel RSDS (reduced swing differential signaling) 6 or 8 bit transmitter is provided for direct connect to column drivers with RSDS inputs. This high level of integration reduces the number of components, which eliminates a PCB along with its associated connectors and cables. This reduces system cost, improves reliability and simplifies monitor design. FEATURES • Zoom (from VGA) and shrink (from UXGA) scaling • Integrated 8-bit triple-channel ADC / PLL • Integrated Ultra-Reliable DVI 1.0-compliant receiver • On-chip programmable OnPanel timing controller • Embedded microcontroller with parallel ROM interface • On-chip versatile OSD engine • All system clocks synthesized from a single external crystal • Programmable gamma correction (CLUT) • RealColor controls provide sRGB compliance • PWM back light intensity control • 5 Volt tolerant inputs • Energy Spectrum Management (ESM TM) for low EMI •• High-Quality Advanced Scaling •• Fully programmable zoom ratios •• High-quality shrink capability from UXGA resolution •• RealRecovery function provides full color recovery image for refresh rates higher than those supported by the LCD panel (“out of range” signals) •• Moire cancellation •• Analog RGB Input Port •• Supports up to 162 MHz (SXGA 85Hz / UXGA 60Hz) Note: resolutions and refresh rates higher than those supported by the panel are supported as recovery modes. •• On-chip high-performance PLLs (only a single reference crystal required) •• Automatic input format detection •• Robust phase and image positioning •• Ultra-Reliable DVI Compliant Input Port •• Operating up to 165 MHz (up to UXGA 60Hz) •• Direct connect to all DVI compliant digital transmitters •• HDCP and non HDCP capable versions •• RealColor Technology •• Digital brightness and contrast controls •• TV color controls including hue and saturation controls •• Flesh-tone adjustment •• Full color matrix allows end-users to experience the same colors as viewed on CRTs and other displays (e.g. sRGB compliance) •• On-chip OSD Controller •• On-chip RAM for downloadable menus •• 1, 2 and 4-bit per pixel character cells •• Horizontal and vertical stretch of OSD menus •• Blinking, transparency and blending •• Embedded language independent designer OSD •• Built in Test Pattern Generator •• On-chip Microcontroller •• Requires no external microcontroller •• External parallel ROM interface •• 21 general-purpose inputs/outputs (GPIOs) available for managing system devices (keypad, back light, NVRAM, etc) •• Industry-standard firmware embedded on-chip, requires no external ROM (configuration settings stored in NVRAM) •• Low-power mode (< 0.15W) when no inputs are active •• Support for DDC2Bi based In-System-Programming of Flash ROM •• Built-in OnPanel Timing Controller •• Dual channel 6/8 bit RSDS compliant serial interface with direct connect to RSDS compliant column drivers. •• Low EMI and power saving features include frame, line and in-line inversion, blanking and programmable output amplitudes and proprietary ESM TM techniques •• Output Format •• Programmable pin swapping, odd / even data swapping and red / blue group channel swapping for flexibility in board layout •• Support for 8 or 6-bit panels (with high-quality dithering) •• Stand-alone operation requires No external ROM and No firmware development for Fast Time to Market •• Pin and FW Compatible with Genesis OnPanel RSDS Family PACKAGE • 208-pin PQFP Dual-Interface OnPanel SXGA LCD Controller with RSDS Transmitter |
Numéro de pièce similaire - GM5126 |
|
Description similaire - GM5126 |