Moteur de recherche de fiches techniques de composants électroniques |
|
BA6506F Fiches technique(PDF) 9 Page - Rohm |
|
BA6506F Fiches technique(HTML) 9 Page - Rohm |
9 / 16 page ○Product structure:Silicon monolithic integrated circuit ○This product is not designed protection against radioactive rays 9/12 TSZ02201-0H1H0B100490-1-2 © 2012 ROHM Co., Ltd. All rights reserved. 18.DEC.2012 Rev.002 TSZ22111・14・001 BA6506F www.rohm.com ●Safety measure 1) Reverse connection protection diode Reverse connection of power results in IC destruction as shown in Fig 13. When reverse connection is possible, reverse connection protection diode must be added between power supply and Vcc. Fig.13 Current flow when power is connected reversely 2) About measures of voltage rise by back electromotive force The voltage of output terminal rises by back electromotive force. The diode D1 of Fig.14 is necessary to divide a power supply line of motor with small signal line, so that the voltage of the output does not affect a power supply line. Fig.14 Separation of a power supply line 3) FG output Fig.15 Protection of FG terminal FG output is an open collector and requires pull-up resistor. The IC can be protected by adding resistor R1. An excess of absolute maximum rating, when FG output terminal is directly connected to power supply, could damage the IC. Vcc GND Vcc GND Vcc GND Internal circuit impedance high amperage small Circuit block Each pin In normal energization Large current flows Thermal destruction Each pin Circuit block Reverse power connection No destruction Each pin Circuit block After reverse connection destruction prevention Protection resistor R1 Connector of board FG Pull-up resistor Vcc IC D1 |
Numéro de pièce similaire - BA6506F |
|
Description similaire - BA6506F |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |