Moteur de recherche de fiches techniques de composants électroniques |
|
TCP-24-41 Fiches technique(PDF) 2 Page - Technology Dynamics Inc. |
|
TCP-24-41 Fiches technique(HTML) 2 Page - Technology Dynamics Inc. |
2 / 2 page MECHANICAL OUTLINE MODEL SELECTION OPTION DESIGNATIONS Low Voltage Battery Disconnect The LVBD module adds a new dimension to battery backup power supplies. The power supply simultaneously charges the battery and powers the load. If the AC power fails, the battery continues to support the load. However, when the battery voltage drops below a predetermined level, the LVBD module disconnects the battery from the load, thereby protecting the battery from the damaging effects of complete discharge. PARALLEL OPERATION -PAR PANEL MOUNT -PNL 400 Hz OPPERATION -400HZ AUTO LINE SELECT 3 PHASE INPUT REDUNDANT OPERATION (ORING DIODE) BATTERY BACK-UP RUGGEDIZED/MILITARIZED CONFORMAL COATING -ALS -3P -ORD -RK -MIL -CC RACK MOUNT -LVBD 400 WATTS 600 WATTS Model Nominal Voltage (VDC) Maximum Current (ADC) Model Maximum Current (ADC) TCP - 5 - 80 3.5/5V 80A TCP - 12 - 50 100A TCP - 12 - 34 TCP - 15 - 27 TCP - 24 - 17 TCP - 28 - 14 12V 15V 24V 28V 34A 27A 17A 14A TCP - 15 - 40 TCP - 24 - 25 TCP - 28 -21 50A 40A 25A 21A TCP - 36 - 11 36V 11A TCP - 5 - 100 16A 800 WATTS Model TCP - 15 - 53 TCP - 24 - 33 TCP - 28 - 28 TCP - 36 - 22 TCP - 48 - 16 TCP - 12 - 66 Nominal Voltage (VDC) Maximum Current (ADC) 12V 66A 15V 24V 28V 36V 53A 33A 28A 22A 48V 16A Model TCP - 24 - 41 TCP - 28 - 35 Consult Factory Maximum Current (ADC) 41A 35A 1000 WATTS TCP - 48 - 8 TCP - 36 - 27 TCP - 48 - 16 27A 20A 48V 8A TCP - 36 -16 TCP - 48 - 12 12A N/A N/A N/A TECHNOLOGY DYNAMICS INC. 100 School Street, Bergenfield, NJ 07621 Phone: (201) 385-0500, Fax: (201) 385-0702 SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE www.technologydynamicsinc.com Rev.A |
Numéro de pièce similaire - TCP-24-41 |
|
Description similaire - TCP-24-41 |