Moteur de recherche de fiches techniques de composants électroniques |
|
LM2642MTC Fiches technique(PDF) 5 Page - National Semiconductor (TI) |
|
|
LM2642MTC Fiches technique(HTML) 5 Page - National Semiconductor (TI) |
5 / 20 page Electrical Characteristics (Continued) Unless otherwise specified, V IN = 15V, GND = PGND = 0V, VLIN5 = VDD1 = VDD2. Limits appearing in boldface type apply over the specified operating junction temperature range, (-20˚C to +125˚C, if not otherwise specified). Specifications appearing in plain type are measured using low duty cycle pulse testing with T A = 25˚C (Note 6), (Note 7). Min/Max limits are guaranteed by design, test, or statistical analysis. Symbol Parameter Conditions Min Typ Max Units I sk_uvdelay UV_DELAY Sink Current UV-DELAY = 0.4V 0.2 0.48 1.2 mA V UVDelay UV_DELAY Threshold Voltage 2.3 V V UVP FB1, FB2, Under Voltage Protection Latch Threshold As a percentage of nominal output voltage (falling edge) 75 80 86 % Hysteresis 4% V OVP V OUT Overvoltage Shutdown Latch Threshold As a percentage measured at V FB1, V FB2 107 113 122 % V pwrbad Regulator Window Detector Thresholds (PGOOD1 from High to Low) As a percentage of output voltage 86.5 90.3 94.5 % V pwrgd Regulator Window Detector Thresholds (PGOOD1 from Low to High) 91.5 94 97.0 % S wx_R SW1, SW2 ON-Resistance V SW1 =VSW2 =2V 420 480 535 Ω Gate Drive I CBOOT CBOOTx Leakage Current V CBOOT1 =VCBOOT2 =7V 10 nA I SC_DRV HDRVx and LDRVx Source Current V CBOOT1 =VCBOOT2 = 5V, VSWx=0V, HDRVx=LDRVx=2.5V 0.5 A I sk_HDRV HDRVx Sink Current V CBOOTx = VDDx = 5V, VSWx = 0V, HDRVX = 2.5V 0.8 A I sk_LDRV LDRVx Sink Current V CBOOTx = VDDx = 5V, VSWx = 0V, LDRVX = 2.5V 1.1 A R HDRV HDRV1 & 2 Source On-Resistance V CBOOT1 =VCBOOT2 = 5V, V SW1 =VSW2 =0V 3.1 Ω HDRV1 & 2 Sink On-Resistance 1.5 Ω R LDRV LDRV1 & 2 Source On-Resistance V CBOOT1 =VCBOOT2 = 5V, V SW1 =VSW2 =0V V DD1 =VDD1 =5V 3.1 Ω LDRV1 & 2 Sink On-Resistance 1.1 Ω Oscillator F osc Oscillator Frequency 260 300 340 kHz -40˚C to 125˚C 257.5 340 Don_max Maximum On-Duty Cycle V FB1 =VFB2 = 1V, Measured at pins HDRV1 and HDRV2 96 98 % -40˚C to 125˚C 95.64 T on_min Minimum On-Time 166 ns SS OT_delta HDRV1 and HDRV2 Delta On Time ON/SS1 = ON/SS2 = 2V 20 150 ns Error Amplifier www.national.com 5 |
Numéro de pièce similaire - LM2642MTC |
|
Description similaire - LM2642MTC |