Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SMAJ180A Fiches technique(PDF) 5 Page - SUNMATE electronic Co., LTD

No de pièce SMAJ180A
Description  SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SUNMATE [SUNMATE electronic Co., LTD]
Site Internet  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

SMAJ180A Fiches technique(HTML) 5 Page - SUNMATE electronic Co., LTD

  SMAJ180A Datasheet HTML 1Page - SUNMATE electronic Co., LTD SMAJ180A Datasheet HTML 2Page - SUNMATE electronic Co., LTD SMAJ180A Datasheet HTML 3Page - SUNMATE electronic Co., LTD SMAJ180A Datasheet HTML 4Page - SUNMATE electronic Co., LTD SMAJ180A Datasheet HTML 5Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5 of 5
Ratings and Characteristic Curves TA=25°C unless otherwise noted
www.sunmate.tw


Numéro de pièce similaire - SMAJ180A

FabricantNo de pièceFiches techniqueDescription
logo
Socay Electornics Co., ...
SMAJ180A SOCAY-SMAJ180A Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Littelfuse
SMAJ180A LITTELFUSE-SMAJ180A Datasheet
174Kb / 4P
   Silicon Avalanche Diodes - 400W Surface Mount Transient Voltage Supressors
logo
Shenzhen Luguang Electr...
SMAJ180A LUGUANG-SMAJ180A Datasheet
2Mb / 4P
   Transient Voltage Suppressors
logo
Socay Electornics Co., ...
SMAJ180A SOCAY-SMAJ180A Datasheet
3Mb / 56P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Formosa MS
SMAJ180A FORMOSA-SMAJ180A Datasheet
864Kb / 10P
   SMD Transient Voltage Suppressor
More results

Description similaire - SMAJ180A

FabricantNo de pièceFiches techniqueDescription
logo
SUNMATE electronic Co.,...
SMAJ70CA SUNMATE-SMAJ70CA Datasheet
787Kb / 5P
   SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE
SMAJ75CA SUNMATE-SMAJ75CA Datasheet
787Kb / 5P
   SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE
SMAJ250CA SUNMATE-SMAJ250CA Datasheet
787Kb / 5P
   SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE
SMAJ400CA SUNMATE-SMAJ400CA Datasheet
787Kb / 5P
   SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE
SMAFJ130CA SUNMATE-SMAFJ130CA Datasheet
666Kb / 5P
   SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE
SMAFJ210A SUNMATE-SMAFJ210A Datasheet
666Kb / 5P
   SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE
SMAFJ250A SUNMATE-SMAFJ250A Datasheet
666Kb / 5P
   SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE
SMAFJ250CA SUNMATE-SMAFJ250CA Datasheet
666Kb / 5P
   SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE
SMAFJ350CA SUNMATE-SMAFJ350CA Datasheet
666Kb / 5P
   SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE
SMAJ10CA SUNMATE-SMAJ10CA Datasheet
787Kb / 5P
   SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE
SMAJ6.8A SUNMATE-SMAJ6.8A Datasheet
201Kb / 2P
   SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com