Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI4834CDY Fiches technique(PDF) 2 Page - Vishay Siliconix

No de pièce SI4834CDY
Description  Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4834CDY Fiches technique(HTML) 2 Page - Vishay Siliconix

  SI4834CDY Datasheet HTML 1Page - Vishay Siliconix SI4834CDY Datasheet HTML 2Page - Vishay Siliconix SI4834CDY Datasheet HTML 3Page - Vishay Siliconix SI4834CDY Datasheet HTML 4Page - Vishay Siliconix SI4834CDY Datasheet HTML 5Page - Vishay Siliconix SI4834CDY Datasheet HTML 6Page - Vishay Siliconix SI4834CDY Datasheet HTML 7Page - Vishay Siliconix SI4834CDY Datasheet HTML 8Page - Vishay Siliconix SI4834CDY Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
www.vishay.com
2
Document Number: 68790
S09-2109-Rev. B, 12-Oct-09
Vishay Siliconix
Si4834CDY
Notes:
a. Guaranteed by design, not subject to production testing.
b. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %.
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min.
Typ.a
Max.
Unit
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 1 mA
Ch-1
30
V
VGS = 0 V, ID = 1 mA
Ch-2
30
VDS Temperature Coefficient
ΔV
DS/TJ
ID = 250 µA
Ch-2
32
mV/°C
VGS(th) Temperature Coefficient
ΔV
GS(th)/TJ
ID = 250 µA
Ch-2
- 6
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 1 mA
Ch-1
1
3
V
VDS = VGS, ID = 1 mA
Ch-2
1
3
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
Ch-1
100
nA
VDS = 0 V, VGS = ± 20 V
Ch-2
100
Zero Gate Voltage Drain Current
IDSS
VDS = 30 V, VGS = 0 V
Ch-1
0.016
0.10
mA
VDS = 30 V, VGS = 0 V
Ch-2
0.001
VDS = 30 V, VGS = 0 V, TJ = 100 °C
Ch-1
1.1
10
VDS = 30 V, VGS = 0 V, TJ = 100 °C
Ch-2
0.025
On-State Drain Currentb
ID(on)
VDS = 5 V, VGS = 10 V
Ch-1
20
A
VDS = 5 V, VGS = 10 V
Ch-2
20
Drain-Source On-State Resistanceb
RDS(on)
VGS = 10 V, ID = 8 A
Ch-1
0.0156
0.020
Ω
VGS = 10 V, ID = 8 A
Ch-2
0.0156
0.020
VGS = 4.5 V, ID = 5 A
Ch-1
0.019
0.025
VGS = 4.5 V, ID = 5 A
Ch-2
0.019
0.025
Forward Transconductanceb
gfs
VDS = 15 V, ID = 8 A
Ch-1
29
S
VDS = 15 V, ID = 8 A
Ch-2
29
Dynamica
Input Capacitance
Ciss
Channel-1
VDS = 15 V, VGS = 0 V, f = 1 MHz
Channel-2
VDS = 15 V, VGS = 0 V, f = 1 MHz
Ch-1
950
pF
Ch-2
950
Output Capacitance
Coss
Ch-1
185
Ch-2
155
Reverse Transfer Capacitance
Crss
Ch-1
65
Ch-2
65
Total Gate Charge
Qg
VDS = 15 V, VGS = 10 V, ID = 8 A
Ch-1
16.5
25
nC
VDS = 15 V, VGS = 10 V, ID = 8 A
Ch-2
16.5
25
Channel-1
VDS = 15 V, VGS = 4.5 V, ID = 8 A
Channel-2
VDS = 15 V, VGS = 4.5 V, ID = 8 A
Ch-1
7.3
11
Ch-2
7.3
11
Gate-Source Charge
Qgs
Ch-1
2.7
Ch-2
2.7
Gate-Drain Charge
Qgd
Ch-1
2.1
Ch-2
2.1
Gate Resistance
Rg
f = 1 MHz
Ch-1
0.2
1.2
2.4
Ω
Ch-2
0.2
1.2
2.4


Numéro de pièce similaire - SI4834CDY

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI4834CDY VISHAY-SI4834CDY Datasheet
213Kb / 14P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
08-Feb-17
SI4834CDY VISHAY-SI4834CDY_V01 Datasheet
213Kb / 14P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
08-Feb-17
More results

Description similaire - SI4834CDY

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI4808DY VISHAY-SI4808DY Datasheet
46Kb / 5P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. B, 26-May-03
SI4818DY VISHAY-SI4818DY Datasheet
68Kb / 8P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. B, 26-May-03
SI4816BDY VISHAY-SI4816BDY Datasheet
88Kb / 9P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. A, 09-Aug-04
SI4854DY VISHAY-SI4854DY Datasheet
53Kb / 5P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. A, 16-Apr-01
SI4834BDY-T1-E3 VISHAY-SI4834BDY-T1-E3 Datasheet
261Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. D, 18-May-09
SI4834BDY VISHAY-SI4834BDY Datasheet
93Kb / 7P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. C, 29-Dec-03
SI4650DY VISHAY-SI4650DY Datasheet
155Kb / 12P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. D, 18-Jan-10
SI4310BDY VISHAY-SI4310BDY_V01 Datasheet
152Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
01-Jan-2022
SI7872DP VISHAY-SI7872DP_V01 Datasheet
149Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
18-Jul-08
SI7842DP VISHAY-SI7842DP_V01 Datasheet
133Kb / 6P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
01-Jan-2022
SIZ980BDT VISHAY-SIZ980BDT Datasheet
239Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFET with Schottky Diode
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com