Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPA6011A4PWP Fiches technique(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPA6011A4PWP
Description  3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPA6011A4PWP Fiches technique(HTML) 7 Page - Texas Instruments

Back Button TPA6011A4PWP Datasheet HTML 3Page - Texas Instruments TPA6011A4PWP Datasheet HTML 4Page - Texas Instruments TPA6011A4PWP Datasheet HTML 5Page - Texas Instruments TPA6011A4PWP Datasheet HTML 6Page - Texas Instruments TPA6011A4PWP Datasheet HTML 7Page - Texas Instruments TPA6011A4PWP Datasheet HTML 8Page - Texas Instruments TPA6011A4PWP Datasheet HTML 9Page - Texas Instruments TPA6011A4PWP Datasheet HTML 10Page - Texas Instruments TPA6011A4PWP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
www.ti.com
TPA6011A4
SLOS392A – FEBRUARY 2002 – REVISED JULY 2004
Table 2. DC Volume Control (SE Mode, VDD = 5 V)
(1)
SE_VOLUME = VOLUME - SEDIFF or SEMAX
GAIN OF AMPLIFIER
(Typ)
FROM (V)
TO (V)
0.00
0.26
-85(2)
0.33
0.37
-46
0.44
0.48
-44
0.56
0.59
-42
0.67
0.70
-40
0.78
0.82
-38
0.89
0.93
-36
1.01
1.04
-34
1.12
1.16
-32
1.23
1.27
-30
1.35
1.38
-28
1.46
1.49
-26
1.57
1.60
-24
1.68
1.72
-22
1.79
1.83
-20
1.91
1.94
-18
2.02
2.06
-16
2.13
2.17
-14
2.25
2.28
-12
2.36
2.39
-10
2.47
2.50
-8
2.58
2.61
-6(2)
2.70
2.73
-4
2.81
2.83
-2
2.92
2.95
0(2)
3.04
3.06
2
3.15
3.17
4
3.26
3.29
6(2)
3.38
3.40
8
3.49
3.51
10
3.60
3.63
12
3.71
5.00
14
(1)
For other values of VDD, scale the voltage values in the table by a factor of VDD/5.
(2)
Tested in production. Remaining gain steps are specified by design.
7


Numéro de pièce similaire - TPA6011A4PWP

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPA6011A4PWP TI1-TPA6011A4PWP Datasheet
1Mb / 38P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
TPA6011A4PWPG4 TI1-TPA6011A4PWPG4 Datasheet
1Mb / 38P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
TPA6011A4PWPR TI1-TPA6011A4PWPR Datasheet
1Mb / 38P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
TPA6011A4PWPRG4 TI1-TPA6011A4PWPRG4 Datasheet
1Mb / 38P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
More results

Description similaire - TPA6011A4PWP

FabricantNo de pièceFiches techniqueDescription
logo
Eutech Microelectronics...
EUA6019 EUTECH-EUA6019 Datasheet
785Kb / 20P
   3-W Stereo Audio Power Amplifier with Advanced DC Volume Control
logo
Texas Instruments
TPA6012A4 TI-TPA6012A4 Datasheet
668Kb / 28P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
TPA6011A4PWPR TI1-TPA6011A4PWPR Datasheet
1Mb / 38P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
logo
Eutech Microelectronics...
EUA6011A EUTECH-EUA6011A Datasheet
809Kb / 20P
   3-W Stereo Audio Power Amplifier with Advanced DC Volume Control
logo
Texas Instruments
TPA6013A4 TI1-TPA6013A4_16 Datasheet
1Mb / 30P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
TPA6013A4PWP TI1-TPA6013A4PWP Datasheet
499Kb / 28P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
TPA6013A4 TI-TPA6013A4 Datasheet
643Kb / 28P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
logo
Unisonic Technologies
PA3011 UTC-PA3011 Datasheet
234Kb / 7P
   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
logo
Eutech Microelectronics...
EUA6029 EUTECH-EUA6029 Datasheet
673Kb / 16P
   2.5-W Stereo Audio Power Amplifier with Advanced DC Volume Control
EUA6021A EUTECH-EUA6021A Datasheet
665Kb / 16P
   2.5-W Stereo Audio Power Amplifier with Advanced DC Volume Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com