Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI5999EDU Fiches technique(PDF) 7 Page - Vishay Siliconix

No de pièce SI5999EDU
Description  Dual P-Channel 20 V (D-S) MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI5999EDU Fiches technique(HTML) 7 Page - Vishay Siliconix

  SI5999EDU Datasheet HTML 1Page - Vishay Siliconix SI5999EDU Datasheet HTML 2Page - Vishay Siliconix SI5999EDU Datasheet HTML 3Page - Vishay Siliconix SI5999EDU Datasheet HTML 4Page - Vishay Siliconix SI5999EDU Datasheet HTML 5Page - Vishay Siliconix SI5999EDU Datasheet HTML 6Page - Vishay Siliconix SI5999EDU Datasheet HTML 7Page - Vishay Siliconix SI5999EDU Datasheet HTML 8Page - Vishay Siliconix SI5999EDU Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Package Information
www.vishay.com
Vishay Siliconix
Revision: 21-Jul-14
1
Document Number: 73203
For technical questions, contact: pmostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PowerPAK® ChipFET® Case Outline
Note
• Millimeters will govern
DIM.
MILLIMETERS
INCHES
MIN.
NOM.
MAX.
MIN.
NOM.
MAX.
A
0.70
0.75
0.85
0.028
0.030
0.033
A1
0
-
0.05
0
-
0.002
b
0.25
0.30
0.35
0.010
0.012
0.014
C
0.15
0.20
0.25
0.006
0.008
0.010
D
2.92
3.00
3.08
0.115
0.118
0.121
D1
1.75
1.87
2.00
0.069
0.074
0.079
D2
1.07
1.20
1.32
0.042
0.047
0.052
D3
0.20
0.25
0.30
0.008
0.010
0.012
E
1.82
1.90
1.98
0.072
0.075
0.078
E1
1.38
1.50
1.63
0.054
0.059
0.064
E2
0.92
1.05
1.17
0.036
0.041
0.046
E3
0.45
0.50
0.55
0.018
0.020
0.022
e
0.65 BSC
0.026 BSC
H
0.15
0.20
0.25
0.006
0.008
0.010
K
0.25
-
-
0.010
-
-
K1
0.30
-
-
0.012
-
-
K2
0.20
-
-
0.008
-
-
K3
0.20
-
-
0.008
-
-
L
0.30
0.35
0.40
0.012
0.014
0.016
C14-0630-Rev. E, 21-Jul-14
DWG: 5940
D
H
E1
D1
K
L
K1
E3
D3
Backside view of single pad
(5)
(6)
(7)
(8)
(1)
(2)
(3)
(4)
D(2)
D(1)
D(3)
G(4)
D(8)
D(7)
D(6)
S(5)
Z
b
e
D2
D2
K3
Detail Z
Backside view of dual pad
GI(2)
SI(1)
S2(3)
G2(4)
D1(7)
D1(8)
D2(6)
D2(5)
Side view of single
Side view of dual
Pin #1
indicator


Numéro de pièce similaire - SI5999EDU

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI5999EDU VISHAY-SI5999EDU Datasheet
168Kb / 9P
   Dual P-Channel 20 V (D-S) MOSFET
08-Feb-17
SI5999EDU VISHAY-SI5999EDU_V01 Datasheet
168Kb / 9P
   Dual P-Channel 20 V (D-S) MOSFET
08-Feb-17
More results

Description similaire - SI5999EDU

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI3911DV VISHAY-SI3911DV Datasheet
47Kb / 4P
   Dual P-Channel 20-V (D-S) MOSFET
Rev. B, 18-Mar-02
SI7913DN VISHAY-SI7913DN Datasheet
67Kb / 5P
   Dual P-Channel 20-V (D-S) MOSFET
Rev. B, 13-Jun-05
SI9933CDY-T1-GE3 VISHAY-SI9933CDY-T1-GE3 Datasheet
276Kb / 10P
   Dual P-Channel 20-V (D-S) MOSFET
Rev. A, 04-Aug-08
SIA911EDJ VISHAY-SIA911EDJ Datasheet
122Kb / 7P
   Dual P-Channel 20-V (D-S) MOSFET
Rev. B, 09-Mar-09
SI6981DQ VISHAY-SI6981DQ_16 Datasheet
107Kb / 6P
   Dual P-Channel 20-V (D-S) MOSFET
Rev. B, 02-Jun-08
SIA921EDJ VISHAY-SIA921EDJ Datasheet
124Kb / 7P
   Dual P-Channel 20-V (D-S) MOSFET
Rev. B, 02-Nov-09
SIA923EDJ VISHAY-SIA923EDJ Datasheet
120Kb / 7P
   Dual P-Channel 20 V (D-S) MOSFET
Rev. A, 19-Jul-10
SI3981DV VISHAY-SI3981DV Datasheet
86Kb / 6P
   Dual P-Channel 20-V (D-S) MOSFET
Rev. C, 29-Mar-04
SIB911DK VISHAY-SIB911DK Datasheet
232Kb / 5P
   Dual P-Channel 20-V (D-S) MOSFET
Rev. A, 14-May-07
logo
VBsemi Electronics Co.,...
VBKB4265 VBSEMI-VBKB4265 Datasheet
380Kb / 6P
   Dual P-Channel 20-V (D-S) MOSFET
VB4290 VBSEMI-VB4290 Datasheet
686Kb / 9P
   Dual P-Channel 20 V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com