Moteur de recherche de fiches techniques de composants électroniques |
|
CAT25M01VI-GT3 Fiches technique(PDF) 3 Page - ON Semiconductor |
|
CAT25M01VI-GT3 Fiches technique(HTML) 3 Page - ON Semiconductor |
3 / 14 page CAT25M01 www.onsemi.com 3 Table 4. PIN CAPACITANCE (TA = 25°C, f = 1.0 MHz, VCC = +5.0 V) (Note 5) Symbol Test Conditions Min Typ Max Units COUT Output Capacitance (SO) VOUT = 0 V 8 pF CIN Input Capacitance (CS, SCK, SI, WP, HOLD) VIN = 0 V 8 pF 5. These parameters are tested initially and after a design or process change that affects the parameter according to appropriate AEC−Q100 and JEDEC test methods. Table 5. A.C. CHARACTERISTICS (TA = −40°C to +125°C, unless otherwise specified.) (Note 6) Symbol Parameter VCC = 1.8 V − 5.5 V −40 5C to +855C VCC = 2.5 V − 5.5 V −40 5C to +1255C Units Min Max Min Max fSCK Clock Frequency DC 5 DC 10 MHz tSU Data Setup Time 20 10 ns tH Data Hold Time 20 10 ns tWH SCK High Time 75 40 ns tWL SCK Low Time 75 40 ns tLZ HOLD to Output Low Z 50 25 ns tRI (Note 8) Input Rise Time 2 2 ms tFI (Note 8) Input Fall Time 2 2 ms tHD HOLD Setup Time 0 0 ns tCD HOLD Hold Time 10 10 ns tV Output Valid from Clock Low 75 40 ns tHO Output Hold Time 0 0 ns tDIS Output Disable Time 50 20 ns tHZ HOLD to Output High Z 100 25 ns tCS CS High Time 80 40 ns tCSS CS Setup Time 60 30 ns tCSH CS Hold Time 60 30 ns tCNS CS Inactive Setup Time 60 30 tCNH CS Inactive Hold Time 60 30 tWPS WP Setup Time 10 10 ns tWPH WP Hold Time 10 10 ns tWC (Note 7) Write Cycle Time 5 5 ms 6. AC Test Conditions: Input Pulse Voltages: 0.3 VCC to 0.7 VCC Input rise and fall times: ≤ 10 ns Input and output reference voltages: 0.5 VCC Output load: current source IOL max/IOH max; CL = 30 pF 7. tWC is the time from the rising edge of CS after a valid write sequence to the end of the internal write cycle. Table 6. POWER−UP TIMING (Notes 8 and 9) Symbol Parameter Max Units tPUR Power−up to Read Operation 1 ms tPUW Power−up to Write Operation 1 ms 8. This parameter is tested initially and after a design or process change that affects the parameter. 9. tPUR and tPUW are the delays required from the time VCC is stable until the specified operation can be initiated. |
Numéro de pièce similaire - CAT25M01VI-GT3 |
|
Description similaire - CAT25M01VI-GT3 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |