Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CAT24C32HU4I.GT3 Fiches technique(PDF) 4 Page - ON Semiconductor

No de pièce CAT24C32HU4I.GT3
Description  32-Kb I2C CMOS Serial EEPROM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT24C32HU4I.GT3 Fiches technique(HTML) 4 Page - ON Semiconductor

  CAT24C32HU4I.GT3 Datasheet HTML 1Page - ON Semiconductor CAT24C32HU4I.GT3 Datasheet HTML 2Page - ON Semiconductor CAT24C32HU4I.GT3 Datasheet HTML 3Page - ON Semiconductor CAT24C32HU4I.GT3 Datasheet HTML 4Page - ON Semiconductor CAT24C32HU4I.GT3 Datasheet HTML 5Page - ON Semiconductor CAT24C32HU4I.GT3 Datasheet HTML 6Page - ON Semiconductor CAT24C32HU4I.GT3 Datasheet HTML 7Page - ON Semiconductor CAT24C32HU4I.GT3 Datasheet HTML 8Page - ON Semiconductor CAT24C32HU4I.GT3 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
CAT24C32
www.onsemi.com
4
Table 5. A.C. CHARACTERISTICS
(VCC = 1.8 V to 5.5 V, TA = −40°C to +125°C and VCC = 1.7 V to 5.5 V, TA = −40°C to +85°C.) (Note 6)
Symbol
Parameter
Standard
VCC = 1.7 V − 5.5 V
Fast
VCC = 1.7 V − 5.5 V
Fast−Plus (Note 9)
VCC = 2.5 V − 5.5 V
TA = −405C to +855C
Units
Min
Max
Min
Max
Min
Max
FSCL
Clock Frequency
100
400
1,000
kHz
tHD:STA
START Condition Hold Time
4
0.6
0.25
ms
tLOW
Low Period of SCL Clock
4.7
1.3
0.45
ms
tHIGH
High Period of SCL Clock
4
0.6
0.40
ms
tSU:STA
START Condition Setup Time
4.7
0.6
0.25
ms
tHD:DAT
Data In Hold Time
0
0
0
ms
tSU:DAT
Data In Setup Time
250
100
50
ns
tR (Note 7)
SDA and SCL Rise Time
1,000
300
100
ns
tF (Note 7)
SDA and SCL Fall Time
300
300
100
ns
tSU:STO
STOP Condition Setup Time
4
0.6
0.25
ms
tBUF
Bus Free Time Between STOP
and START
4.7
1.3
0.5
ms
tAA
SCL Low to Data Out Valid
3.5
0.9
0.40
ms
tDH (Note 7)
Data Out Hold Time
100
100
50
ns
Ti (Note 7)
Noise Pulse Filtered at SCL and
SDA Inputs
100
100
100
ns
tSU:WP
WP Setup Time
0
0
0
ms
tHD:WP
WP Hold Time
2.5
2.5
1
ms
tWR
Write Cycle Time
5
5
5
ms
tPU (Notes 7, 8)
Power−up to Ready Mode
1
1
1
ms
6. Test conditions according to “A.C. Test Conditions” table.
7. Tested initially and after a design or process change that affects this parameter.
8. tPU is the delay between the time VCC is stable and the device is ready to accept commands.
9. Fast−Plus (1 MHz) speed class available for product revision “F”. The die revision “F” is identified by letter “F” or a dedicated marking code
on top of the package.
Table 6. A.C. TEST CONDITIONS
Input Drive Levels
0.2 x VCC to 0.8 x VCC
Input Rise and Fall Time
≤ 50 ns
Input Reference Levels
0.3 x VCC, 0.7 x VCC
Output Reference Level
0.5 x VCC
Output Test Load
Current Source IOL = 3 mA (VCC ≥ 2.5 V); IOL = 1 mA (VCC < 2.5 V); CL = 100 pF


Numéro de pièce similaire - CAT24C32HU4I.GT3

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
CAT24C32HU4I.GT3 ONSEMI-CAT24C32HU4I.GT3 Datasheet
182Kb / 17P
   32-Kb I2C CMOS Serial EEPROM
August, 2012 ??Rev. 15
More results

Description similaire - CAT24C32HU4I.GT3

FabricantNo de pièceFiches techniqueDescription
logo
Catalyst Semiconductor
CAT24C32 CATALYST-CAT24C32 Datasheet
527Kb / 18P
   32-Kb I2C CMOS Serial EEPROM
logo
ON Semiconductor
LE2432RDXA ONSEMI-LE2432RDXA Datasheet
353Kb / 17P
   32 kb I2C CMOS Serial EEPROM
August 2016 - Rev. 1
N24C32 ONSEMI-N24C32 Datasheet
89Kb / 10P
   32 Kb I2C CMOS Serial EEPROM
June, 2016 ??Rev. 1
CAT24C32WI-G ONSEMI-CAT24C32WI-G Datasheet
182Kb / 17P
   32-Kb I2C CMOS Serial EEPROM
August, 2012 ??Rev. 15
CAT24C32 ONSEMI-CAT24C32 Datasheet
182Kb / 14P
   32-Kb I2C CMOS Serial EEPROM
July, 2010 ??Rev. 12
LE2432DXA ONSEMI-LE2432DXA Datasheet
310Kb / 17P
   32 kb I2C CMOS Serial EEPROM
August 2016 - Rev. 1
CAV24C32 ONSEMI-CAV24C32_16 Datasheet
113Kb / 12P
   32-Kb I2C CMOS Serial EEPROM
February, 2016 ??Rev. 2
CAT24C32 ONSEMI-CAT24C32_12 Datasheet
182Kb / 17P
   32-Kb I2C CMOS Serial EEPROM
August, 2012 ??Rev. 15
CAT24C32 ONSEMI-CAT24C32_18 Datasheet
405Kb / 22P
   EEPROM Serial 32-Kb I2C
May, 2018 ??Rev. 26
CAV24C32 ONSEMI-CAV24C32_18 Datasheet
319Kb / 17P
   EEPROM Serial 32-Kb I2C
May, 2018 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com