Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BZW04-128B Fiches technique(PDF) 2 Page - MDE Semiconductor, Inc.

No de pièce BZW04-128B
Description  GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MDE [MDE Semiconductor, Inc.]
Site Internet  http://www.mdesemiconductor.com
Logo MDE - MDE Semiconductor, Inc.

BZW04-128B Fiches technique(HTML) 2 Page - MDE Semiconductor, Inc.

  BZW04-128B Datasheet HTML 1Page - MDE Semiconductor, Inc. BZW04-128B Datasheet HTML 2Page - MDE Semiconductor, Inc. BZW04-128B Datasheet HTML 3Page - MDE Semiconductor, Inc. BZW04-128B Datasheet HTML 4Page - MDE Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
11/13/2013
Ratings and
Characteristic Curves(T
A=25℃ unless otherwise noted)
MDE Semiconductor, Inc.
78-150 Calle Tampico, Unit 210, La Quinta, CA., USA 92253 Tel: 760-564-8656 • Fax: 760-564-2414
1-800-831-4881 Email: sales@mdesemicondutor.com Web: www.mdesemiconductor.com
RATINGS AND CHARACTERISTIC CURVES BZW04 SERIES
0
0
Fig.2 - Pulse Derating Curve
T
A - Ambient Temperature (°C)
0.1
1
10
100
Fig. 1 - Peak Pulse Power
10m
Non-repetitive Pulse
Waveform shown in
Fig. 3
0.1μ
1.0μ
10μs
100μs
1.0m
td - Pulse Width
10
100
1000
0
0.2
0.4
0.6
0.8
1
1.2
Fig.6 - Maximum Non-Repetitive Forward
Surge Current Uni-Directional Only
200
T
J = TJ max.
8.3ms Single Half Sine-Wave
(JEDEC Method)
50
Number of Cycles at 60 Hz
0.01
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
1.2
Measured at Devices
Stand-off Voltage,V
WM
T
A = 25°C
V
(BR) - Breakdown Voltage (V)
Fig.7 - Typical Reverse Leakage Characteristics
3.0
4.0
150
0
1.0
2.0
tr = 10μsec.
Peak Value I
PPM
Half Value-
I
PPM
TJ = 25°C
Pulse Width(td)is defined
as the point where the
peak current decays to
50% of I
PPM
10/1000μsec.Waveform
as defined by R.E.A.
td
Fig.3 - Pulse Waveform
3
0
4.0
50
100
t - Time(ms)
1
10
100
0
0.2
0.4
0.6
0.8
1
1.2
Fig. 8 - Typ.Transient Thermal Impedance
t
p-Pulse Duration (sec)
0.00
0.13
0.25
0.38
0.50
0.63
0.75
0.88
1.00
0
0.2
0.4
0.6
0.8
1
1.2
0
60 HZ Resistive or
Inductive Load
L=0.375" (9.5mm)
Lead Lengths
1.6x1.6x.040"
(40x40x1mm)
Copper Heat Sinks
T
L - Lead Temperature
Fig.5 - steady State Power Derating
10
100
1000
10000
1.0
100
200
Measured at
Stand-Off
Voltage, V
WM
T
J = 25°C
f = 1.0MH
Z
Vsig = 50mVp-p
Measured at Zero
Bias
Fig.4 - Typ.Junction Capacitance Uni-Directional
VWM - Reverse Stand-Off Voltage (V)


Numéro de pièce similaire - BZW04-128B

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
BZW04-128B STMICROELECTRONICS-BZW04-128B Datasheet
130Kb / 6P
   TRANSIL
logo
Galaxy Semi-Conductor H...
BZW04-128B BILIN-BZW04-128B Datasheet
113Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
BZW04-128B VISHAY-BZW04-128B Datasheet
105Kb / 6P
   TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
logo
Shenzhen Taychipst Elec...
BZW04-128B TAYCHIPST-BZW04-128B Datasheet
3Mb / 3P
   Voltage regulator dides
BZW04-128B TAYCHIPST-BZW04-128B Datasheet
3Mb / 4P
   Transient Voltage Suppressors
More results

Description similaire - BZW04-128B

FabricantNo de pièceFiches techniqueDescription
logo
Transys Electronics
5KP TRSYS-5KP Datasheet
252Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
CHENG-YI ELECTRONIC CO....
5KP CHENG-YI-5KP Datasheet
138Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Chenmko Enterprise Co. ...
P6KE6.8PT CHENMKO-P6KE6.8PT Datasheet
108Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
List of Unclassifed Man...
1.5KE ETC-1.5KE Datasheet
254Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Weitron Technology
1.5KE43A WEITRON-1.5KE43A Datasheet
73Kb / 1P
   Glass Passivated Junction Transient Voltage Suppressor
logo
MDE Semiconductor, Inc.
SMD15KPA MDE-SMD15KPA Datasheet
311Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Gaomi Xinghe Electronic...
P6KE6.8CA GXELECTRONICS-P6KE6.8CA Datasheet
137Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
1N6373 MDE-1N6373_13 Datasheet
55Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Shunye Enterprise
5KP SHUNYE-5KP Datasheet
890Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
5KP5.0 SHUNYE-5KP5.0 Datasheet
674Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
RT100KP28A MDE-RT100KP28A_13 Datasheet
259Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com