Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PD-1021 Fiches technique(PDF) 7 Page - TRINAMIC Motion Control GmbH & Co. KG.

No de pièce PD-1021
Description  Stepper Motor with Controller
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
Site Internet  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.

PD-1021 Fiches technique(HTML) 7 Page - TRINAMIC Motion Control GmbH & Co. KG.

Back Button PD-1021 Datasheet HTML 3Page - TRINAMIC Motion Control GmbH & Co. KG. PD-1021 Datasheet HTML 4Page - TRINAMIC Motion Control GmbH & Co. KG. PD-1021 Datasheet HTML 5Page - TRINAMIC Motion Control GmbH & Co. KG. PD-1021 Datasheet HTML 6Page - TRINAMIC Motion Control GmbH & Co. KG. PD-1021 Datasheet HTML 7Page - TRINAMIC Motion Control GmbH & Co. KG. PD-1021 Datasheet HTML 8Page - TRINAMIC Motion Control GmbH & Co. KG. PD-1021 Datasheet HTML 9Page - TRINAMIC Motion Control GmbH & Co. KG. PD-1021 Datasheet HTML 10Page - TRINAMIC Motion Control GmbH & Co. KG. PD-1021 Datasheet HTML 11Page - TRINAMIC Motion Control GmbH & Co. KG. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
PD-1021 V1.2 Hardware Manual (Rev. 1.01 / 2013-JUL-23)
7
www.trinamic.com
3.1.2 Dimensions of PD28-3-1021
2
22-0.05
20±1
5
4.5
15±0.2
28
28
25.5
25.5
2.5
23
26
R 2
ø2.6
R 2.5
Rear view
28
23±0.2
23±0.2 28
Front view
M2.5
deep 4.5
22-0.05
5
28
30+1
62 max
51
Figure 3.2 PD28-3-1021 with 2-phase 28mm stepper motor QSH2818-51-07-012


Numéro de pièce similaire - PD-1021

FabricantNo de pièceFiches techniqueDescription
logo
TRINAMIC Motion Control...
PD-1070 TRINAMIC-PD-1070 Datasheet
2Mb / 25P
   Supply Voltage 9 to 24V DC
PD-108-28 TRINAMIC-PD-108-28 Datasheet
257Kb / 1P
   28mm / NEMA11 Stepper Motor with Controller / Driver and Serial Interface
PD-109 TRINAMIC-PD-109 Datasheet
196Kb / 2P
   Schrittmotorsystem: dynamisch & intelligent
PD-109 TRINAMIC-PD-109 Datasheet
186Kb / 2P
   High power stepper motor motion system
PD-109-57 TRINAMIC-PD-109-57 Datasheet
213Kb / 1P
   57mm / NEMA23 Stepper Motor with Controller / Driver and Serial Interface
More results

Description similaire - PD-1021

FabricantNo de pièceFiches techniqueDescription
logo
TRINAMIC Motion Control...
PD-1140 TRINAMIC-PD-1140 Datasheet
778Kb / 26P
   Stepper Motor with Controller
PD-1161 TRINAMIC-PD-1161 Datasheet
366Kb / 1P
   Stepper Motor with Controller
PD-1141 TRINAMIC-PD-1141 Datasheet
393Kb / 1P
   Stepper Motor with Controller
PD-1160 TRINAMIC-PD-1160 Datasheet
424Kb / 1P
   Stepper Motor with Controller
logo
ELM Electronics
ELM313 ELM-ELM313 Datasheet
32Kb / 5P
   STEPPER MOTOR CONTROLLER
ELM311 ELM-ELM311 Datasheet
31Kb / 5P
   STEPPER MOTOR CONTROLLER
ELM312 ELM-ELM312 Datasheet
31Kb / 5P
   STEPPER MOTOR CONTROLLER
ELM310 ELM-ELM310 Datasheet
37Kb / 5P
   STEPPER MOTOR CONTROLLER
logo
LSI Computer Systems
LS8297 LSI-LS8297 Datasheet
216Kb / 8P
   STEPPER MOTOR CONTROLLER
LS7290 LSI-LS7290 Datasheet
430Kb / 9P
   STEPPER MOTOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com