Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PD-1021 Fiches technique(PDF) 3 Page - TRINAMIC Motion Control GmbH & Co. KG.

No de pièce PD-1021
Description  Stepper Motor with Controller
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
Site Internet  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.

PD-1021 Fiches technique(HTML) 3 Page - TRINAMIC Motion Control GmbH & Co. KG.

  PD-1021 Datasheet HTML 1Page - TRINAMIC Motion Control GmbH & Co. KG. PD-1021 Datasheet HTML 2Page - TRINAMIC Motion Control GmbH & Co. KG. PD-1021 Datasheet HTML 3Page - TRINAMIC Motion Control GmbH & Co. KG. PD-1021 Datasheet HTML 4Page - TRINAMIC Motion Control GmbH & Co. KG. PD-1021 Datasheet HTML 5Page - TRINAMIC Motion Control GmbH & Co. KG. PD-1021 Datasheet HTML 6Page - TRINAMIC Motion Control GmbH & Co. KG. PD-1021 Datasheet HTML 7Page - TRINAMIC Motion Control GmbH & Co. KG. PD-1021 Datasheet HTML 8Page - TRINAMIC Motion Control GmbH & Co. KG. PD-1021 Datasheet HTML 9Page - TRINAMIC Motion Control GmbH & Co. KG. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
PD-1021 V1.2 Hardware Manual (Rev. 1.01 / 2013-JUL-23)
3
www.trinamic.com
1 Features
The PANdrive™ PD-1021 is a full mechatronic extremely small and compact solution with state of the art
feature set. It is highly integrated and offers a convenient handling. The PD-1021 includes a stepper
motor, controller/driver electronics, and TRINAMICs sensOstep™ encoder. It can be used in many
decentralized applications and has been designed for 0.06… 0.12 Nm max. holding torque and 24V DC
nominal supply voltage. With its high energy efficiency from TRINAMIC’s coolStep technology cost for
power consumption is kept down. The TMCL™ firmware allows for standalone operation and direct
mode.
MAIN CHARACTERISTICS
Highlights
-
Motion profile calculation in real-time
-
On the fly alteration of motor parameters (e.g. position, velocity, acceleration)
-
High performance microcontroller for overall system control and serial communication protocol
handling
-
For position movement applications, where larger motors do not fit and higher torques are not
required
Bipolar stepper motor driver
-
Up to 256 microsteps per full step
-
High-efficient operation, low power dissipation
-
Dynamic current control
-
Integrated protection
-
stallGuard2 feature for stall detection
-
coolStep feature for reduced power consumption and heat dissipation
-
ready for dcStep
Encoder
-
sensOstep magnetic encoder (max. 1024 increments per rotation) e.g. for step-loss detection under
all operating conditions and positioning supervision
Interfaces
-
Up to 4 multi-purpose inputs (2 shared with outputs)
-
2 general purpose outputs
-
RS485 2-wire communication interface
Software
-
TMCL: standalone operation or remote controlled operation,
program memory (non volatile) for up to 876 TMCL commands, and
PC-based application development software TMCL-IDE available for free.
Electrical and mechanical data
-
Supply voltage: +24V DC nominal (9… 28V DC)
-
Motor current: up to 0.7A RMS (programmable)
-
0.06 or 0.12Nm max. holding torque (depends on motor)
Refer to separate TMCL Firmware Manual, too.


Numéro de pièce similaire - PD-1021

FabricantNo de pièceFiches techniqueDescription
logo
TRINAMIC Motion Control...
PD-1070 TRINAMIC-PD-1070 Datasheet
2Mb / 25P
   Supply Voltage 9 to 24V DC
PD-108-28 TRINAMIC-PD-108-28 Datasheet
257Kb / 1P
   28mm / NEMA11 Stepper Motor with Controller / Driver and Serial Interface
PD-109 TRINAMIC-PD-109 Datasheet
196Kb / 2P
   Schrittmotorsystem: dynamisch & intelligent
PD-109 TRINAMIC-PD-109 Datasheet
186Kb / 2P
   High power stepper motor motion system
PD-109-57 TRINAMIC-PD-109-57 Datasheet
213Kb / 1P
   57mm / NEMA23 Stepper Motor with Controller / Driver and Serial Interface
More results

Description similaire - PD-1021

FabricantNo de pièceFiches techniqueDescription
logo
TRINAMIC Motion Control...
PD-1140 TRINAMIC-PD-1140 Datasheet
778Kb / 26P
   Stepper Motor with Controller
PD-1161 TRINAMIC-PD-1161 Datasheet
366Kb / 1P
   Stepper Motor with Controller
PD-1141 TRINAMIC-PD-1141 Datasheet
393Kb / 1P
   Stepper Motor with Controller
PD-1160 TRINAMIC-PD-1160 Datasheet
424Kb / 1P
   Stepper Motor with Controller
logo
ELM Electronics
ELM313 ELM-ELM313 Datasheet
32Kb / 5P
   STEPPER MOTOR CONTROLLER
ELM311 ELM-ELM311 Datasheet
31Kb / 5P
   STEPPER MOTOR CONTROLLER
ELM312 ELM-ELM312 Datasheet
31Kb / 5P
   STEPPER MOTOR CONTROLLER
ELM310 ELM-ELM310 Datasheet
37Kb / 5P
   STEPPER MOTOR CONTROLLER
logo
LSI Computer Systems
LS8297 LSI-LS8297 Datasheet
216Kb / 8P
   STEPPER MOTOR CONTROLLER
LS7290 LSI-LS7290 Datasheet
430Kb / 9P
   STEPPER MOTOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com