Moteur de recherche de fiches techniques de composants électroniques |
|
STB60H100C Fiches technique(PDF) 3 Page - Sangdest Microelectronic (Nanjing) Co., Ltd |
|
STB60H100C Fiches technique(HTML) 3 Page - Sangdest Microelectronic (Nanjing) Co., Ltd |
3 / 5 page Technical Data Green Products Data Sheet N1834, Rev. - • China - Germany - Korea - Singapore - United States • • http://www.smc-diodes.com - sales@ smc-diodes.com • STB60H100C Electrical Characteristics: * Pulse Width < 300µs, Duty Cycle <2% Thermal-Mechanical Specifications: Characteristics Symbol Condition Specification Units Junction Temperature TJ - -55 to +175 °C Storage Temperature Tstg - -55 to +175 °C Typical Thermal Resistance Junction to Case(per leg) RθJC DC operation 2.0 °C/W Approximate Weight wt - 1.85 g Case Style D 2PAK Characteristics Symbol Condition Typ. Max. Units Forward Voltage Drop (per leg)* VF1 @ 15A, Pulse, TJ = 25 °C @ 30A, Pulse, TJ = 25 °C 0.72 0.87 0.75 0.90 V VF2 @ 15A, Pulse, TJ = 125 °C @ 30A, Pulse, TJ = 125 °C 0.62 0.79 0.70 0.85 V Reverse Current at DC Condition (per leg)* IR1 @VR = rated VR TJ = 25°C 0.006 1 mA IR2 @VR = rated VR TJ = 125°C 2 15 mA |
Numéro de pièce similaire - STB60H100C |
|
Description similaire - STB60H100C |