Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

6N60F Fiches technique(PDF) 1 Page - Chongqing Pingwei Enterprise co.,Ltd

No de pièce 6N60F
Description  6A mps,600 Volts N-CHANNEL MOSFET
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CHONGQING [Chongqing Pingwei Enterprise co.,Ltd]
Site Internet  http://www.perfectway.cn
Logo CHONGQING - Chongqing Pingwei Enterprise co.,Ltd

6N60F Fiches technique(HTML) 1 Page - Chongqing Pingwei Enterprise co.,Ltd

  6N60F Datasheet HTML 1Page - Chongqing Pingwei Enterprise co.,Ltd 6N60F Datasheet HTML 2Page - Chongqing Pingwei Enterprise co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
- 页码 -
Rev. 14-1
http:// www.perfectway.cn
6N60(F,B,H)
6A mps,600 Volts N-CHANNEL MOSFET
FEATURE
6A,600V,RDS(ON)=1.2Ω@VGS=10V/3A
Low gate charge
Low Ciss
Fast switching
100% avalanche tested
Improved dv/dt capability
TO-220AB
ITO-220AB
6N60
6N60F
TO-263
TO-262
6N60B
6N60H
Absolute Maximum Ratings(TC=25℃,unless otherwise noted)
Parameter
Symbol
6N60
UNIT
Drain-Source Voltage
VDSS
600
V
Gate-Source Voltage
VGSS
±
30
Continuous Drain Current
ID
6
A
Pulsed Drain Current(Note1)
IDM
24
Single Pulse Avalanche Energy (Note 2)
EAS
440
mJ
Avalanche Current(Note1)
IAR
10.4
A
Repetitive Avalanche Energy (Note1)
EAR
13
mJ
Reverse Diode dV/dt (Note 3)
dv/dt
5.0
V/ns
Operating Junction and Storage Temperature Range
TJ,TSTG
-55 to +150
Maximum lead temperature for soldering purposes,
1/8"from case for 5 seconds
TL
260
Mounting Torque
6-32 or M3 screw
10
lbf·in
1.1
N·m
Thermal Characteristics
Parameter
Symbol
ITO-220
TO-220
TO-262
TO-263
Units
Maximum Junction-to-Case
RthJC
1.25
1
1
/W
Maximum Power Dissipation
TC=25℃
PD
100
125
125
W


Numéro de pièce similaire - 6N60F

FabricantNo de pièceFiches techniqueDescription
logo
SUNMATE electronic Co.,...
6N60F SUNMATE-6N60F Datasheet
2Mb / 7P
   N-CHANNEL POWER MOSFET
logo
Nell Semiconductor Co.,...
6N60F NELLSEMI-6N60F Datasheet
486Kb / 10P
   N-Channel Power MOSFET
More results

Description similaire - 6N60F

FabricantNo de pièceFiches techniqueDescription
logo
Chongqing Pingwei Enter...
12N60 CHONGQING-12N60 Datasheet
194Kb / 2P
   12A mps,600 Volts N-CHANNEL MOSFET
7N60 CHONGQING-7N60 Datasheet
193Kb / 2P
   7A mps,600 Volts N-CHANNEL MOSFET
2N60 CHONGQING-2N60 Datasheet
201Kb / 2P
   2A mps,600 Volts N-CHANNEL MOSFET
10N60 CHONGQING-10N60 Datasheet
192Kb / 2P
   10A mps,600 Volts N-CHANNEL MOSFET
4N60 CHONGQING-4N60 Datasheet
200Kb / 2P
   4A mps,600 Volts N-CHANNEL MOSFET
8N60 CHONGQING-8N60 Datasheet
194Kb / 2P
   8A mps,600 Volts N-CHANNEL MOSFET
20N06 CHONGQING-20N06 Datasheet
193Kb / 2P
   20A mps,60 Volts N-CHANNEL MOSFET
8N65 CHONGQING-8N65 Datasheet
194Kb / 2P
   8A mps,650 Volts N-CHANNEL MOSFET
10N65 CHONGQING-10N65 Datasheet
193Kb / 2P
   F10A mps,650 Volts N-CHANNEL MOSFET
7N65 CHONGQING-7N65 Datasheet
194Kb / 2P
   7A mps,650 Volts N-CHANNEL MOSFET
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com