Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KM416S4030CT-F10 Fiches technique(PDF) 2 Page - Samsung semiconductor

No de pièce KM416S4030CT-F10
Description  1M x 16Bit x 4 Banks Synchronous DRAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SAMSUNG [Samsung semiconductor]
Site Internet  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM416S4030CT-F10 Fiches technique(HTML) 2 Page - Samsung semiconductor

  KM416S4030CT-F10 Datasheet HTML 1Page - Samsung semiconductor KM416S4030CT-F10 Datasheet HTML 2Page - Samsung semiconductor KM416S4030CT-F10 Datasheet HTML 3Page - Samsung semiconductor KM416S4030CT-F10 Datasheet HTML 4Page - Samsung semiconductor KM416S4030CT-F10 Datasheet HTML 5Page - Samsung semiconductor KM416S4030CT-F10 Datasheet HTML 6Page - Samsung semiconductor KM416S4030CT-F10 Datasheet HTML 7Page - Samsung semiconductor KM416S4030CT-F10 Datasheet HTML 8Page - Samsung semiconductor KM416S4030CT-F10 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
KM416S4030C
REV. 2 June '98
CMOS SDRAM
Preliminary
The KM416S4030C is 67,108,864 bits synchronous high data
rate Dynamic RAM organized as 4 x 1,048,576 words by 16
bits, fabricated with SAMSUNG
′s high performance CMOS
technology. Synchronous design allows precise cycle control
with the use of system clock I/O transactions are possible on
every clock cycle. Range of operating frequencies, programma-
ble burst length and programmable latencies allow the same
device to be useful for a variety of high bandwidth, high perfor-
mance memory system applications.
• JEDEC standard 3.3V power supply
• LVTTL compatible with multiplexed address
• Four banks operation
• MRS cycle with address key programs
-. CAS latency (2 & 3)
-. Burst length (1, 2, 4, 8 & Full page)
-. Burst type (Sequential & Interleave)
• All inputs are sampled at the positive going edge of the system
clock
• Burst read single-bit write operation
• DQM for masking
• Auto & self refresh
• 64ms refresh period (4K cycle)
GENERAL DESCRIPTION
FEATURES
FUNCTIONAL BLOCK DIAGRAM
1M x 16Bit x 4 Banks Synchronous DRAM
Samsung Electronics reserves the right to
change products or specification without
notice.
*
Bank Select
Data Input Register
1M x 16
1M x 16
Column Decoder
Latency & Burst Length
Programming Register
LCKE
LRAS
LCBR
LWE
LDQM
CLK
CKE
CS
RAS
CAS
WE
L(U)DQM
LWE
LDQM
DQi
CLK
ADD
LCAS
LWCBR
1M x 16
1M x 16
Timing Register
ORDERING INFORMATION
Part No.
Max Freq.
Interface Package
KM416S4030CT-G/F7
143MHz
LVTTL
54
TSOP(II)
KM416S4030CT-G/F8
125MHz
KM416S4030CT-G/FH
100MHz
KM416S4030CT-G/FL
100MHz
KM416S4030CT-G/F10
100MHz


Numéro de pièce similaire - KM416S4030CT-F10

FabricantNo de pièceFiches techniqueDescription
logo
Samsung semiconductor
KM416S1021C SAMSUNG-KM416S1021C Datasheet
78Kb / 8P
   512K x 16Bit x 2 Banks Synchronous DRAM with SSTL interface
KM416S1021CT-G7 SAMSUNG-KM416S1021CT-G7 Datasheet
78Kb / 8P
   512K x 16Bit x 2 Banks Synchronous DRAM with SSTL interface
KM416S1021CT-G8 SAMSUNG-KM416S1021CT-G8 Datasheet
78Kb / 8P
   512K x 16Bit x 2 Banks Synchronous DRAM with SSTL interface
KM416S1021CT-GS SAMSUNG-KM416S1021CT-GS Datasheet
78Kb / 8P
   512K x 16Bit x 2 Banks Synchronous DRAM with SSTL interface
logo
List of Unclassifed Man...
KM416S1120D ETC-KM416S1120D Datasheet
1Mb / 43P
   512K x 16bit x 2 Banks Synchronous DRAM LVTTL
More results

Description similaire - KM416S4030CT-F10

FabricantNo de pièceFiches techniqueDescription
logo
Hynix Semiconductor
HY57V651620B HYNIX-HY57V651620B Datasheet
81Kb / 12P
   4 Banks x 1M x 16Bit Synchronous DRAM
HY57V641620HG-I HYNIX-HY57V641620HG-I Datasheet
145Kb / 12P
   4 Banks x 1M x 16Bit Synchronous DRAM
logo
Samsung semiconductor
K4S641632C SAMSUNG-K4S641632C Datasheet
1Mb / 42P
   1M x 16Bit x 4 Banks Synchronous DRAM
logo
Hynix Semiconductor
HY5V66GF HYNIX-HY5V66GF Datasheet
208Kb / 11P
   4 Banks x 1M x 16Bit Synchronous DRAM
logo
List of Unclassifed Man...
TBS6416B4E ETC2-TBS6416B4E Datasheet
225Kb / 8P
   1M x 16Bit x 4 Banks synchronous DRAM
logo
Hynix Semiconductor
HY57V641620HG HYNIX-HY57V641620HG Datasheet
86Kb / 12P
   4 Banks x 1M x 16Bit Synchronous DRAM
logo
Samsung semiconductor
K4S641632F SAMSUNG-K4S641632F Datasheet
133Kb / 11P
   64Mbit SDRAM 1M x 16Bit x 4 Banks Synchronous DRAM LVTTL
K4S641632D SAMSUNG-K4S641632D Datasheet
115Kb / 11P
   64Mbit SDRAM 1M x 16Bit x 4 Banks Synchronous DRAM LVTTL
K4D64163HF SAMSUNG-K4D64163HF Datasheet
162Kb / 16P
   1M x 16Bit x 4 Banks Double Data Rate Synchronous DRAM
KM416S8030 SAMSUNG-KM416S8030 Datasheet
116Kb / 10P
   2M x 16Bit x 4 Banks Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com