Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

SS-10-15S-PE Fiches technique(PDF) 6 Page - Copal Electronics

No de pièce SS-10-15S-PE
Description  ROTARY SELECTOR SWITCHES
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  COPAL [Copal Electronics]
Site Internet  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

SS-10-15S-PE Fiches technique(HTML) 6 Page - Copal Electronics

  SS-10-15S-PE Datasheet HTML 1Page - Copal Electronics SS-10-15S-PE Datasheet HTML 2Page - Copal Electronics SS-10-15S-PE Datasheet HTML 3Page - Copal Electronics SS-10-15S-PE Datasheet HTML 4Page - Copal Electronics SS-10-15S-PE Datasheet HTML 5Page - Copal Electronics SS-10-15S-PE Datasheet HTML 6Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
The large knob is common to S-1000A, S-2000A, SA-5000, and SS-10 series.
Knob can’t be dettached due to being fixed. Simple knob can’t be sold.
10
0.7
SS-10 / S-2050
ROTARY SELECTOR SWITCHES
PACKAGING SPECIFICATIONS
<Bulk pack specifications>
The smallest unit of bulk pack in a plastic bag is 10 pcs.
per pack.
Orders will be accepted for unit of minimum 10 pcs., i.e.,
10, 20, 30 pcs., etc.
Boxing of bulk in a plastic bag is performed with 25 pcs.
(standard 50 pcs.) per box.
<Note> : The switch with a large knob for manual adjustment is
available as a semi-standard item.
SWITCHES WITH KNOB AS EXTENDED SHAFT
(Unit: mm)
<Tray packaging specifications>
Tray version is packaged in 50 pcs. per tray. Orders will
be accepted for units of 50 pcs., i. e., 50, 100, 150 pcs.
etc.
Tray version is boxed with 10 trays.


Html Pages

1  2  3  4  5  6