Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

SA-5110B3E Datasheet(Fiches technique) 6 Page - Copal Electronics

Numéro de pièce SA-5110B3E
Description  ROTARY CODED SWITCHES
Télécharger  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  COPAL [Copal Electronics]
Site Internet  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

SA-5110B3E Datasheet(HTML) 6 Page - Copal Electronics

  SA-5110B3E Datenblatt HTML 1Page - Copal Electronics SA-5110B3E Datenblatt HTML 2Page - Copal Electronics SA-5110B3E Datenblatt HTML 3Page - Copal Electronics SA-5110B3E Datenblatt HTML 4Page - Copal Electronics SA-5110B3E Datenblatt HTML 5Page - Copal Electronics SA-5110B3E Datasheet HTML 6Page - Copal Electronics SA-5110B3E Datenblatt HTML 7Page - Copal Electronics SA-5110B3E Datenblatt HTML 8Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
OUTLINE DIMENSIONS
Unless otherwise specified, tolerance:
± 0.3 (Unit: mm)
O SA-5010AE~DE
O SA-5030AE~DE
Top setting
O SA-5050AE~DE
O SA-5070AE~DE
Top setting
O SA-5110AE~DE
O SA-5130AE~DE
Top setting
O SA-5150AE~DE
O SA-5170AE~DE
Top setting
9.5
0.7 W
× 3.2 L × 1 D
Part No., Production date code &
Lead-free Identification mark
3.3
11
8
7
10.16
0.7 W
× 3.2 L × 1 D
E
D
C
B
9.5
3.3
11
10.16
Part No., Production date code &
Lead-free Identification mark
0.7 W
× 1 D
8
7
9.5
3.3
11
10.16
Straight knurl
6.6
Part No., Production date code &
Lead-free Identification mark
0.7 W
× 1 D
9.5
3.3
11
10.16
Straight knurl
6.6
E
D
C
B
Part No., Production date code &
Lead-free Identification mark
SA-5000
ROTARY CODED SWITCHES


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn