Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

S-1000A Fiches technique(PDF) 6 Page - Copal Electronics

No de pièce S-1000A
Description  ROTARY CODED SWITCHES
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  COPAL [Copal Electronics]
Site Internet  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

S-1000A Fiches technique(HTML) 6 Page - Copal Electronics

  S-1000A Datasheet HTML 1Page - Copal Electronics S-1000A Datasheet HTML 2Page - Copal Electronics S-1000A Datasheet HTML 3Page - Copal Electronics S-1000A Datasheet HTML 4Page - Copal Electronics S-1000A Datasheet HTML 5Page - Copal Electronics S-1000A Datasheet HTML 6Page - Copal Electronics S-1000A Datasheet HTML 7Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
S-1000A / 2000A
ROTARY CODED SWITCHES
OUTLINE DIMENSIONS
Unless otherwise specified, tolerance:
± 0.3 (Unit: mm)
(S-1200A/2200A series)
O S-1210A
O S-1230A
Top setting
O S-1211A
O S-1231A
Side setting
O S-2210A
O S-2230A
Top setting
O S-2211A
O S-2231A
Side setting
4
3 5
10
±0.2
12
7.62
C
8
4
2
1
4.5
±0.5
0.7 W
× 1 D
Part No. & Production date code
9
7
100.2
5
11.5
C
84 2 1
0.7 W
× 1 D
2.54
2.54
2.54
5 – 0.5
±0.1
t = 0.2
6
5.08
Part No. & Production date code
3
2
10
±0.2
12
7.62
4.5
±0.5
0.7 W
× 1 D
Part No. & Production date code
6
4
10
±0.2
5
11.5
C
⑧④ ② ①
0.7 W
× 1 D
2.54
2.54
2.54
5 – 0.5
±0.1
t = 0.2
Part No. & Production date code
6
5.08


Html Pages

1  2  3  4  5  6  7 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn