Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8390ARC-REEL Fiches technique(PDF) 7 Page - Analog Devices

No de pièce AD8390ARC-REEL
Description  Low Power, High Output Current Differential Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8390ARC-REEL Fiches technique(HTML) 7 Page - Analog Devices

Back Button AD8390ARC-REEL Datasheet HTML 3Page - Analog Devices AD8390ARC-REEL Datasheet HTML 4Page - Analog Devices AD8390ARC-REEL Datasheet HTML 5Page - Analog Devices AD8390ARC-REEL Datasheet HTML 6Page - Analog Devices AD8390ARC-REEL Datasheet HTML 7Page - Analog Devices AD8390ARC-REEL Datasheet HTML 8Page - Analog Devices AD8390ARC-REEL Datasheet HTML 9Page - Analog Devices AD8390ARC-REEL Datasheet HTML 10Page - Analog Devices AD8390ARC-REEL Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AD8390
Rev. C | Page 7 of 16
OUTPUT POWER (dBm)
–75
–70
–65
–60
–55
–50
12
14
20
18
16
22
CREST FACTOR = 5.4
PWDN(1,0); IADJ = NC
PWDN(0,1); IADJ = NC
PWDN(1,1); IADJ = NC
PWDN(1,0); IADJ = VEE
PWDN(1,1); IADJ = VEE
PWDN(0,1); IADJ = VEE
Figure 10. MTPR vs. Output Power;
970 kHz Empty Bin (26 kHz to 1.1 MHz)
OUTPUT POWER (dBm)
900
800
700
600
500
400
300
12
16
14
18
20
22
PWDN(1,0); IADJ = VEE
PWDN(0,1); IADJ = VEE
PWDN(0,1); IADJ = NC
PWDN(1,1); IADJ = VEE
PWDN(1,1); IADJ = NC
PWDN(1,0); IADJ = NC
CREST FACTOR = 5.4
Figure 11. Power Consumption vs. Output Power
(Includes Output Power Delivered to Load)
FREQUENCY (MHz)
–50
–90
–85
–80
–75
–70
–65
–60
–55
0.1
1
10
PWDN(1,1); IADJ = VEE
PWDN(1,1); IADJ = NC
PWDN(0,1); IADJ = VEE
PWDN(0,1); IADJ = NC
PWDN(1,0); IADJ = VEE
PWDN(1,0); IADJ = NC
Figure 12. Total Harmonic Distortion vs. Frequency;
VS = ±12 V, VOUT = 2 V p-p
OUTPUT POWER (dBm)
–45
–70
–65
–60
–55
–50
12
22
20
18
16
14
PWDN(0,1); IADJ = VEE
PWDN(0,1); IADJ = NC
PWDN(1,0); IADJ = VEE
PWDN(1,1); IADJ = VEE
PWDN(1,1); IADJ = NC
PWDN(1,0); IADJ = NC
CREST FACTOR = 5.4
Figure 13. MTPR vs. Output Power;
1.75 MHz Empty Bin (26 kHz to 2.2 MHz)
RLOAD (Ω)
50
0
45
40
35
30
25
20
15
10
5
10
20
30
40
50
60
70
80
90
100
VS = ±12V
VS = ±5V
Figure 14. Differential Output Swing vs. RLOAD
FREQUENCY (MHz)
–50
–90
–85
–80
–75
–70
–65
–60
–55
0.1
1
10
PWDN(1,1); IADJ = VEE
PWDN(1,1); IADJ = NC
PWDN(0,1); IADJ = VEE
PWDN(0,1); IADJ = NC
PWDN(1,0); IADJ = VEE
PWDN(1,0); IADJ = NC
Figure 15. Total Harmonic Distortion vs. Frequency;
VS = ±5 V, VOUT = 2 V p-p


Numéro de pièce similaire - AD8390ARC-REEL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8390A AD-AD8390A Datasheet
387Kb / 12P
   Low Power, High Output Current Differential Amplifier
REV. B
AD8390AACPZ-R2 AD-AD8390AACPZ-R2 Datasheet
387Kb / 12P
   Low Power, High Output Current Differential Amplifier
REV. B
AD8390AACPZ-R2 AD-AD8390AACPZ-R2 Datasheet
471Kb / 13P
   Low Power, High Output Current Differential Amplifier
AD8390AACPZ-R7 AD-AD8390AACPZ-R7 Datasheet
387Kb / 12P
   Low Power, High Output Current Differential Amplifier
REV. B
AD8390AACPZ-R7 AD-AD8390AACPZ-R7 Datasheet
471Kb / 13P
   Low Power, High Output Current Differential Amplifier
More results

Description similaire - AD8390ARC-REEL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8390A AD-AD8390A_16 Datasheet
471Kb / 13P
   Low Power, High Output Current Differential Amplifier
AD8390AACPZ-R7 AD-AD8390AACPZ-R7 Datasheet
387Kb / 12P
   Low Power, High Output Current Differential Amplifier
REV. B
AD8390A AD-AD8390A Datasheet
387Kb / 12P
   Low Power, High Output Current Differential Amplifier
REV. B
logo
Maxim Integrated Produc...
MAX4147 MAXIM-MAX4147 Datasheet
81Kb / 8P
   300MHz, Low-Power, High-Output-Current, Differential Line Driver
Rev 1; 11/96
MAX4142 MAXIM-MAX4142 Datasheet
120Kb / 12P
   250MHz, Low-Power, High-Output-Current, Differential Line Driver
Rev 0; 7/98
logo
Texas Instruments
TLV4120 TI-TLV4120 Datasheet
350Kb / 20P
[Old version datasheet]   HIGH OUTPUT CURRENT DIFFERENTIAL DRIVE OPERATIONAL AMPLIFIER WITH SHUTDOWN
TLV4120 TI1-TLV4120_14 Datasheet
1Mb / 26P
[Old version datasheet]   HIGH OUTPUT CURRENT DIFFERENTIAL DRIVE OPERATIONAL AMPLIFIER WITH SHUTDOWN
logo
Analog Devices
AD815 AD-AD815 Datasheet
333Kb / 16P
   High Output Current Differential Driver
REV. B
AD815 AD-AD815_15 Datasheet
374Kb / 16P
   High Output Current Differential Driver
REV. C
AD815 AD-AD815_05 Datasheet
362Kb / 16P
   High Output Current Differential Driver
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com