Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SMAJ85C Fiches technique(PDF) 1 Page - Chongqing Pingwei Enterprise co.,Ltd

No de pièce SMAJ85C
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CHONGQING [Chongqing Pingwei Enterprise co.,Ltd]
Site Internet  http://www.perfectway.cn
Logo CHONGQING - Chongqing Pingwei Enterprise co.,Ltd

SMAJ85C Fiches technique(HTML) 1 Page - Chongqing Pingwei Enterprise co.,Ltd

  SMAJ85C Datasheet HTML 1Page - Chongqing Pingwei Enterprise co.,Ltd SMAJ85C Datasheet HTML 2Page - Chongqing Pingwei Enterprise co.,Ltd SMAJ85C Datasheet HTML 3Page - Chongqing Pingwei Enterprise co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SMAJ SERIES
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
FEATURE
.Plastic package has Underwriters Laboratory Flammability
Classification 94V-0
.300W surge capability at10×100us waveform, Duty cycle:0.01%
.Excellent clamping capability
.Low zener impedance
.Fast response time:Typically less then 1.0ps from 0 volts to V
BR
for unidirectional and 5.0ns for bidirectional
.Typical I
R less then 1 μΑ above 10V
.High temperature soldering guaranteed: 260°C /10 seconds at
terminals.
MECHANICAL DATA
.Case: Molded plastic
.Epoxy: UL94V-0 rate flame retardant
.Lead: MIL-STD- 202E, Method 208 guaranteed
.Polarity: Color band denotes cathode end
.Packaging:12mm tape per EIA STD RS-481
.Mounting position: Any
Voltage Range 5.0 to 170 V
300W Peak Power
NO
Fig1(mm)
Fig2(mm)
A
1.9~2.4
1.98~2.3
B
1.2~1.8
1.35~1.6
C
0.23MAX
0.2MAX
D
2.4~2.9
2.4~2.9
E
3.8~4.6
3.8~4.6
F
0.8~1.8
0.8~1.8
G
4.8~5.8
4.8~5.8
M
AXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25°C ambient temperature unless otherwise stated.
Single-phase, half-wave, 60HZ, resistive or inductive load.
For capacotive load, derate current by 20%
Type Number
SYMBOL
Value
units
Peak Power Dissipation at TA=25°C,Tp=1ms (note 1)
PPPM
Minimum 300
W
Steady State Power Dissipation .375"lead length at
TL=75°C (note 2)
PD
1.0
W
Peak Forward Surge Current 8.3ms Single Half
Sine-wave Superimposed on Rated Load (JEDEC
method) (note 3)
IFSM
40
A
Storage Temperature
TSTG
-55 to +150
°C
Operating Junction Temperature
TJ
-55 to +125
°C
Note:
1. Non-repetitive Current Pulse Per Fig.3 and Derated above TA=25°C Per Fig.2 .
2. Mounted on Copper Pad Area of 0.2×0.2″ (5×5mm)Per Fig.5 .
3. 8.3ms Single Half Sine-wave or Equivalent Square Wave, Duty Cycle=4 Pulses Per Minutes Maximum.
Devices for Bipolar Applications
1. For Bidirectional Use C or CA Suffix for Types SMAJ5.0 thru Types SMAJ170.
2. Electrical Characteristics Apply in Both Directions.
Fig2: SMA/DO-214AC
FOR GLASS PASSIVATED DICE PACKAGING OUTLINE
FOR OPEN JUNCTION DICE PACKAGING OUTLINE
Fig1: SMA/DO-214AC*


Numéro de pièce similaire - SMAJ85C

FabricantNo de pièceFiches techniqueDescription
logo
Bytes
SMAJ85C BYTES-SMAJ85C Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Zibo Seno Electronic En...
SMAJ85C ZSELEC-SMAJ85C Datasheet
298Kb / 5P
   5.0 to 440Volts 400Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
logo
UNIOHM CORPORATION
SMAJ85C UNIOHM-SMAJ85C Datasheet
342Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
First Silicon Co., Ltd
SMAJ85C FS-SMAJ85C Datasheet
191Kb / 5P
   Transient Voltage Suppressor Diodes
logo
SeCoS Halbleitertechnol...
SMAJ85C SECOS-SMAJ85C Datasheet
455Kb / 4P
   400W Peak Power Surface Mount TVS
More results

Description similaire - SMAJ85C

FabricantNo de pièceFiches techniqueDescription
logo
Bytes
SMAJ BYTES-SMAJ Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMBJ BYTES-SMBJ Datasheet
338Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMCJ BYTES-SMCJ Datasheet
337Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Silicon Standard Corp.
P4SMA6.8A SSC-P4SMA6.8A Datasheet
348Kb / 4P
   Surface Mount Transient Voltage Suppressors
P4SMAX SSC-P4SMAX Datasheet
354Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
GOOD-ARK Electronics
P6SMB6.8A GOOD-ARK-P6SMB6.8A Datasheet
253Kb / 3P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 GOOD-ARK-SMBJ5.0 Datasheet
235Kb / 4P
   Surface Mount Transient Voltage Suppressors
logo
List of Unclassifed Man...
SMAJ5.0 ETC-SMAJ5.0 Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
NIC-Components Corp.
NVS NIC-NVS Datasheet
75Kb / 2P
   Surface Mount Transient Voltage Suppressors
logo
Cystech Electonics Corp...
SMAJ5.0 CYSTEKEC-SMAJ5.0 Datasheet
1Mb / 9P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 CYSTEKEC-SMBJ5.0 Datasheet
471Kb / 9P
   Surface Mount Transient Voltage Suppressors
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com