Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HV05-15 Fiches technique(PDF) 1 Page - American Microsemiconductor

No de pièce HV05-15
Description  High Voltage Rectifier
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMMSEMI [American Microsemiconductor]
Site Internet  http://www.americanmicrosemi.com/
Logo AMMSEMI - American Microsemiconductor

HV05-15 Fiches technique(HTML) 1 Page - American Microsemiconductor

  HV05-15 Datasheet HTML 1Page - American Microsemiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
HV05-15
High Voltage Rectifier
© 2013 American Microsemiconductor, Inc.
Specifications are subject to change without notice.
Aerospace Mgmt. Sys. Cert.
AS/EN/JISQ9100:2009 Rev. C
ISO9001:2008
Cert No. 45325
133 Kings Road,
Madison, New Jersey 07940
United States of America
Tel. 1-973-377-9566, Fax. 1-973-377-3078
www.americanmicrosemi.com
Document Page 1 of 1
Revised 06/2013
Avalanche Breakdown Protection
Low Forward Voltage Drop
Typical IR less than 0.1 μA
High Overload Surge Capacity
VRRM REPEATING PEAK REVERSE VOLTAGE (KV): 15
TJMAX MAX. JUNCTION TEMP.(°C):……………….. 120
TSTG STORAGE TEMP.(°C):………………………….. -40 TO +120
IO
AVG. FORWARD CURRENT (MA):……………. 550
IFSM FORWARD SURGE CURRENT (A): ………….. 44
IR1 Normal temp. Reverse Current (ΜA):.. 5.0 MAX
IR2 High temp. Reverse Current (ΜA):…….. 50 MAX
VF FORWARD VOLTAGE (V):………………………….. 12 MAX
HIGH TEMP. REVERSE VOLTAGE @ 1000 HRS.: ….. VRM=VRRM, F=50HZ, TAMB=100°C HALF SINE
VOLTAGE WITH F
=50HZ APPLIED, TAMB=100°C
HIGH TEMP. STORAGE @ 1000 HRS.:……………….. TAMB=130±2°C
SOLDERING RESISTANCE HEAT TEST:…………………. SOLDER TROUGH TEMP.: 350±10°C, DIP TIME: 3.5S ± 0.5S
HIGH PRESSURE SMOKE TEST @ 10 HRS.:…………… 120°C, 2 X 105PA
INSULATION RESISTANCE TEST (1000MΩ):……….. BETWEEN THE CENTER OF THE BODY AND TERMINAL (SEE FIG. 1)
INSULATION STRENGTH TEST @ 10KV:…………….. 1 MIN. BETWEEN CENTER OF THE BODY AND TERMINAL. (FIG.1 )
LEAD BEND TEST:………………………………………….. FORCE 10 N TO THE LEAD, BENT IT TO POS. AND neg. 90°
LEAD PULL TEST:…………………………………………… FORCE 70 N OF AXIAL TO THE LEAD FOR 1 MIN.
Insulation resistance test condition: Measure between A
and B by using a DC 500V Insulation resistance tester
Insulation strength test condition: Apply half sine wave
voltage with 10kV wave height between A and B in
insulation liquid
NOTE:
TO ORDER WITH QUICK DISCONNECT
TERMINALS
, REFER HV05-15-qd
DURING ORDERING PROCESS
.
FEATURES
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
TEST CONDITIONS


Numéro de pièce similaire - HV05-15

FabricantNo de pièceFiches techniqueDescription
logo
First Components Intern...
HV05-15 FCI-HV05-15 Datasheet
125Kb / 2P
   550 mA HIGH VOLTAGE MICROWAVE OVEN RECTIFIERS
logo
Frontier Electronics.
HV05-15 FRONTIER-HV05-15 Datasheet
119Kb / 2P
   HIGH VOLTAGE MICROWAVE OVEN RECTIFIER
HV05-15 FRONTIER-HV05-15 Datasheet
1Mb / 2P
   HIGH VOLTAGE MICROWAVE OVEN RECTIFIER
More results

Description similaire - HV05-15

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
R1500 DIODES-R1500 Datasheet
59Kb / 2P
   HIGH VOLTAGE RECTIFIER
DS21101 Rev. E-3
logo
List of Unclassifed Man...
R1200F ETC-R1200F Datasheet
89Kb / 2P
   HIGH VOLTAGE RECTIFIER
logo
Voltage Multipliers Inc...
M180UFG VMI-M180UFG Datasheet
66Kb / 1P
   HIGH VOLTAGE RECTIFIER
logo
Rectron Semiconductor
FM1200W RECTRON-FM1200W Datasheet
34Kb / 2P
   HIGH VOLTAGE RECTIFIER
logo
Solid States Devices, I...
RC0098 SSDI-RC0098 Datasheet
26Kb / 1P
   HIGH VOLTAGE RECTIFIER
RA0107B SSDI-RA0107B Datasheet
110Kb / 2P
   HIGH VOLTAGE RECTIFIER
RV0003F SSDI-RV0003F_15 Datasheet
165Kb / 2P
   HIGH VOLTAGE RECTIFIER
RV0027D SSDI-RV0027D_15 Datasheet
84Kb / 2P
   HIGH VOLTAGE RECTIFIER
RV0033C SSDI-RV0033C_15 Datasheet
79Kb / 2P
   HIGH VOLTAGE RECTIFIER
SAM50F SSDI-SAM50F_1 Datasheet
175Kb / 2P
   HIGH VOLTAGE RECTIFIER
logo
Galaxy Semi-Conductor H...
R2500F BILIN-R2500F Datasheet
40Kb / 2P
   HIGH VOLTAGE RECTIFIER
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com