Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

N080-SMB1-WH Fiches technique(PDF) 2 Page - Tripp Lite. All Rights Reserved

No de pièce N080-SMB1-WH
Description  Single-Gang Surface-Mount Junction Box, White
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TRIPPLITE [Tripp Lite. All Rights Reserved]
Site Internet  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

N080-SMB1-WH Fiches technique(HTML) 2 Page - Tripp Lite. All Rights Reserved

  N080-SMB1-WH Datasheet HTML 1Page - Tripp Lite. All Rights Reserved N080-SMB1-WH Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
OVERVIEW
Accessories Type
Wall Plate
PHYSICAL
Unit Dimensions (hwd / in.)
5.10 x 3.30 x 2.10
Unit Dimensions (hwd / cm)
128 x 8 x 5
Unit Weight (lbs.)
0.27
Color
White
ENVIRONMENTAL
Operating Temperature Range
14 to 140 F (-10 - 60 C)
Storage Temperature Range
-40 to 154.4 F (-40 to 68 C)
Operating Humidity Range
10 to 90% RH
CONNECTIONS
Side A - Connector 1
KEYSTONE JACK CUTOUT
Side B - Connector 1
KEYSTONE JACK CUTOUT
WARRANTY
Product Warranty Period (Worldwide)
Lifetime limited warranty
© 2016 Tripp Lite. All rights reserved. All product and company names are trademarks or registered trademarks of their respective holders. Use of them does
not imply any affiliation with or endorsement by them. Tripp Lite has a policy of continuous improvement. Specifications are subject to change without notice.
Tripp Lite uses primary and third-party agencies to test its products for compliance with standards. See a list of Tripp Lite's testing agencies:
http://www.tripplite.com/products/product-certification-agencies
2 / 2


Numéro de pièce similaire - N080-SMB1-WH

FabricantNo de pièceFiches techniqueDescription
logo
Tripp Lite. All Rights ...
N080-101 TRIPPLITE-N080-101 Datasheet
154Kb / 2P
   1-Port Single-Gang Universal Keystone Wallplate, White, TAA
N080-102 TRIPPLITE-N080-102 Datasheet
155Kb / 2P
   2-Port Single-Gang Universal Keystone Wallplate, White, TAA
N080-103 TRIPPLITE-N080-103 Datasheet
155Kb / 2P
   3-Port Single-Gang Universal Keystone Wallplate, White, TAA
N080-104 TRIPPLITE-N080-104 Datasheet
155Kb / 2P
   4-Port Single-Gang Universal Keystone Wallplate, White, TAA
N080-106 TRIPPLITE-N080-106 Datasheet
156Kb / 2P
   6-Port Single-Gang Universal Keystone Wallplate, White, TAA
More results

Description similaire - N080-SMB1-WH

FabricantNo de pièceFiches techniqueDescription
logo
Tripp Lite. All Rights ...
N206-SB01-IND TRIPPLITE-N206-SB01-IND Datasheet
157Kb / 2P
   Waterproof Electrical Junction Box - Surface Mount, Industrial, Single Gang, IP67, TAA, 2 Cutouts
N042E-MB1 TRIPPLITE-N042E-MB1 Datasheet
40Kb / 2P
   Single-Gang Surface Mounting Box, European Style, 81 x 81 x 45 mm, White
N042U-MB1 TRIPPLITE-N042U-MB1 Datasheet
50Kb / 2P
   Single-Gang Surface Mounting Box, UK Style, 86 x 86 x 47 mm, White
N042E-WF1 TRIPPLITE-N042E-WF1 Datasheet
38Kb / 2P
   Single-Gang European-Style Gang Frame for Insert Modules, White
logo
Molex Electronics Ltd.
1301280150 MOLEX-1301280150 Datasheet
151Kb / 1P
   FD BOX, SINGLE GANG FOR WATERTITE PRODUCTS
2013/11/08
logo
Tripp Lite. All Rights ...
N042U-WF1-2 TRIPPLITE-N042U-WF1-2 Datasheet
36Kb / 2P
   Single-Gang UK-Style Gang Frame for Insert Modules, White
logo
FIBOX Enclosing innovat...
8600671 FIBOX-8600671 Datasheet
83Kb / 2P
   Junction box 2.5 mm², PP, white
14.08.2023
8600673 FIBOX-8600673 Datasheet
119Kb / 2P
   Junction box 6 mm², PP, white
14.08.2023
logo
Tripp Lite. All Rights ...
N042D-100-WH TRIPPLITE-N042D-100-WH Datasheet
153Kb / 2P
   Single-Gang Faceplate, Decora Style - Vertical, White
N042U-MB2 TRIPPLITE-N042U-MB2 Datasheet
46Kb / 2P
   Double-Gang Surface Mounting Box, UK Style, 86 x 147 x 47 mm, White
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com