Moteur de recherche de fiches techniques de composants électroniques |
|
S29GL512T10FHAyyx Fiches technique(PDF) 91 Page - Cypress Semiconductor |
|
S29GL512T10FHAyyx Fiches technique(HTML) 91 Page - Cypress Semiconductor |
91 / 105 page Document Number: 002-00247 Rev. *G Page 91 of 105 S29GL01GT, S29GL512T 12.1.2 Physical Diagram Figure 12.2 56-Pin Thin Small Outline Package (TSOP), 14 x 20 mm NOTES: 1 CONTROLLING DIMENSIONS ARE IN MILLIMETERS (mm). (DIMENSIONING AND TOLERANCING CONFORMS TO ANSI Y14.5M-1982.) 2 PIN 1 IDENTIFIER FOR STANDARD PIN OUT (DIE UP). 3 TO BE DETERMINED AT THE SEATING PLANE -C- . THE SEATING PLANE IS DEFINED AS THE PLANE OF CONTACT THAT IS MADE WHEN THE PACKAGE LEADS ARE ALLOWED TO REST FREELY ON A FLAT HORIZONTAL SURFACE. 4 DIMENSIONS D1 AND E DO NOT INCLUDE MOLD PROTRUSION. ALLOWABLE MOLD PROTUSION IS 0.15 mm PER SIDE. 5 DIMENSION b DOES NOT INCLUDE DAMBAR PROTUSION. ALLOWABLE DAMBAR PROTUSION SHALL BE 0.08 mm TOTAL IN EXCESS OF b DIMENSION AT MAX MATERIAL CONDITION. MINIMUM SPACE BETWEEN PROTRUSION AND AN ADJACENT LEAD TO BE 0.07 mm. 6 THESE DIMESIONS APPLY TO THE FLAT SECTION OF THE LEAD BETWEEN 0.10 mm AND 0.25 mm FROM THE LEAD TIP. 7 LEAD COPLANARITY SHALL BE WITHIN 0.10 mm AS MEASURED FROM THE SEATING PLANE. 8 DIMENSION "e" IS MEASURED AT THE CENTERLINE OF THE LEADS. 3160\38.10A MO-142 (B) EC TS 56 NOM. --- --- 1.00 1.20 0.15 1.05 MAX. --- MIN. 0.95 0.20 0.23 0.17 0.22 0.27 0.17 --- 0.16 0.10 --- 0.21 0.10 20.00 20.20 19.80 14.00 14.10 13.90 0.60 0.70 0.50 -8˚ 0˚ --- 0.20 0.08 56 18.40 18.50 18.30 0.05 0.50 BASIC E R b1 JEDEC PACKAGE SYMBOL A A2 A1 D1 D c1 c b e L N O |
Numéro de pièce similaire - S29GL512T10FHAyyx |
|
Description similaire - S29GL512T10FHAyyx |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |