Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

S29GL512T11DHVyyx Fiches technique(PDF) 99 Page - Cypress Semiconductor

No de pièce S29GL512T11DHVyyx
Description  1 Gbit (128 Mbyte), 512 Mbit (64 Mbyte)
Download  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S29GL512T11DHVyyx Fiches technique(HTML) 99 Page - Cypress Semiconductor

Back Button S29GL512T11DHVyyx Datasheet HTML 95Page - Cypress Semiconductor S29GL512T11DHVyyx Datasheet HTML 96Page - Cypress Semiconductor S29GL512T11DHVyyx Datasheet HTML 97Page - Cypress Semiconductor S29GL512T11DHVyyx Datasheet HTML 98Page - Cypress Semiconductor S29GL512T11DHVyyx Datasheet HTML 99Page - Cypress Semiconductor S29GL512T11DHVyyx Datasheet HTML 100Page - Cypress Semiconductor S29GL512T11DHVyyx Datasheet HTML 101Page - Cypress Semiconductor S29GL512T11DHVyyx Datasheet HTML 102Page - Cypress Semiconductor S29GL512T11DHVyyx Datasheet HTML 103Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 105 page
background image
Document Number: 002-00247 Rev. *G
Page 99 of 105
S29GL01GT, S29GL512T
Valid Combinations — Automotive Grade / AEC-Q100
The table below lists configurations that are Automotive Grade / AEC-Q100 qualified and are planned to be available in volume. The
table will be updated as new combinations are released. Consult your local sales representative to confirm availability of specific
combinations and to check on newly released combinations.
Production Part Approval Process (PPAP) support is only provided for AEC-Q100 grade products.
Products to be used in end-use applications that require ISO/TS-16949 compliance must be AEC-Q100 grade products in
combination with PPAP. Non–AEC-Q100 grade products are not manufactured or documented in full compliance with
ISO/TS-16949 requirements.
AEC-Q100 grade products are also offered without PPAP support for end-use applications that do not require ISO/TS-16949
compliance.
Table 14.3 S29GL-T Valid Combinations for CFI Version 1.3 — Automotive Grade / AEC-Q100
S29GL-T Valid Combinations — Automotive Grade / AEC-Q100
Base OPN
Speed (ns)
Package and
Temperature
Model Number
Packing Type
Ordering Part Number
(yy = Model Number, x = Packing
Type)
S29GL01GT
100
DHA, FHA, TFA
03, 04
0, 3
S29GL01GT10DHAyyx
S29GL01GT10FHAyyx
S29GL01GT10TFAyyx
110
DHA, FHA, TFA
V3, V4
S29GL01GT11DHAyyx
S29GL01GT11FHAyyx
S29GL01GT11TFAyyx
110
DHB, FHB, TFB
03, 04
S29GL01GT11DHByyx
S29GL01GT11FHByyx
S29GL01GT11TFByyx
120
DHB, FHB, TFB
V3, V4
S29GL01GT12DHByyx
S29GL01GT12FHByyx
S29GL01GT12TFByyx
S29GL512T
100
DHA, FHA, TFA
03, 04
0, 3
S29GL512T10DHAyyx
S29GL512T10FHAyyx
S29GL512T10TFAyyx
110
DHA, FHA, TFA
V3, V4
S29GL512T11DHAyyx
S29GL512T11FHAyyx
S29GL512T11TFAyyx
110
DHB, FHB, TFB
03, 04
S29GL512T11DHByyx
S29GL512T11FHByyx
S29GL512T11TFByyx
120
DHB, FHB, TFB
V3, V4
S29GL512T12DHByyx
S29GL512T12FHByyx
S29GL512T12TFByyx


Numéro de pièce similaire - S29GL512T11DHVyyx

FabricantNo de pièceFiches techniqueDescription
logo
SPANSION
S29GL512N SPANSION-S29GL512N Datasheet
2Mb / 110P
   MirrorBit Flash Family
logo
Cypress Semiconductor
S29GL512N CYPRESS-S29GL512N Datasheet
1Mb / 92P
   512, 256, 128 Mbit, 3 V, Page Flash Featuring 110 nm MirrorBit
logo
SPANSION
S29GL512N10FAI010 SPANSION-S29GL512N10FAI010 Datasheet
2Mb / 100P
   3.0 Volt-only Page Mode Flash Memory featuring 110 nm MirrorBit??Process Technology
S29GL512N10FAI012 SPANSION-S29GL512N10FAI012 Datasheet
2Mb / 100P
   3.0 Volt-only Page Mode Flash Memory featuring 110 nm MirrorBit??Process Technology
S29GL512N10FAI013 SPANSION-S29GL512N10FAI013 Datasheet
2Mb / 100P
   3.0 Volt-only Page Mode Flash Memory featuring 110 nm MirrorBit??Process Technology
More results

Description similaire - S29GL512T11DHVyyx

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
S29GL01GS CYPRESS-S29GL01GS Datasheet
1Mb / 108P
   1-Gbit (128 Mbyte)/512-Mbit (64 Mbyte)/256-Mbit (32 Mbyte)/128-Mbit (16 Mbyte),3.0 V, GL-S Flash Memory
logo
Renesas Technology Corp
HB28K032MM3 RENESAS-HB28K032MM3 Datasheet
526Kb / 91P
   MultiMediaCard 32 MByte/64 MByte/128 MByte/256 MByte/512 MByte
logo
Cypress Semiconductor
S26KL512S CYPRESS-S26KL512S Datasheet
8Mb / 98P
   512 Mbit (64 Mbyte), 256 Mbit (32 Mbyte), 128 Mbit (16 Mbyte) 1.8V/3.0V
logo
Numonyx B.V
SMSXXXAF NUMONYX-SMSXXXAF Datasheet
1Mb / 61P
   64 MByte, 128 MByte, 256 MByte 512 MByte and 1 GByte, 3.3V Supply Secure Digital??Card
logo
Renesas Technology Corp
HB28H016MM2 RENESAS-HB28H016MM2 Datasheet
497Kb / 90P
   MultiMediaCard 16 MByte/32 MByte/64 MByte/128 MByte
logo
Hitachi Semiconductor
HB28D032MM2 HITACHI-HB28D032MM2 Datasheet
329Kb / 88P
   MultiMediaCard 16 Mbyte/32 Mbyte/64 Mbyte/128 MByte
logo
Numonyx B.V
SMCXXXAF NUMONYX-SMCXXXAF Datasheet
1Mb / 82P
   32 Mbyte, 64 Mbyte, 128 Mbyte, 256 Mbyte and 512 Mbyte 3.3 V / 5 V supply CompactFlash??card
logo
Cypress Semiconductor
S70FL01GS CYPRESS-S70FL01GS Datasheet
355Kb / 19P
   1 Gbit (128 Mbyte) 3.0V SPI Flash
S25FL116K CYPRESS-S25FL116K Datasheet
3Mb / 90P
   16 Mbit (2 Mbyte), 32 Mbit (4 Mbyte), 64 Mbit (8 Mbyte) 3.0V SPI Flash Memory
logo
SPANSION
S25FL512SAGMFI010 SPANSION-S25FL512SAGMFI010 Datasheet
1Mb / 140P
   512 Mbit (64 Mbyte) MirrorBit짰 Flash Non-Volatile Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com