Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

S29GL512T11FHIyyx Fiches technique(PDF) 69 Page - Cypress Semiconductor

No de pièce S29GL512T11FHIyyx
Description  1 Gbit (128 Mbyte), 512 Mbit (64 Mbyte)
Download  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S29GL512T11FHIyyx Fiches technique(HTML) 69 Page - Cypress Semiconductor

Back Button S29GL512T11FHIyyx Datasheet HTML 65Page - Cypress Semiconductor S29GL512T11FHIyyx Datasheet HTML 66Page - Cypress Semiconductor S29GL512T11FHIyyx Datasheet HTML 67Page - Cypress Semiconductor S29GL512T11FHIyyx Datasheet HTML 68Page - Cypress Semiconductor S29GL512T11FHIyyx Datasheet HTML 69Page - Cypress Semiconductor S29GL512T11FHIyyx Datasheet HTML 70Page - Cypress Semiconductor S29GL512T11FHIyyx Datasheet HTML 71Page - Cypress Semiconductor S29GL512T11FHIyyx Datasheet HTML 72Page - Cypress Semiconductor S29GL512T11FHIyyx Datasheet HTML 73Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 105 page
background image
Document Number: 002-00247 Rev. *G
Page 69 of 105
S29GL01GT, S29GL512T
Notes:
1. ICC active while Embedded Algorithm is in progress.
2. Not 100% tested.
3. Automatic sleep mode enables the lower power mode when addresses remain stable for the specified designated time.
4. VIO = 1.65V to VCC or 2.7V to VCC depending on the model.
5. VCC = 3V and VIO = 3V or 1.8V. When VIO is at 1.8V, I/O pins cannot operate at >1.8V.
6. During power-up there are spikes of current demand, the system needs to be able to supply this current to insure the part initializes correctly.
7. If an embedded operation is in progress at the start of reset, the current consumption will remain at the embedded operation specification until the embedded operation
is stopped by the reset. If no embedded operation is in progress when reset is started, or following the stopping of an embedded operation, ICC7 will be drawn during
the remainder of tRPH. After the end of tRPH the device will go to standby mode until the next read or write.
8. The recommended pull-up resistor for RY/BY# output is 5k to 10k ohms.
Table 10.5 DC Characteristics (
40°C to +105°C)
Parameter
Description
Test Conditions
Min
Typ
(Note 2)
Max
Unit
ILI
Input Load Current
VIN = VSS to VCC, VCC = VCC
max
All others
±0.02
±1.0
µA
WP#,
BYTE#
±0.5
±2.0
ILO
Output Leakage Current
VOUT = VSS to VCC, VCC = VCC max
±0.02
±1.0
µA
ICC1
VCC Active Read Current
CE# = VIL, OE# = VIH, Address switching@ 5
MHz, VCC = VCC max
55
60
mA
ICC2
VCC Intra-Page Read Current
CE# = VIL, OE# = VIH, Address switching@
33 MHz, VCC = VCC max
925
mA
ICC3
VCC Active Erase/Program Current (1) (2)
CE# = VIL, OE# = VIH, VCC = VCC max
45
100
mA
ICC4
VCC Standby Current
CE#, RESET#, OE# = VIH, VIH = VIO
VIL = VSS, VCC = VCC max
70
200
µA
ICC5
VCC Reset Current (2) (7)
CE# = VIH, RESET# = VIL,
VCC = VCC max
10
20
mA
ICC6
Automatic Sleep Mode (3)
VIH = VIO, VIL = VSS
VCC = VCC max, tACC + 30 ns
36
mA
VIH = VIO, VIL = VSS,
VCC = VCC max, tASSB
100
200
µA
ICC7
VCC Current during power up (2) (6)
RESET# = VIO, CE# = VIO, OE# = VIO, VCC =
VCC max,
53
80
mA
VIL
Input Low Voltage (4)
-0.5
0.3 x VIO
V
VIH
Input High Voltage (4)
0.7 x VIO
VIO + 0.4
V
VHH
Voltage for ACC Program Acceleration
VCC = 2.7 - 3.6 V
11.5
12.5
V
VOL
Output Low Voltage (4) (8)
IOL = 100 µA for DQ15-DQ0;
IOL = 2 mA for RY/BY#
0.15 x VIO
V
VOH
Output High Voltage (4)
IOH = 100 µA
0.85 x VIO
V
VLKO
Low VCC Lock-Out Voltage(2)
2.25
2.5
V
VRST
Low VCC Power on Reset Voltage (2)
1.0
V


Numéro de pièce similaire - S29GL512T11FHIyyx

FabricantNo de pièceFiches techniqueDescription
logo
SPANSION
S29GL512N SPANSION-S29GL512N Datasheet
2Mb / 110P
   MirrorBit Flash Family
logo
Cypress Semiconductor
S29GL512N CYPRESS-S29GL512N Datasheet
1Mb / 92P
   512, 256, 128 Mbit, 3 V, Page Flash Featuring 110 nm MirrorBit
logo
SPANSION
S29GL512N10FAI010 SPANSION-S29GL512N10FAI010 Datasheet
2Mb / 100P
   3.0 Volt-only Page Mode Flash Memory featuring 110 nm MirrorBit??Process Technology
S29GL512N10FAI012 SPANSION-S29GL512N10FAI012 Datasheet
2Mb / 100P
   3.0 Volt-only Page Mode Flash Memory featuring 110 nm MirrorBit??Process Technology
S29GL512N10FAI013 SPANSION-S29GL512N10FAI013 Datasheet
2Mb / 100P
   3.0 Volt-only Page Mode Flash Memory featuring 110 nm MirrorBit??Process Technology
More results

Description similaire - S29GL512T11FHIyyx

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
S29GL01GS CYPRESS-S29GL01GS Datasheet
1Mb / 108P
   1-Gbit (128 Mbyte)/512-Mbit (64 Mbyte)/256-Mbit (32 Mbyte)/128-Mbit (16 Mbyte),3.0 V, GL-S Flash Memory
logo
Renesas Technology Corp
HB28K032MM3 RENESAS-HB28K032MM3 Datasheet
526Kb / 91P
   MultiMediaCard 32 MByte/64 MByte/128 MByte/256 MByte/512 MByte
logo
Cypress Semiconductor
S26KL512S CYPRESS-S26KL512S Datasheet
8Mb / 98P
   512 Mbit (64 Mbyte), 256 Mbit (32 Mbyte), 128 Mbit (16 Mbyte) 1.8V/3.0V
logo
Numonyx B.V
SMSXXXAF NUMONYX-SMSXXXAF Datasheet
1Mb / 61P
   64 MByte, 128 MByte, 256 MByte 512 MByte and 1 GByte, 3.3V Supply Secure Digital??Card
logo
Renesas Technology Corp
HB28H016MM2 RENESAS-HB28H016MM2 Datasheet
497Kb / 90P
   MultiMediaCard 16 MByte/32 MByte/64 MByte/128 MByte
logo
Hitachi Semiconductor
HB28D032MM2 HITACHI-HB28D032MM2 Datasheet
329Kb / 88P
   MultiMediaCard 16 Mbyte/32 Mbyte/64 Mbyte/128 MByte
logo
Numonyx B.V
SMCXXXAF NUMONYX-SMCXXXAF Datasheet
1Mb / 82P
   32 Mbyte, 64 Mbyte, 128 Mbyte, 256 Mbyte and 512 Mbyte 3.3 V / 5 V supply CompactFlash??card
logo
Cypress Semiconductor
S70FL01GS CYPRESS-S70FL01GS Datasheet
355Kb / 19P
   1 Gbit (128 Mbyte) 3.0V SPI Flash
S25FL116K CYPRESS-S25FL116K Datasheet
3Mb / 90P
   16 Mbit (2 Mbyte), 32 Mbit (4 Mbyte), 64 Mbit (8 Mbyte) 3.0V SPI Flash Memory
logo
SPANSION
S25FL512SAGMFI010 SPANSION-S25FL512SAGMFI010 Datasheet
1Mb / 140P
   512 Mbit (64 Mbyte) MirrorBit짰 Flash Non-Volatile Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com