Moteur de recherche de fiches techniques de composants électroniques |
|
S29GL512T11FHIyyx Fiches technique(PDF) 65 Page - Cypress Semiconductor |
|
S29GL512T11FHIyyx Fiches technique(HTML) 65 Page - Cypress Semiconductor |
65 / 105 page Document Number: 002-00247 Rev. *G Page 65 of 105 S29GL01GT, S29GL512T 10. Electrical Specifications 10.1 Absolute Maximum Ratings Notes: 1. Minimum DC voltage on input or I/O pins is -0.5V. During voltage transitions, input or I/O pins may undershoot VSS to -2.0V for periods of up to 20 ns. See Figure 10.3 on page 67. Maximum DC voltage on input or I/O pins is VCC +0.5V. During voltage transitions, input or I/O pins may overshoot to VCC +2.0V for periods up to 20 ns. See Figure 10.4 on page 68. 2. No more than one output may be shorted to ground at a time. Duration of the short circuit should not be greater than one second. 3. Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operational sections of this data sheet is not implied. Exposure of the device to absolute maximum rating conditions for extended periods may affect device reliability. 10.2 Thermal Resistance 10.3 Latchup Characteristics This product complies with JEDEC standard JESD78C latchup testing requirements. Table 10.1 Absolute Maximum Ratings Storage Temperature Plastic Packages 65°C to +150°C Ambient Temperature with Power Applied 65°C to +125°C Voltage with Respect to Ground All pins other than RESET# (Note 1) 0.5V to (VIO + 0.5V) RESET# (Note 1) 0.5V to (VCC + 0.5V) Output Short Circuit Current (Note 2) 100 mA VCC 0.5V to +4.0V VIO 0.5V to +4.0V ACC 0.5V to +12.5V Table 10.2 Thermal Resistance Parameter Description LAE064 TS056 LAA064 VBU056 Unit Theta JA Thermal resistance (junction to ambient) 39 84 39 39 °C/W |
Numéro de pièce similaire - S29GL512T11FHIyyx |
|
Description similaire - S29GL512T11FHIyyx |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |