Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

S29GL01GT13TFNyyxx Fiches technique(PDF) 78 Page - Cypress Semiconductor

No de pièce S29GL01GT13TFNyyxx
Description  1 Gbit (128 Mbyte), 512 Mbit (64 Mbyte)
Download  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S29GL01GT13TFNyyxx Fiches technique(HTML) 78 Page - Cypress Semiconductor

Back Button S29GL01GT13TFNyyxx Datasheet HTML 74Page - Cypress Semiconductor S29GL01GT13TFNyyxx Datasheet HTML 75Page - Cypress Semiconductor S29GL01GT13TFNyyxx Datasheet HTML 76Page - Cypress Semiconductor S29GL01GT13TFNyyxx Datasheet HTML 77Page - Cypress Semiconductor S29GL01GT13TFNyyxx Datasheet HTML 78Page - Cypress Semiconductor S29GL01GT13TFNyyxx Datasheet HTML 79Page - Cypress Semiconductor S29GL01GT13TFNyyxx Datasheet HTML 80Page - Cypress Semiconductor S29GL01GT13TFNyyxx Datasheet HTML 81Page - Cypress Semiconductor S29GL01GT13TFNyyxx Datasheet HTML 82Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 105 page
background image
Document Number: 002-00247 Rev. *G
Page 78 of 105
S29GL01GT, S29GL512T
Note:
1. Not 100% tested.
Table 11.6 Read Operation VIO = 1.65V to VCC, VCC = 2.7V to 3.6V (40°C to +105°C)
Parameter
Description
Test Setup
Speed
Option
Unit
JEDEC
Std
120
tAVAV
tRC
Read Cycle Time (Note 1)
512 Mb, 1 Gb
Min
120
ns
tAVQV
tACC
Address to Output Delay
CE# = VIL
OE# = VIL
512 Mb, 1 Gb
Max
120
ns
tELQV
tCE
Chip Enable to Output Delay
OE# = VIL
512 Mb, 1 Gb
Max
120
ns
tPACC
Page Access Time
512 Mb, 1 Gb
Max
25
ns
tGLQV
tOE
Output Enable to Output Delay
Read and Poll
Max
35
ns
tAXQX
tOH
Output Hold time from Addresses, CE# or OE#, whichever occurs
first
Min
0
ns
tEHQZ
tDF
Chip Enable or Output Enable to Output High-Z (Note 1)
Max
15
ns
tOEH
Output Enable Hold Time
(Note 1)
Read
Min
0
ns
Poll
Min
10
ns
tASO
Address Setup Time
Poll
Min
15
ns
tASH
Address Hold Time
Poll
Min
0
ns
tCEPH
CE# High
Poll
Min
20
ns
tOEP
OE# Low
Poll
Min
25
ns
tOEPH
OE# High
Poll
Min
20
ns
tOEC
OE# Cycle Time
Poll
Min
60
ns
tASSB
Automatic Sleep to Standby time (Note 1)
CE# = VIL,
Address stable
Typ
5
µs
Max
8
µs
tBLEL
tFLEL
BYTE# Low to CE# Low
Min
10
ns
tBHEL
tFHEL
BYTE# High to CE# Low
Min
10
ns
tBLQV
tFLQV
BYTE# Low to Output High-Z (Note 1)
Max
1
µs
tBHQV
tFHQV
BYTE# High to Output Delay
Max
1
µs


Numéro de pièce similaire - S29GL01GT13TFNyyxx

FabricantNo de pièceFiches techniqueDescription
logo
SPANSION
S29GL01GP SPANSION-S29GL01GP Datasheet
2Mb / 77P
   3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GL01GP SPANSION-S29GL01GP Datasheet
2Mb / 81P
   1 Gigabit, 512 Megabit, 256 Megabit and 128 Megabit 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GL01GP SPANSION-S29GL01GP Datasheet
2Mb / 81P
   1 Gigabit, 512 Megabit, 256 Megabit and 128 Megabit 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GL01GP SPANSION-S29GL01GP Datasheet
2Mb / 81P
   1 Gigabit, 512 Megabit, 256 Megabit and 128 Megabit 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GL01GP SPANSION-S29GL01GP Datasheet
2Mb / 81P
   1 Gigabit, 512 Megabit, 256 Megabit and 128 Megabit 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
More results

Description similaire - S29GL01GT13TFNyyxx

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
S29GL01GS CYPRESS-S29GL01GS Datasheet
1Mb / 108P
   1-Gbit (128 Mbyte)/512-Mbit (64 Mbyte)/256-Mbit (32 Mbyte)/128-Mbit (16 Mbyte),3.0 V, GL-S Flash Memory
logo
Renesas Technology Corp
HB28K032MM3 RENESAS-HB28K032MM3 Datasheet
526Kb / 91P
   MultiMediaCard 32 MByte/64 MByte/128 MByte/256 MByte/512 MByte
logo
Cypress Semiconductor
S26KL512S CYPRESS-S26KL512S Datasheet
8Mb / 98P
   512 Mbit (64 Mbyte), 256 Mbit (32 Mbyte), 128 Mbit (16 Mbyte) 1.8V/3.0V
logo
Numonyx B.V
SMSXXXAF NUMONYX-SMSXXXAF Datasheet
1Mb / 61P
   64 MByte, 128 MByte, 256 MByte 512 MByte and 1 GByte, 3.3V Supply Secure Digital??Card
logo
Renesas Technology Corp
HB28H016MM2 RENESAS-HB28H016MM2 Datasheet
497Kb / 90P
   MultiMediaCard 16 MByte/32 MByte/64 MByte/128 MByte
logo
Hitachi Semiconductor
HB28D032MM2 HITACHI-HB28D032MM2 Datasheet
329Kb / 88P
   MultiMediaCard 16 Mbyte/32 Mbyte/64 Mbyte/128 MByte
logo
Numonyx B.V
SMCXXXAF NUMONYX-SMCXXXAF Datasheet
1Mb / 82P
   32 Mbyte, 64 Mbyte, 128 Mbyte, 256 Mbyte and 512 Mbyte 3.3 V / 5 V supply CompactFlash??card
logo
Cypress Semiconductor
S70FL01GS CYPRESS-S70FL01GS Datasheet
355Kb / 19P
   1 Gbit (128 Mbyte) 3.0V SPI Flash
S25FL116K CYPRESS-S25FL116K Datasheet
3Mb / 90P
   16 Mbit (2 Mbyte), 32 Mbit (4 Mbyte), 64 Mbit (8 Mbyte) 3.0V SPI Flash Memory
logo
SPANSION
S25FL512SAGMFI010 SPANSION-S25FL512SAGMFI010 Datasheet
1Mb / 140P
   512 Mbit (64 Mbyte) MirrorBit짰 Flash Non-Volatile Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com