Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

S29GL01GT13TFNyyxx Datasheet(Fiches technique) 66 Page - Cypress Semiconductor

Numéro de pièce S29GL01GT13TFNyyxx
Description  1 Gbit (128 Mbyte), 512 Mbit (64 Mbyte)
Télécharger  105 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S29GL01GT13TFNyyxx Datasheet(HTML) 66 Page - Cypress Semiconductor

Back Button S29GL01GT13TFNyyxx Datenblatt HTML 62Page - Cypress Semiconductor S29GL01GT13TFNyyxx Datenblatt HTML 63Page - Cypress Semiconductor S29GL01GT13TFNyyxx Datenblatt HTML 64Page - Cypress Semiconductor S29GL01GT13TFNyyxx Datenblatt HTML 65Page - Cypress Semiconductor S29GL01GT13TFNyyxx Datasheet HTML 66Page - Cypress Semiconductor S29GL01GT13TFNyyxx Datenblatt HTML 67Page - Cypress Semiconductor S29GL01GT13TFNyyxx Datenblatt HTML 68Page - Cypress Semiconductor S29GL01GT13TFNyyxx Datenblatt HTML 69Page - Cypress Semiconductor S29GL01GT13TFNyyxx Datenblatt HTML 70Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 105 page
background image
Document Number: 002-00247 Rev. *G
Page 66 of 105
S29GL01GT, S29GL512T
10.4
Operating Ranges
10.4.1 Temperature Ranges
10.4.2 Power Supply Voltages
Note:
1. Operating ranges define those limits between which the functionality of the device is guaranteed.
10.4.3 Power-Up and Power-Down
During power-up or power-down VCC must always be greater than or equal to VIO (VCC  VIO).
The device ignores all inputs until a time delay of tVCS has elapsed after the moment that VCC and VIO both rise above, and stay
above, the minimum VCC and VIO thresholds. During tVCS the device is performing power on reset operations.
During power-down or voltage drops below VCC Lockout maximum (VLKO), the VCC and VIO voltages must drop below VCC Reset
(VRST) minimum for a period of tPD for the part to initialize correctly when VCC and VIO again rise to their operating ranges. See
Figure 10.2 on page 67. If during a voltage drop the VCC stays above VLKO maximum the part will stay initialized and will work
correctly when VCC is again above VCC minimum. If the part locks up from improper initialization, a hardware reset can be used to
initialize the part correctly.
Normal precautions must be taken for supply decoupling to stabilize the VCC and VIO power supplies. Each device in a system
should have the VCC and VIO power supplies decoupled by a suitable capacitor close to the package connections (this capacitor is
generally on the order of 0.1 µF). At no time should VIO be greater then 200 mV above VCC (VCC  VIO - 200 mV).
Note:
1. Not 100% tested.
Parameter
Symbol
Devices
Spec
Unit
Min
Max
Ambient Temperature
TA
Industrial (I)
40
+85
°C
Industrial Plus (V)
40
+105
Extended (N)
40
+125
Automotive, AEC-Q100 Grade 3 (A)
40
+85
Automotive, AEC-Q100 Grade 2 (B)
40
+105
VCC
2.7V to 3.6V
VIO
1.65V to VCC + 200 mV
Table 10.3 Power-Up/Power-Down Voltage and Timing
Symbol
Parameter
Min
Max
Unit
VCC
VCC Power Supply
2.7
3.6
V
VLKO
VCC level below which re-initialization is required (Note 1)
2.5
V
VRST
VCC and VIO Low voltage needed to ensure initialization will occur
(Note 1)
1.0
V
tVCS
VCC and VIO  minimum to first access (Note 1)
300
µs
tPD
Duration of VCC  VRST(min) (Note 1)
15
µs


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn