Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

S29GL01GT13TFNyyxx Datasheet(Fiches technique) 65 Page - Cypress Semiconductor

Numéro de pièce S29GL01GT13TFNyyxx
Description  1 Gbit (128 Mbyte), 512 Mbit (64 Mbyte)
Télécharger  105 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo 

S29GL01GT13TFNyyxx Datasheet(HTML) 65 Page - Cypress Semiconductor

Zoom Inzoom in Zoom Outzoom out
 65 / 105 page
background image
Document Number: 002-00247 Rev. *G
Page 65 of 105
S29GL01GT, S29GL512T
10. Electrical Specifications
10.1
Absolute Maximum Ratings
Notes:
1. Minimum DC voltage on input or I/O pins is -0.5V. During voltage transitions, input or I/O pins may undershoot VSS to -2.0V for periods of up to 20 ns. See Figure 10.3
on page 67. Maximum DC voltage on input or I/O pins is VCC +0.5V. During voltage transitions, input or I/O pins may overshoot to VCC +2.0V for periods up to 20 ns.
See Figure 10.4 on page 68.
2. No more than one output may be shorted to ground at a time. Duration of the short circuit should not be greater than one second.
3. Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational sections of this data sheet is not implied. Exposure of the device to absolute maximum
rating conditions for extended periods may affect device reliability.
10.2
Thermal Resistance
10.3
Latchup Characteristics
This product complies with JEDEC standard JESD78C latchup testing requirements.
Table 10.1 Absolute Maximum Ratings
Storage Temperature Plastic Packages
65°C to +150°C
Ambient Temperature with Power Applied
65°C to +125°C
Voltage with Respect to Ground
All pins other than RESET# (Note 1)
0.5V to (VIO + 0.5V)
RESET# (Note 1)
0.5V to (VCC + 0.5V)
Output Short Circuit Current (Note 2)
100 mA
VCC
0.5V to +4.0V
VIO
0.5V to +4.0V
ACC
0.5V to +12.5V
Table 10.2 Thermal Resistance
Parameter
Description
LAE064
TS056
LAA064
VBU056
Unit
Theta JA
Thermal resistance (junction to ambient)
39
84
39
39
°C/W


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn