Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AUIRL1404L Fiches technique(PDF) 11 Page - Infineon Technologies AG

No de pièce AUIRL1404L
Description  AUTOMOTIVE GRADE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INFINEON [Infineon Technologies AG]
Site Internet  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

AUIRL1404L Fiches technique(HTML) 11 Page - Infineon Technologies AG

Back Button AUIRL1404L Datasheet HTML 3Page - Infineon Technologies AG AUIRL1404L Datasheet HTML 4Page - Infineon Technologies AG AUIRL1404L Datasheet HTML 5Page - Infineon Technologies AG AUIRL1404L Datasheet HTML 6Page - Infineon Technologies AG AUIRL1404L Datasheet HTML 7Page - Infineon Technologies AG AUIRL1404L Datasheet HTML 8Page - Infineon Technologies AG AUIRL1404L Datasheet HTML 9Page - Infineon Technologies AG AUIRL1404L Datasheet HTML 10Page - Infineon Technologies AG AUIRL1404L Datasheet HTML 11Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
 
AUIRL1404S/L
11
2015-10-27
 
† Highest passing voltage.
Published by
Infineon Technologies AG
81726 München, Germany
© Infineon Technologies AG 2015
All Rights Reserved.
IMPORTANT NOTICE
The information given in this document shall in no event be regarded as a guarantee of conditions or characteristics
(“Beschaffenheitsgarantie”). With respect to any examples, hints or any typical values stated herein and/or any
information regarding the application of the product, Infineon Technologies hereby disclaims any and all warranties and
liabilities of any kind, including without limitation warranties of non-infringement of intellectual property rights of any third
party.
In addition, any information given in this document is subject to customer’s compliance with its obligations stated in this
document and any applicable legal requirements, norms and standards concerning customer’s products and any use of
the product of Infineon Technologies in customer’s applications.
The data contained in this document is exclusively intended for technically trained staff. It is the responsibility of
customer’s technical departments to evaluate the suitability of the product for the intended application and the
completeness of the product information given in this document with respect to such application.
For further information on the product, technology, delivery terms and conditions and prices please contact your nearest
Infineon Technologies office (www.infineon.com).
WARNINGS
Due to technical requirements products may contain dangerous substances. For information on the types in question
please contact your nearest Infineon Technologies office.
Except as otherwise explicitly approved by Infineon Technologies in a written document signed by authorized
representatives of Infineon Technologies, Infineon Technologies’ products may not be used in any applications where a
failure of the product or any consequences of the use thereof can reasonably be expected to result in personal injury.
Qualification Information
Qualification Level
Automotive
(per AEC-Q101)
Comments: This part number(s) passed Automotive qualification. Infineon’s
Industrial and Consumer qualification level is granted by extension of the higher
Automotive level.
D2-Pak
MSL1
TO-262
ESD
Machine Model
Class M4 (+/- 800V)
AEC-Q101-002
Human Body Model  
Class H2 (+/- 4000V)
AEC-Q101-001
Charged Device Model
Class C5 (+/- 2000V)
AEC-Q101-005
RoHS Compliant
Yes
 Moisture Sensitivity Level
 
Revision History
Date
Comments
10/27/2015
 Updated datasheet with corporate template
 Corrected ordering table on page 1.


Numéro de pièce similaire - AUIRL1404L

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
AUIRL1404L IRF-AUIRL1404L Datasheet
256Kb / 13P
   AUTOMOTIVE GRADE
More results

Description similaire - AUIRL1404L

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
AUIRFZ48Z IRF-AUIRFZ48Z Datasheet
258Kb / 14P
   AUTOMOTIVE GRADE
logo
Kersemi Electronic Co.,...
IRFR4105ZTRL KERSEMI-IRFR4105ZTRL Datasheet
4Mb / 12P
   AUTOMOTIVE GRADE
logo
International Rectifier
AUIRLR3105 IRF-AUIRLR3105 Datasheet
632Kb / 13P
   AUTOMOTIVE GRADE
logo
Infineon Technologies A...
AUIRF9952Q INFINEON-AUIRF9952Q Datasheet
329Kb / 11P
   AUTOMOTIVE GRADE
2015-10-5
AUIRF7379Q INFINEON-AUIRF7379Q Datasheet
355Kb / 11P
   AUTOMOTIVE GRADE
2015-9-30
AUIRF7341Q INFINEON-AUIRF7341Q Datasheet
427Kb / 10P
   AUTOMOTIVE GRADE
2015-9-30
AUIRF7319Q INFINEON-AUIRF7319Q Datasheet
371Kb / 11P
   AUTOMOTIVE GRADE
2015-9-30
AUIRF7304Q INFINEON-AUIRF7304Q Datasheet
523Kb / 9P
   AUTOMOTIVE GRADE
2015-11-16
logo
List of Unclassifed Man...
AUIRF1324 ETC2-AUIRF1324 Datasheet
438Kb / 11P
   AUTOMOTIVE GRADE
logo
International Rectifier
AUIRS2123S IRF-AUIRS2123S Datasheet
324Kb / 18P
   Automotive Grade
AUIRF2903Z IRF-AUIRF2903Z Datasheet
211Kb / 12P
   AUTOMOTIVE GRADE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com