Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

S29GL01GT11FAIyyx Datasheet(Fiches technique) 34 Page - Cypress Semiconductor

Numéro de pièce S29GL01GT11FAIyyx
Description  1 Gbit (128 Mbyte), 512 Mbit (64 Mbyte)
Télécharger  105 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo 

S29GL01GT11FAIyyx Datasheet(HTML) 34 Page - Cypress Semiconductor

Zoom Inzoom in Zoom Outzoom out
 34 / 105 page
background image
Document Number: 002-00247 Rev. *G
Page 34 of 105
S29GL01GT, S29GL512T
5.4.9.6
Password ASO
The system can access the Password ASO by issuing the Password entry command sequence during Read Mode. This entry
command does not use a sector address from the entry command. The Password appears at word locations 0 to 3 in the device
address space. All other locations in the device address space are undefined.
The Password ASO allows the following activities:
Read Password, using device address location 0 to 3 (if not locked).
Program the Password using a modified Word Programming command.
Unlock the PPB Lock bit with the Password Unlock command.
ASO Exit using legacy Command Set Exit command for backward software compatibility.
ASO Exit using the common exit command for all ASO — alternative for a consistent exit method.
5.4.9.7
PPB ASO
The system can access the PPB ASO by issuing the PPB entry command sequence during Read Mode. This entry command does
not use a sector address from the entry command. The PPB bit for a sector appears in bit 0 of all word locations in the sector.
The PPB ASO allows the following activities:
Read PPB protection status of a sector in bit 0 of any word in the sector.
Program the PPB bit using a modified Word Programming command.
Erase all PPB bits with the PPB erase command.
ASO Exit using legacy Command Set Exit command for backward software compatibility.
ASO Exit using the common exit command for all ASO — alternative for a consistent exit method.
5.4.9.8
PPB Lock ASO
The system can access the PPB Lock ASO by issuing the PPB Lock entry command sequence during Read Mode. This entry
command does not use a sector address from the entry command. The global PPB Lock bit appears in bit 0 of all word locations in
the device.
The PPB Lock ASO allows the following activities:
Read PPB Lock protection status in bit 0 of any word in the device address space.
Set the PPB Lock bit using a modified Word Programming command.
ASO Exit using legacy Command Set Exit command for backward software compatibility.
ASO Exit using the common exit command for all ASO — alternative for a consistent exit method.
5.4.9.9
DYB ASO
The system can access the DYB ASO by issuing the DYB entry command sequence during Read Mode. This entry command does
not use a sector address from the entry command. The DYB bit for a sector appears in bit 0 of all word locations in the sector.
The DYB ASO allows the following activities:
Read DYB protection status of a sector in bit 0 of any word in the sector.
Set the DYB bit using a modified Word Programming command.
Clear the DYB bit using a modified Word Programming command.
ASO Exit using legacy Command Set Exit command for backward software compatibility.
ASO Exit using the common exit command for all ASO — alternative for a consistent exit method.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn