Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

S29GL01GT10FHIyyx Fiches technique(PDF) 45 Page - Cypress Semiconductor

No de pièce S29GL01GT10FHIyyx
Description  1 Gbit (128 Mbyte), 512 Mbit (64 Mbyte)
Download  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S29GL01GT10FHIyyx Fiches technique(HTML) 45 Page - Cypress Semiconductor

Back Button S29GL01GT10FHIyyx Datasheet HTML 41Page - Cypress Semiconductor S29GL01GT10FHIyyx Datasheet HTML 42Page - Cypress Semiconductor S29GL01GT10FHIyyx Datasheet HTML 43Page - Cypress Semiconductor S29GL01GT10FHIyyx Datasheet HTML 44Page - Cypress Semiconductor S29GL01GT10FHIyyx Datasheet HTML 45Page - Cypress Semiconductor S29GL01GT10FHIyyx Datasheet HTML 46Page - Cypress Semiconductor S29GL01GT10FHIyyx Datasheet HTML 47Page - Cypress Semiconductor S29GL01GT10FHIyyx Datasheet HTML 48Page - Cypress Semiconductor S29GL01GT10FHIyyx Datasheet HTML 49Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 105 page
background image
Document Number: 002-00247 Rev. *G
Page 45 of 105
S29GL01GT, S29GL512T
Notes:
1. Not 100% tested.
2. Typical program and erase times assume the following conditions: 25°C, 3.0V VCC, 10,000 cycle, and a random data pattern.
3. Effective write buffer specification is based upon a 512-byte write buffer operation.
4. 512-byte load is not supported in x8 mode.
5. In the pre-programming step of the Embedded Erase algorithm, all words are programmed to 0000h before Sector and Chip erasure.
6. System-level overhead is the time required to execute the bus-cycle sequence for the program command. See Table 7.1, Command Definitions x16 on page 48 for
further information on command definitions.
Table 5.8 Embedded Algorithm Characteristics (
40 °C to +105 °C)
Parameter
Min
Typ
(Note 2)
Max (Note 3)
Unit
Comments
Sector Erase Time 128 kbyte
535
3500
ms
Includes pre-programming prior to erasure (Note 7)
Chip Erase
GL512T
274
1792
(Note 1)
s
GL01GT
548
3584
(Note 1)
Single Word Programming Time (Note 1)
160
1050
µs
Buffer Programming Time
2-byte (Note 1)
160
1050
µs
32-byte (Note 1)
195
1050
64-byte (Note 1)
219
1050
128-byte
(Note 1)
258
1050
256-byte
(Note 1)
327
1050
512-byte
(Note 1)
451
1050
Effective Write Buffer
Program Operation per
Word
512-byte
1.76
µs
Sector Programming Time 128 kB
(full Buffer Programming)
115.4
269
ms
(Note 8)
Erase Suspend Latency (tESL)
50
µs
Program Suspend Latency (tPSL)
50
µs
Erase Resume to next Erase Suspend (tERS)
100
µs
Minimum of 60 ns but
 typical periods are needed
for Erase to progress to completion.
Program Resume to next Program Suspend
(tPRS)
100
µs
Minimum of 60 ns but
 typical periods are needed
for Program to progress to completion.
Evaluate Erase Status (tEES)25
30
µs
Blank Check
7.6
9.0
ms
NOP (Number of Program-operations, per
Line)
1 per 16
word


Numéro de pièce similaire - S29GL01GT10FHIyyx

FabricantNo de pièceFiches techniqueDescription
logo
SPANSION
S29GL01GP SPANSION-S29GL01GP Datasheet
2Mb / 77P
   3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GL01GP SPANSION-S29GL01GP Datasheet
2Mb / 81P
   1 Gigabit, 512 Megabit, 256 Megabit and 128 Megabit 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GL01GP SPANSION-S29GL01GP Datasheet
2Mb / 81P
   1 Gigabit, 512 Megabit, 256 Megabit and 128 Megabit 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GL01GP SPANSION-S29GL01GP Datasheet
2Mb / 81P
   1 Gigabit, 512 Megabit, 256 Megabit and 128 Megabit 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GL01GP SPANSION-S29GL01GP Datasheet
2Mb / 81P
   1 Gigabit, 512 Megabit, 256 Megabit and 128 Megabit 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
More results

Description similaire - S29GL01GT10FHIyyx

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
S29GL01GS CYPRESS-S29GL01GS Datasheet
1Mb / 108P
   1-Gbit (128 Mbyte)/512-Mbit (64 Mbyte)/256-Mbit (32 Mbyte)/128-Mbit (16 Mbyte),3.0 V, GL-S Flash Memory
logo
Renesas Technology Corp
HB28K032MM3 RENESAS-HB28K032MM3 Datasheet
526Kb / 91P
   MultiMediaCard 32 MByte/64 MByte/128 MByte/256 MByte/512 MByte
logo
Cypress Semiconductor
S26KL512S CYPRESS-S26KL512S Datasheet
8Mb / 98P
   512 Mbit (64 Mbyte), 256 Mbit (32 Mbyte), 128 Mbit (16 Mbyte) 1.8V/3.0V
logo
Numonyx B.V
SMSXXXAF NUMONYX-SMSXXXAF Datasheet
1Mb / 61P
   64 MByte, 128 MByte, 256 MByte 512 MByte and 1 GByte, 3.3V Supply Secure Digital??Card
logo
Renesas Technology Corp
HB28H016MM2 RENESAS-HB28H016MM2 Datasheet
497Kb / 90P
   MultiMediaCard 16 MByte/32 MByte/64 MByte/128 MByte
logo
Hitachi Semiconductor
HB28D032MM2 HITACHI-HB28D032MM2 Datasheet
329Kb / 88P
   MultiMediaCard 16 Mbyte/32 Mbyte/64 Mbyte/128 MByte
logo
Numonyx B.V
SMCXXXAF NUMONYX-SMCXXXAF Datasheet
1Mb / 82P
   32 Mbyte, 64 Mbyte, 128 Mbyte, 256 Mbyte and 512 Mbyte 3.3 V / 5 V supply CompactFlash??card
logo
Cypress Semiconductor
S70FL01GS CYPRESS-S70FL01GS Datasheet
355Kb / 19P
   1 Gbit (128 Mbyte) 3.0V SPI Flash
S25FL116K CYPRESS-S25FL116K Datasheet
3Mb / 90P
   16 Mbit (2 Mbyte), 32 Mbit (4 Mbyte), 64 Mbit (8 Mbyte) 3.0V SPI Flash Memory
logo
SPANSION
S25FL512SAGMFI010 SPANSION-S25FL512SAGMFI010 Datasheet
1Mb / 140P
   512 Mbit (64 Mbyte) MirrorBit짰 Flash Non-Volatile Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com