Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

S29GL512T Fiches technique(PDF) 23 Page - Cypress Semiconductor

No de pièce S29GL512T
Description  1 Gbit (128 Mbyte), 512 Mbit (64 Mbyte)
Download  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S29GL512T Fiches technique(HTML) 23 Page - Cypress Semiconductor

Back Button S29GL512T Datasheet HTML 19Page - Cypress Semiconductor S29GL512T Datasheet HTML 20Page - Cypress Semiconductor S29GL512T Datasheet HTML 21Page - Cypress Semiconductor S29GL512T Datasheet HTML 22Page - Cypress Semiconductor S29GL512T Datasheet HTML 23Page - Cypress Semiconductor S29GL512T Datasheet HTML 24Page - Cypress Semiconductor S29GL512T Datasheet HTML 25Page - Cypress Semiconductor S29GL512T Datasheet HTML 26Page - Cypress Semiconductor S29GL512T Datasheet HTML 27Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 105 page
background image
Document Number: 002-00247 Rev. *G
Page 23 of 105
S29GL01GT, S29GL512T
5.4.1.2
Write Buffer Programming
A write buffer is used to program data within a 512-byte address range aligned on a 512-byte boundary (Line). Thus, a full Write
Buffer Programming operation must be aligned on a Line boundary. Programming operations of less than a full 512 bytes may start
on any word boundary but may not cross a Line boundary. At the start of a Write Buffer programming operation all bit locations in the
buffer are all 1’s (FFFFh words) thus any locations not loaded will retain the existing data. See Product Overview on page 4 for
information on address map.
Write Buffer Programming allows up to 512 bytes to be programmed in one operation. It is possible to program from 1 bit up to 512
bytes in each Write Buffer Programming operation. It is recommended that a multiple of Pages be written and each Page written only
once. For the very best performance, programming should be done in full Lines of 512 bytes aligned on 512-byte boundaries.
Write Buffer Programming is supported only in the main flash array or the SSR ASO.
The Write Buffer Programming operation is initiated by first writing two unlock cycles. This is followed by a third write cycle of the
Write to Buffer command with the Sector Address (SA), in which programming is to occur. Next, the system writes the number of
word locations minus 1. This tells the device how many write buffer addresses are loaded with data and therefore when to expect the
Program Buffer to flash confirm command. The Sector Address must match in the Write to Buffer command and the Write Word
Count command. The Sector to be programmed must be unlocked (unprotected).
The system then writes the starting address / data combination. This starting address is the first address / data pair to be
programmed, and selects the write-buffer-Line address. The Sector address must match the Write to Buffer Sector Address or the
operation will abort and goes to the Abort state. All subsequent address / data pairs must be in sequential order. All write buffer
addresses must be within the same Line. If the system attempts to load data outside this range, the operation will abort and go to the
Abort state.
The counter decrements for each data load operation. Note that while counting down the data writes, every write is considered to be
data being loaded into the write buffer. No commands are possible during the write buffer loading period. The only way to stop
loading the write buffer is to write with an address that is outside the Line of the programming operation. This invalid address will
immediately abort the Write to Buffer command.
Once the specified number of write buffer locations has been loaded, the system must then write the Program Buffer to Flash
command at the Sector Address. The device then goes busy. The Embedded Program algorithm automatically programs and
verifies the data for the correct data pattern. The system is not required to provide any controls or timings during these operations. If
an incorrect number of write buffer locations have been loaded the operation will abort and goes to the Abort state. The abort occurs
when anything other than the Program Buffer to Flash is written when that command is expected at the end of the word count.
The write-buffer embedded programming operation can be suspended using the Program Suspend command. When the Embedded
Program algorithm is complete, the EAC then returns to the EAC standby or Erase Suspend standby state where the programming
operation was started.
The system can determine the status of the program operation by using Data Polling Status, reading the Status Register, or
monitoring the RY/BY# output. See Status Register on page 36 for information on these status bits. See Data Polling Status
on page 37 for information on these status bits. See Figure 5.2 on page 24 for a diagram of the programming operation.
The Write Buffer Programming Sequence will be aborted under the following conditions:
Load a Word Count value greater than the buffer size (255).
Write an address that is outside the Line provided in the Write to Buffer command.
The Program Buffer to Flash command is not issued after the Write Word Count number of data words is loaded.
When any of the conditions that cause an abort of write buffer command occur the abort will happen immediately after the offending
condition, and will indicate a Program Fail in the Status Register at bit location 4 (PSB = 1) due to Write Buffer Abort bit location 3
(WBASB = 1). The next successful program operation will clear the failure status or a Clear Status Register may be issued to clear
the PSB status bit.
The Write Buffer Programming Sequence can be stopped by the following: Hardware Reset or Power cycle. However, these using
either of these methods may leave the area being programmed in an intermediate state with invalid or unstable data values. In this
case the same area will need to be reprogrammed with the same data or erased to ensure data values are properly programmed or
erased.


Numéro de pièce similaire - S29GL512T

FabricantNo de pièceFiches techniqueDescription
logo
SPANSION
S29GL512N SPANSION-S29GL512N Datasheet
2Mb / 110P
   MirrorBit Flash Family
logo
Cypress Semiconductor
S29GL512N CYPRESS-S29GL512N Datasheet
1Mb / 92P
   512, 256, 128 Mbit, 3 V, Page Flash Featuring 110 nm MirrorBit
logo
SPANSION
S29GL512N10FAI010 SPANSION-S29GL512N10FAI010 Datasheet
2Mb / 100P
   3.0 Volt-only Page Mode Flash Memory featuring 110 nm MirrorBit??Process Technology
S29GL512N10FAI012 SPANSION-S29GL512N10FAI012 Datasheet
2Mb / 100P
   3.0 Volt-only Page Mode Flash Memory featuring 110 nm MirrorBit??Process Technology
S29GL512N10FAI013 SPANSION-S29GL512N10FAI013 Datasheet
2Mb / 100P
   3.0 Volt-only Page Mode Flash Memory featuring 110 nm MirrorBit??Process Technology
More results

Description similaire - S29GL512T

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
S29GL01GS CYPRESS-S29GL01GS Datasheet
1Mb / 108P
   1-Gbit (128 Mbyte)/512-Mbit (64 Mbyte)/256-Mbit (32 Mbyte)/128-Mbit (16 Mbyte),3.0 V, GL-S Flash Memory
logo
Renesas Technology Corp
HB28K032MM3 RENESAS-HB28K032MM3 Datasheet
526Kb / 91P
   MultiMediaCard 32 MByte/64 MByte/128 MByte/256 MByte/512 MByte
logo
Cypress Semiconductor
S26KL512S CYPRESS-S26KL512S Datasheet
8Mb / 98P
   512 Mbit (64 Mbyte), 256 Mbit (32 Mbyte), 128 Mbit (16 Mbyte) 1.8V/3.0V
logo
Numonyx B.V
SMSXXXAF NUMONYX-SMSXXXAF Datasheet
1Mb / 61P
   64 MByte, 128 MByte, 256 MByte 512 MByte and 1 GByte, 3.3V Supply Secure Digital??Card
logo
Renesas Technology Corp
HB28H016MM2 RENESAS-HB28H016MM2 Datasheet
497Kb / 90P
   MultiMediaCard 16 MByte/32 MByte/64 MByte/128 MByte
logo
Hitachi Semiconductor
HB28D032MM2 HITACHI-HB28D032MM2 Datasheet
329Kb / 88P
   MultiMediaCard 16 Mbyte/32 Mbyte/64 Mbyte/128 MByte
logo
Numonyx B.V
SMCXXXAF NUMONYX-SMCXXXAF Datasheet
1Mb / 82P
   32 Mbyte, 64 Mbyte, 128 Mbyte, 256 Mbyte and 512 Mbyte 3.3 V / 5 V supply CompactFlash??card
logo
Cypress Semiconductor
S70FL01GS CYPRESS-S70FL01GS Datasheet
355Kb / 19P
   1 Gbit (128 Mbyte) 3.0V SPI Flash
S25FL116K CYPRESS-S25FL116K Datasheet
3Mb / 90P
   16 Mbit (2 Mbyte), 32 Mbit (4 Mbyte), 64 Mbit (8 Mbyte) 3.0V SPI Flash Memory
logo
SPANSION
S25FL512SAGMFI010 SPANSION-S25FL512SAGMFI010 Datasheet
1Mb / 140P
   512 Mbit (64 Mbyte) MirrorBit짰 Flash Non-Volatile Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com